Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

RN2402 Datasheet(PDF) 2 Page - Toshiba Semiconductor

Part # RN2402
Description  Switching, Inverter Circuit, Interface Circuit And Driver Circuit Applications
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

RN2402 Datasheet(HTML) 2 Page - Toshiba Semiconductor

  RN2402 Datasheet HTML 1Page - Toshiba Semiconductor RN2402 Datasheet HTML 2Page - Toshiba Semiconductor RN2402 Datasheet HTML 3Page - Toshiba Semiconductor RN2402 Datasheet HTML 4Page - Toshiba Semiconductor RN2402 Datasheet HTML 5Page - Toshiba Semiconductor RN2402 Datasheet HTML 6Page - Toshiba Semiconductor RN2402 Datasheet HTML 7Page - Toshiba Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
RN2401,RN2402,RN2403,RN2404,RN2405,RN2406
2001-06-07
2
Electrical Characteristics (Ta = 25
°°°°C)
Characteristic
Symbol
Test
Circuit
Test Condition
Min
Typ.
Max
Unit
ICBO
VCB = −50V, IE = 0
−100
Collector cut-off current
RN2401~2406
ICEO
VCE = −50V, IB = 0
−500
nA
RN2401
−0.82
−1.52
RN2402
−0.38
−0.71
RN2403
−0.17
−0.33
RN2404
VEB = −10V, IC = 0
−0.082
−0.15
RN2405
−0.078
−0.145
Emitter cut-off current
RN2406
IEBO
VEB = −5V, IC = 0
−0.074
−0.138
mA
RN2401
30
RN2402
50
RN2403
70
RN2404
80
RN2405
80
DC current gain
RN2406
hFE
VCE = −5V
IC = −10mA
80
Collector-emitter
saturation voltage
RN2401~2406
VCE (sat)
IC = −5mA
IB = −0.25mA
−0.1
−0.3
V
RN2401
−1.1
−2.0
RN2402
−1.2
−2.4
RN2403
−1.3
−3.0
RN2404
−1.5
−5.0
RN2405
−0.6
−1.1
Input voltage (ON)
RN2406
VI (ON)
VCE = −0.2V
IC = −5mA
−0.7
−1.3
V
RN2401~2404
−1.0
−1.5
Input voltage (OFF)
RN2405, 2406
VI (OFF)
VCE = −5V,
IC = −0.1mA
−0.5
−0.8
V
Translation frequency
RN2401~2406
fT
VCE = −10V,
IC = −5mA
200
MHz
Collector output
capacitance
RN2401~2406
Cob
VCB = −10V, IE = 0
f = 1MHz
3
6
pF
RN2401
3.29
4.7
6.11
RN2402
7
10
13
RN2403
15.4
22
28.6
RN2404
32.9
47
61.1
RN2405
1.54
2.2
2.86
Input resistor
RN2406
R1
3.29
4.7
6.11
kΩ
RN2401~2404
0.9
1.0
1.1
RN2405
0.0421
0.0468
0.0515
Resistor ratio
RN2406
R1/R2
0.09
0.1
0.11


Similar Part No. - RN2402

ManufacturerPart #DatasheetDescription
logo
Foshan Blue Rocket Elec...
RN2405 FOSHAN-RN2405 Datasheet
777Kb / 6P
   Silicon PNP transistor in a SOT-23 Plastic Package
logo
Toshiba Semiconductor
RN2407 TOSHIBA-RN2407 Datasheet
170Kb / 6P
   TOSHIBA Transistor Silicon PNP Epitaxial Type (PCT Process)
RN2408 TOSHIBA-RN2408 Datasheet
170Kb / 6P
   TOSHIBA Transistor Silicon PNP Epitaxial Type (PCT Process)
RN2409 TOSHIBA-RN2409 Datasheet
170Kb / 6P
   TOSHIBA Transistor Silicon PNP Epitaxial Type (PCT Process)
More results

Similar Description - RN2402

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
RN2201 TOSHIBA-RN2201 Datasheet
260Kb / 6P
   Switching, Inverter Circuit, Interface Circuit And Driver Circuit Applications
RN4983 TOSHIBA-RN4983 Datasheet
152Kb / 6P
   Switching, Inverter Circuit, Interface Circuit And Driver Circuit Applications
RN1701 TOSHIBA-RN1701 Datasheet
258Kb / 7P
   Switching, Inverter Circuit, Interface Circuit And Driver Circuit Applications
RN1107 TOSHIBA-RN1107 Datasheet
175Kb / 6P
   Switching, Inverter Circuit, Interface Circuit And Driver Circuit Applications
RN1401 TOSHIBA-RN1401 Datasheet
253Kb / 7P
   Switching, Inverter Circuit, Interface Circuit And Driver Circuit Applications
RN47A5 TOSHIBA-RN47A5_07 Datasheet
283Kb / 7P
   Switching, Inverter Circuit, Interface Circuit and Driver Circuit Applications.
RN1110F TOSHIBA-RN1110F Datasheet
159Kb / 5P
   Switching, Inverter Circuit, Interface Circuit And Driver Circuit Applications
RN47A4 TOSHIBA-RN47A4_07 Datasheet
301Kb / 7P
   Switching, Inverter Circuit, Interface Circuit and Driver Circuit Applications.
RN47A3 TOSHIBA-RN47A3_07 Datasheet
284Kb / 7P
   Switching, Inverter Circuit, Interface Circuit and Driver Circuit Applications
RN1410 TOSHIBA-RN1410_07 Datasheet
260Kb / 5P
   Switching, Inverter Circuit, Interface Circuit And Driver Circuit Applications
RN1210 TOSHIBA-RN1210_07 Datasheet
252Kb / 4P
   Switching, Inverter Circuit, Interface Circuit And Driver Circuit Applications
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com