Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PT6445A Datasheet(PDF) 1 Page - Texas Instruments

Part # PT6445A
Description  6-A 5-V/3.3-V Input Adjustable Integrated Switching Regulator
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

PT6445A Datasheet(HTML) 1 Page - Texas Instruments

  PT6445A Datasheet HTML 1Page - Texas Instruments PT6445A Datasheet HTML 2Page - Texas Instruments PT6445A Datasheet HTML 3Page - Texas Instruments PT6445A Datasheet HTML 4Page - Texas Instruments PT6445A Datasheet HTML 5Page - Texas Instruments PT6445A Datasheet HTML 6Page - Texas Instruments PT6445A Datasheet HTML 7Page - Texas Instruments PT6445A Datasheet HTML 8Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
For technical support and more information, see inside back cover or visit www.ti.com
Standard Application
Pin-Out Information
Pin
Function
1
Inhibit *
2Vin
3Vin
4Vin
5
GND
6
GND
7
GND
8
GND
9Vout
10
Vout
11
Vout
12
Vout Adj *
* For further information, see
application notes.
Description
The PT6440 Excalibur™ power modules
are a series of high performance Integrated
Switching Regulators (ISRs), housed in a
thermally efficient solderable copper case.
These modules operate from input voltages
as low as 3.1V to produce a high-output low-
voltage power source; ideal for powering the
industry’s latest DSP and microprocessors.
The series includes standard output bus
voltages as low as 1.0VDC.
The innovative copper case construction
provides superior thermal performance in a
small footprint. Both through-hole and
surface mount pin configurations are avail-
able. The PT6440 series operating features
include external output voltage adjustment,
an On/Off inhibit, and short-circuit protection.
A 100µF input, and 330µF output capacitor
are required for proper operation.
PT Series Suffix (PT1234x )
Case/Pin
Order
Package
Configuration
Suffix
Code *
Vertical
N
(EPH)
Horizontal
A
(EPJ)
SMD
C
(EPK)
* Previously known as package styles 1540/50.
(Reference the applicable package code drawing
for the dimensions and PC board layout)
Ordering Information
PT6441
H = 3.3 Volts
† PT6442
H = 2.5 Volts
† PT6443
H = 2.0 Volts
† PT6444
H = 1.8 Volts
† PT6445
H = 1.5 Volts
† PT6446
H = 1.2 Volts
† PT6447
H = 1.0 Volts
† 3.3V Input Bus Capable
PT6440
9,10,11
12
5,6,7,8
2,3,4
V
O
(ADJ)
1
C
IN
+
C
OUT
+
+V
OUT
GND
+V
IN
GND
INH
Cin
= Required 100µF electrolytic
Cout = Required 330µF electrolytic
Features
6A Output Current
Input Voltage Range:
3.1 V to 5.5 V
90% Efficiency
Adjustable Output Voltage
Standby Function
Short Circuit Protection
Small Footprint (0.61 in2)
Solderable Copper Case
8.8 106 Hours MTBF
PT6440 Series
6-A 5-V/3.3-V Input Adjustable
Integrated Switching Regulator
SLTS133B
Revised (1/30/2002)


Similar Part No. - PT6445A

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
PT6445 TI-PT6445 Datasheet
178Kb / 8P
[Old version datasheet]   6-A 5-V/3.3-V Input Adjustable Integrated Switching Regulator
PT6445 TI1-PT6445 Datasheet
203Kb / 10P
[Old version datasheet]   6A Output Current
More results

Similar Description - PT6445A

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
PT6440 TI-PT6440 Datasheet
178Kb / 8P
[Old version datasheet]   6-A 5-V/3.3-V Input Adjustable Integrated Switching Regulator
PT5520 TI1-PT5520 Datasheet
185Kb / 9P
[Old version datasheet]   1.5-A 5-V/3.3-V Input Adjustable Integrated Switching Regulator
PT5502 TI-PT5502 Datasheet
174Kb / 2P
[Old version datasheet]   3-A 5-V/3.3-V Input Adjustable Integrated Switching Regulator
PT5521 TI-PT5521 Datasheet
164Kb / 7P
[Old version datasheet]   1.5-A 5-V/3.3-V Input Adjustable Integrated Switching Regulator
PT5810 TI-PT5810 Datasheet
202Kb / 11P
[Old version datasheet]   20-A 3.3-V Input Adjustable Integrated Switching Regulator
PT6942A TI1-PT6942A Datasheet
395Kb / 11P
[Old version datasheet]   6-A Dual Output 5-V/3.3-V Input Integrated Switching Regulator
PT6943A TI1-PT6943A Datasheet
395Kb / 11P
[Old version datasheet]   6-A Dual Output 5-V/3.3-V Input Integrated Switching Regulator
PT6470 TI-PT6470 Datasheet
289Kb / 14P
[Old version datasheet]   14-A 3.3-V Input Adjustable Integrated Switching Regulator
PT6940 TI-PT6940 Datasheet
190Kb / 9P
[Old version datasheet]   6-A Dual Output 5-V/3.3-V Input Integrated Switching Regulator
PTH04070W TI-PTH04070W_07 Datasheet
436Kb / 16P
[Old version datasheet]   3-A, 3.3/5-V INPUT ADJUSTABLE SWITCHING REGULATOR
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com