Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LT1763 Datasheet(PDF) 9 Page - Linear Technology

Part # LT1763
Description  Low Dropout Negative Micropower Regulator in ThinSOT
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT1763 Datasheet(HTML) 9 Page - Linear Technology

Back Button LT1763 Datasheet HTML 4Page - Linear Technology LT1763 Datasheet HTML 5Page - Linear Technology LT1763 Datasheet HTML 6Page - Linear Technology LT1763 Datasheet HTML 7Page - Linear Technology LT1763 Datasheet HTML 8Page - Linear Technology LT1763 Datasheet HTML 9Page - Linear Technology LT1763 Datasheet HTML 10Page - Linear Technology LT1763 Datasheet HTML 11Page - Linear Technology LT1763 Datasheet HTML 12Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 9 / 12 page
background image
LT1964
9
1964f
Bypass Capacitance and Low Noise Performance
The LT1964 may be used with the addition of a bypass
capacitor from VOUT to the BYP pin to lower output
voltage noise. A good quality low leakage capacitor is
recommended. This capacitor will bypass the reference of
the LT1964, providing a low frequency noise pole. The
noise pole provided by this bypass capacitor will lower the
output voltage noise to as low as 30
µVRMS with the
addition of a 0.01
µF bypass capacitor. Using a bypass
capacitor has the added benefit of improving transient
response. With no bypass capacitor and a 10
µF output
capacitor, a –10mA to –200mA load step will settle to
within 1% of its final value in less than 100
µs. With the
addition of a 0.01
µF bypass capacitor, the output will stay
within 1% for the same –10mA to –200mA load step (see
LT1964-5 Transient Response in the Typical Characteris-
tics section). However, regulator start-up time is inversely
proportional to the size of the bypass capacitor.
Higher values of output voltage noise may be measured
if care is not exercised with regard to circuit layout
and testing. Crosstalk from nearby traces can induce
unwanted noise onto the output of the LT1964-X.
APPLICATIO S I FOR ATIO
1964 F01
GND
ADJ
IN
OUT
LT1964
VIN
VOUT
+
R1
R2
VOUT = –1.22V(1 +
) – (IADJ)(R2)
VADJ = –1.22V
IADJ = 30nA AT 25°C
OUTPUT RANGE = –1.22V TO –20V
R2
R1
Output Capacitance and Transient Response
The LT1964 is designed to be stable with a wide range of
output capacitors. The ESR of the output capacitor affects
stability, most notably with small capacitors. A minimum
output capacitor of 1
µF with an ESR of 3Ω or less is
recommended to prevent oscillations. The LT1964 is a
micropower device and output transient response will be
a function of output capacitance. Larger values of output
capacitance decrease the peak deviations and provide
improved transient response for larger load current
changes. Bypass capacitors, used to decouple individual
components powered by the LT1964, will increase the
effective output capacitor value.
Extra consideration must be given to the use of ceramic
capacitors. Ceramic capacitors are manufactured with a
variety of dielectrics, each with different behavior across
temperature and applied voltage. The most common di-
electrics used are Z5U, Y5V, X5R, and X7R. The Z5U and
Y5V dielectrics are good for providing high capacitances
in a small package, but exhibit strong voltage and tem-
perature coefficients as shown in Figures 2 and 3. When
used with a –5V regulator, a 10
µF Y5V capacitor can
exhibit an effective value as low as 1
µF to 2µF over the
operating temperature range. The X5R and X7R dielectrics
result in more stable characteristics and are more suitable
for use as the output capacitor. The X7R type has better
stability across temperature, while the X5R is less expen-
sive and is available in higher values.
Voltage and temperature coefficients are not the only
sources of problems. Some ceramic capacitors have a
piezoelectric response. A piezoelectric device generates
voltage across its terminals due to mechanical stress,
similar to the way a piezoelectric accelerometer or micro-
phone works. For a ceramic capacitor the stress can be
induced by vibrations in the system or thermal transients.
The resulting voltages produced can cause appreciable
amounts of noise, especially when a ceramic capacitor is
used for noise bypassing. A ceramic capacitor produced
Figure 4’s trace in response to light tapping from a pencil.
Similar vibration induced behavior can masquerade as
increased output voltage noise.
Figure 1. Adjustable Operation


Similar Part No. - LT1763

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT1763 LINER-LT1763 Datasheet
278Kb / 16P
   500mA, Low Noise, LDO Micropower Regulators
LT1763 LINER-LT1763 Datasheet
433Kb / 16P
   3關A IQ, 20mA, 45V Low Dropout Fault Tolerant Linear Regulators Output Current: 20mA
LT1763 LINER-LT1763 Datasheet
251Kb / 18P
   3A, 5A, 7.5A Low Dropout Positive Fixed Regulators
LT1763 LINER-LT1763 Datasheet
208Kb / 16P
   1.1A, Low Noise, Low Dropout Linear Regulator
LT1763 LINER-LT1763 Datasheet
584Kb / 20P
   Dual 750mA/250mA Low Dropout, Low Noise, Micropower Linear Regulator
More results

Similar Description - LT1763

ManufacturerPart #DatasheetDescription
logo
Linear Dimensions Semic...
LT1175CS8PBF LINEAR_DIMENSIONS-LT1175CS8PBF Datasheet
221Kb / 20P
   500mA Negative Low Dropout Micropower Regulator
logo
Linear Technology
LT1175 LINER-LT1175 Datasheet
120Kb / 12P
   500mA Negative Low Dropout Micropower Regulator
LT1175 LINER-LT1175_10 Datasheet
312Kb / 18P
   500mA Negative Low Dropout Micropower Regulator
LT1175 LINER-LT1175_05 Datasheet
291Kb / 16P
   500mA Negative Low Dropout Micropower Regulator
LT1175 LINER-LT1175_15 Datasheet
221Kb / 20P
   500mA Negative Low Dropout Micropower Regulator
LT1964 LINER-LT1964_15 Datasheet
229Kb / 16P
   200mA, Low Noise, Low Dropout Negative Micropower Regulator
LT1964 LINER-LT1964_1 Datasheet
222Kb / 16P
   200mA, Low Noise,Low Dropout Negative Micropower Regulator
logo
National Semiconductor ...
LM2990 NSC-LM2990 Datasheet
421Kb / 12P
   Negative Low Dropout Regulator
LM2991 NSC-LM2991_00 Datasheet
349Kb / 12P
   Negative Low Dropout Adjustable Regulator
logo
Texas Instruments
LM2990 TI-LM2990_15 Datasheet
1Mb / 24P
[Old version datasheet]   LM2990 Negative Low-Dropout Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com