Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LT5502 Datasheet(PDF) 6 Page - Linear Technology

Part # LT5502
Description  RF Frequency Range: 800MHz to 2.7GHz
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT5502 Datasheet(HTML) 6 Page - Linear Technology

  LT5502 Datasheet HTML 1Page - Linear Technology LT5502 Datasheet HTML 2Page - Linear Technology LT5502 Datasheet HTML 3Page - Linear Technology LT5502 Datasheet HTML 4Page - Linear Technology LT5502 Datasheet HTML 5Page - Linear Technology LT5502 Datasheet HTML 6Page - Linear Technology LT5502 Datasheet HTML 7Page - Linear Technology LT5502 Datasheet HTML 8Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 6 / 8 page
background image
LT5504
6
5504i
1:
63.56
–j98.05
900.00MHz
2:
26.69
–j42.90
1.90GHz
3:
28.88
–j27.76
2.50GHz
1
2
3
START: 100MHz
STOP:3GHz
5504 F01
The LT5504 consists of the following sections: RF/IF
limiters, limiting mixer, RF/IF detectors, LO buffer ampli-
fier, 3rd-order integrated low pass filter (LPF), output
interface and bias circuitry.
An RF signal ranging from 800MHz to 2.7GHz is detected
by the RF and IF detectors using a proprietary technique.
The down-converted IF signal is band limited by the on-
chip LPF, reducing broadband noise, and thus an ultrawide
dynamic range signal can be measured. The RF measuring
receiver is essentially a logarithmic voltage detector. The
measured output voltage is directly proportional to the RF
signal voltage. An internal temperature compensation
circuit results in a highly temperature-stable output volt-
age.
RF Limiter
The differential input impedance of the RF limiter is shown
in Figure 1. A 1:1 input transformer can be used to achieve
50
Ω broadband matching with an 82Ω shunt resistor
(R1) at the inputs as shown in Figure 5.
APPLICATIO S I FOR ATIO
Figure 2. RF Input Matching Network at 1900MHz
Figure 3 shows the output voltage vs RF input power
response for these two input terminations. The voltage
gain of the single-ended-to-differential conversion circuit
is:
GAIN
LOG
R
dB
IN
==
20
50
3
•,
where RIN = 100Ω is the narrow band input impedance.
Thus, the output voltage curve in this case is shifted to the
left by about 3dB.
Table 1. The Component Values of Matching Network LSH, CS1
and CS2
fIF (MHz)
LSH(nH)
CS1/CS2(pF)
900
12.0
3.9
1900
3.3
3.3
2500
2.7
2.2
2700
2.4
1.5
Figure 1. Differential RF Input Impedance
The 1:1 RF input transformer can also be replaced with a
narrow band single-ended-to-differential conversion cir-
cuit using three discrete elements as shown in Figure 2.
Their nominal values are listed in Table 1. Due to the
parasitics of the PCB, these values may require adjust-
ment.
MATCHING NETWORK
RF
INPUT
CS1
3.3pF
CS2
3.3pF
LSH
3.3nH
TO RF+
TO RF
5504 F02
2.5
2.0
1.5
1.0
0.5
0
PIN (dBm)
–80 –70 –60 –50 –40 –30 –20 –10
10
5504 F03
0
fRF = 1.9GHz
WITH SINGLE-ENDED-TO-
DIFFERENTIAL INPUT CIRCUIT
WITH 1:1 INPUT TX
Figure 3. The Output Voltage vs RF Input Power


Similar Part No. - LT5502

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT5502 LINER-LT5502 Datasheet
237Kb / 12P
   400MHz Quadrature IF Demodulator with RSSI
LT5502 LINER-LT5502 Datasheet
240Kb / 12P
   400MHz Quadrature IF Demodulator with RSSI
LT5502 LINER-LT5502 Datasheet
194Kb / 12P
   800MHz to 1.5GHz Direct Conversion Quadrature Demodulator
LT5502EGN LINER-LT5502EGN Datasheet
237Kb / 12P
   400MHz Quadrature IF Demodulator with RSSI
LT5502 LINER-LT5502_15 Datasheet
240Kb / 12P
   400MHz Quadrature IF Demodulator with RSSI
More results

Similar Description - LT5502

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT5504 LINER-LT5504_15 Datasheet
189Kb / 8P
   800MHz to 2.7GHz RF Measuring Receiver
LT5504 LINER-LT5504_09 Datasheet
183Kb / 8P
   800MHz to 2.7GHz RF Measuring Receiver
LT5575 LINER-LT5575 Datasheet
307Kb / 16P
   800MHz to 2.7GHz High Linearity Direct Conversion Quadrature Demodulator
LT5575 LINER-LT5575_15 Datasheet
317Kb / 16P
   800MHz to 2.7GHz High Linearity Direct Conversion Quadrature Demodulator
logo
Maxim Integrated Produc...
MAX2837 MAXIM-MAX2837 Datasheet
314Kb / 18P
   2.3GHz to 2.7GHz Wireless Broadband RF Transceiver
Rev 1; 11/08
logo
Qorvo, Inc
RFFC2071 QORVO-RFFC2071 Datasheet
1Mb / 23P
   2.7GHz RF SYNTHESIZER/VCO WITH 2.7GHz RF SYNTHESIZER/VCO WITH
logo
Maxim Integrated Produc...
MAX2837 MAXIM-MAX2837_V01 Datasheet
1Mb / 34P
   2.3GHz to 2.7GHz Wireless Broadband RF Transceiver
2015
logo
Linear Technology
LTC5542 LINER-LTC5542 Datasheet
66Kb / 2P
   1.6GHz to 2.7GHz High Dynamic Range Downconverting Mixer
LTC5542 LINER-LTC5542_15 Datasheet
263Kb / 16P
   1.6GHz to 2.7GHz High Dynamic Range Downconverting Mixer
logo
Maxim Integrated Produc...
MAX2839AS MAXIM-MAX2839AS Datasheet
1Mb / 39P
   2.3GHz to 2.7GHz MIMO Wireless Broadband RF Transceiver
Rev 1; 5/10
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com