Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LTC3412 Datasheet(PDF) 10 Page - Linear Technology

Part # LTC3412
Description  Step-Down Switching Regulator
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC3412 Datasheet(HTML) 10 Page - Linear Technology

Back Button LTC3412 Datasheet HTML 6Page - Linear Technology LTC3412 Datasheet HTML 7Page - Linear Technology LTC3412 Datasheet HTML 8Page - Linear Technology LTC3412 Datasheet HTML 9Page - Linear Technology LTC3412 Datasheet HTML 10Page - Linear Technology LTC3412 Datasheet HTML 11Page - Linear Technology LTC3412 Datasheet HTML 12Page - Linear Technology LTC3412 Datasheet HTML 13Page - Linear Technology LTC3412 Datasheet HTML 14Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 28 page
background image
10
LT1766/LT1766-5
1766fa
or not the inductor must withstand continuous fault
conditions.
If maximum load current is 0.5A, for instance, a 0.5A
inductor may not survive a continuous 2A overload condi-
tion. Dead shorts will actually be more gentle on the
inductor because the LT1766 has frequency and current
limit foldback.
Peak switch and inductor current can be significantly
higher than output current, especially with smaller induc-
tors and lighter loads, so don’t omit this step. Powdered
iron cores are forgiving because they saturate softly,
whereas ferrite cores saturate abruptly. Other core
APPLICATIO S I FOR ATIO
where:
ESR = equivalent series resistance of the output
capacitor
ESL = equivalent series inductance of the output
capacitor
dI/dt = slew rate of inductor ripple current = VIN/L
Peak-to-peak ripple current (ILP-P) through the inductor
and into the output capacitor is typically chosen to be
between 20% and 40% of the maximum load current. It is
approximated by:
I
VV
V
Vf L
LP P
OUT
IN
OUT
IN
- =
()(
)
()( )( )
Example: with VIN = 40V, VOUT = 5V, L = 47µH, ESR = 0.1Ω
and ESL = 10nH, output ripple voltage can be approxi-
mated as follows:
IA
dI
dt
VA
mV
RIPPLE
P-P
P-P
=
()
()
()
()(
)
=
==
=
()( )+
()( )()
=+=
540 5
40 47 10
200 10
0 465
40
47 10
10
0 85
0 465
0 1
10 10
10
0 85
0 0465 0 0085
55
63
6
6
96
••
.
•.
..
.
..
To reduce output ripple voltage further requires an in-
crease in the inductor value or a reduction in the capacitor
ESR. The latter can effect loop stability since the ESR
forms a useful zero in the overall loop response. Typically
the inductor value is adjusted with the trade-off being a
physically larger inductor with the possibility of increased
component height and cost. Choosing a smaller inductor
with lighter loads may result in discontinuous operation
but the LT1766 is designed to work well in both continu-
ous or discontinuous mode.
Peak Inductor Current and Fault Current
To ensure that the inductor will not saturate, the peak
inductor current should be calculated knowing the maxi-
mum load current. An appropriate inductor should then
be chosen. In addition, a decision should be made whether
Table 2
VENDOR/
VALUE
IDC
DCR
HEIGHT
PART NO.
(
µH)
(Amps)
(Ohms)
(mm)
Coiltronics
CTX15-1P
15
1.4
0.087
4.2
CTX15-1
15
1.1
0.08
4.2
CTX33-2P
33
1.3
0.126
6
CTX33-2
33
1.4
0.106
6
UP2-330
33
2.4
0.099
5.9
UP2-470
47
1.9
0.146
5.9
UP2-680
68
1.7
0.19
5.9
UP2-101
100
1.4
0.277
5.9
Sumida
CDRH6D28-150M
15
1.4
0.076
3
CDRH6D38-150M
15
1.6
0.062
4
CDRH6D28-330M
33
0.97
0.122
3
CDRH104R-330M
33
2.1
0.069
3.8
CDRH125-330M
33
2.1
0.044
6
CDRH104R-470M
47
2.1
0.095
3.8
CDRH125-470M
47
1.8
0.058
6
CDRH6D38-680M
68
0.75
0.173
4
CDRH104R-680M
68
1.5
0.158
3.8
CDRH125-680M
68
1.5
0.093
6
CDRH104R-101M
100
1.35
0.225
3.8
CDRH125-101M
100
1.3
0.120
6
Coilcraft
DT3316P-153
15
1.8
0.06
5
DT3316P-333
33
1.3
0.09
5
DT3316P-473
47
1
0.11
5


Similar Part No. - LTC3412

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC3412 LINER-LTC3412 Datasheet
218Kb / 20P
   2.5A, 4MHz, Monolithic Synchronous Step-Down Regulator
LTC3412 LINER-LTC3412 Datasheet
229Kb / 16P
   1.5MHz, 600mA Synchronous Step-Down egulator in ThinSOT
LTC3412 LINER-LTC3412 Datasheet
210Kb / 20P
   2.5A, 10V, Monolithic Synchronous Step-Down Regulator
LTC3412 LINER-LTC3412 Datasheet
210Kb / 20P
   2.5A, 10V, Monolithic Synchronous Step-Down Regulator
LTC3412A LINER-LTC3412A Datasheet
443Kb / 20P
   3A, 4MHz, Monolithic Synchronous Step-Down Regulator
More results

Similar Description - LTC3412

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT1176 LINER-LT1176 Datasheet
178Kb / 4P
   Step-Down Switching Regulator
logo
Sanyo Semicon Device
LV58761MX SANYO-LV58761MX Datasheet
641Kb / 7P
   Step-down Switching Regulator
LV5807MX SANYO-LV5807MX Datasheet
206Kb / 5P
   Step-down Switching Regulator
logo
Linear Technology
LT1074 LINER-LT1074_15 Datasheet
190Kb / 16P
   Step-Down Switching Regulator
logo
ON Semiconductor
LV5980MD ONSEMI-LV5980MD Datasheet
718Kb / 20P
   Step-down Switching Regulator
October, 2013
LV5762QA ONSEMI-LV5762QA Datasheet
290Kb / 6P
   Step-down Switching Regulator
May, 2014
NCV8925 ONSEMI-NCV8925 Datasheet
172Kb / 14P
   Step-down Switching Regulator
April, 2008 - Rev. 0
logo
Sanyo Semicon Device
LV5809MX SANYO-LV5809MX Datasheet
120Kb / 5P
   Step-down Switching Regulator
LV5725JA SANYO-LV5725JA Datasheet
269Kb / 8P
   Step-down Switching Regulator
LV5803M-TE-L-E SANYO-LV5803M-TE-L-E Datasheet
119Kb / 6P
   Step-down Switching Regulator
LV5858M SANYO-LV5858M Datasheet
250Kb / 9P
   Step-down Switching Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com