Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LT1810 Datasheet(PDF) 1 Page - Linear Technology

Part # LT1810
Description  Single/Dual Operational Amplifiers
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT1810 Datasheet(HTML) 1 Page - Linear Technology

  LT1810 Datasheet HTML 1Page - Linear Technology LT1810 Datasheet HTML 2Page - Linear Technology LT1810 Datasheet HTML 3Page - Linear Technology LT1810 Datasheet HTML 4Page - Linear Technology LT1810 Datasheet HTML 5Page - Linear Technology LT1810 Datasheet HTML 6Page - Linear Technology LT1810 Datasheet HTML 7Page - Linear Technology LT1810 Datasheet HTML 8Page - Linear Technology LT1810 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 16 page
background image
1
LT1818/LT1819
18189f
400MHz, 2500V/
µs, 9mA
Single/Dual Operational Amplifiers
s
400MHz Gain Bandwidth Product
s
2500V/
µs Slew Rate
s
–85dBc Distortion at 5MHz
s
9mA Supply Current Per Amplifier
s
Space Saving SOT-23 and MS8 Packages
s
6nV/
√Hz Input Noise Voltage
s
Unity-Gain Stable
s
1.5mV Maximum Input Offset Voltage
s
8
µA Maximum Input Bias Current
s
800nA Maximum Input Offset Current
s
40mA Minimum Output Current, VOUT = ±3V
s
±3.5V Minimum Input CMR, VS = ±5V
s
Specified at
±5V, Single 5V Supplies
s
Operating Temperature Range: – 40
°C to 85°C
s
Wideband Amplifiers
s
Buffers
s
Active Filters
s
Video and RF Amplification
s
Communication Receivers
s
Cable Drivers
s
Data Acquisition Systems
, LTC and LT are registered trademarks of Linear Technology Corporation.
The LT
®1818/LT1819 are single/dual wide bandwidth,
high slew rate, low noise and distortion operational ampli-
fiers with excellent DC performance. The LT1818/LT1819
have been designed for wider bandwidth and slew rate,
much lower input offset voltage and lower noise and
distortion than devices with comparable supply current.
The circuit topology is a voltage feedback amplifier with
the excellent slewing characteristics of a current feedback
amplifier.
The output drives a 100
Ω load to ±3.8V with ±5V supplies.
On a single 5V supply, the output swings from 1V to 4V
with a 100
Ω load connected to 2.5V. The amplifier is unity-
gain stable with a 20pF capacitive load without the need for
a series resistor. Harmonic distortion is –85dBc up to
5MHz for a 2VP-P output at a gain of 2.
The LT1818/LT1819 are manufactured on Linear
Technology’s advanced low voltage complementary bipo-
lar process. The LT1818 (single op amp) is available in
SOT-23 and SO-8 packages; the LT1819 (dual op amp) is
available in MSOP-8 and SO-8 packages.
+
LT1818
2.5VDC
±1VAC
18189 TA01
18pF
2.5V
51.1
5V
5V
AIN
+
LTC1744
14 BITS
50Msps
(SET FOR 2VP-P
FULL SCALE)
AIN
Single Supply Unity-Gain ADC Driver for Oversampling Applications
FREQUENCY (Hz)
0
–10
–20
–30
–40
–50
–60
–70
–80
–90
–100
–110
0
18189 TA02
5M
10M
15M
20M
25M
fIN = 5.102539MHz
fS = 50Msps
VIN = 300mVP-P
SFDR = 78dB
8192 POINT FFT
NO WINDOWING
OR AVERAGING
2
3
FFT of Single Supply ADC Driver
APPLICATIO S
FEATURES
TYPICAL APPLICATIO
DESCRIPTIO


Similar Part No. - LT1810

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT1810 LINER-LT1810 Datasheet
269Kb / 24P
   Single/Dual 180MHz, 350V/ms Rail-to-Rail Input and Output Low Distortion Op Amps
LT1810 LINER-LT1810 Datasheet
315Kb / 28P
   325MHz, Single/Dual,Rail-to-Rail Input and Output, Low Distortion, Low Noise Precision Op Amps
LT1810 LINER-LT1810 Datasheet
321Kb / 28P
   Gain-Bandwidth Product: 325MHz
LT1810CMS8 LINER-LT1810CMS8 Datasheet
269Kb / 24P
   Single/Dual 180MHz, 350V/ms Rail-to-Rail Input and Output Low Distortion Op Amps
LT1810CS8 LINER-LT1810CS8 Datasheet
269Kb / 24P
   Single/Dual 180MHz, 350V/ms Rail-to-Rail Input and Output Low Distortion Op Amps
More results

Similar Description - LT1810

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
LM258 ONSEMI-LM258_06 Datasheet
234Kb / 14P
   Single Supply Dual Operational Amplifiers
June, 2006 ??Rev. 22
logo
Guangdong Kexin Industr...
KM386 KEXIN-KM386 Datasheet
59Kb / 2P
   Single Supply Dual Operational Amplifiers
logo
ON Semiconductor
LM2904DG ONSEMI-LM2904DG Datasheet
220Kb / 14P
   Single Supply Dual Operational Amplifiers
November, 2011 ??Rev. 26
LM358DG ONSEMI-LM358DG Datasheet
220Kb / 14P
   Single Supply Dual Operational Amplifiers
November, 2011 ??Rev. 26
LM258 ONSEMI-LM258_V01 Datasheet
376Kb / 16P
   Single Supply Dual Operational Amplifiers
August, 2021 - Rev. 34
logo
Taiwan Semiconductor Co...
TS358 TSC-TS358_09 Datasheet
763Kb / 8P
   Single Supply Dual Operational Amplifiers
logo
Guangdong Kexin Industr...
KM358 KEXIN-KM358 Datasheet
398Kb / 2P
   Single Supply Dual Operational Amplifiers
logo
ON Semiconductor
LM358S ONSEMI-LM358S Datasheet
101Kb / 9P
   Single Supply Dual Operational Amplifiers
October, 2014 ??Rev. 0
logo
Guangdong Kexin Industr...
LM358 KEXIN-LM358 Datasheet
882Kb / 3P
   Single Supply Dual Operational Amplifiers
logo
Shenzhen Luguang Electr...
LM358 LUGUANG-LM358 Datasheet
167Kb / 2P
   Single Supply Dual Operational Amplifiers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com