Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ATS277D-PA-A Datasheet(PDF) 4 Page - Anachip Corp

Part # ATS277D-PA-A
Description  Complementary Output Hall Effect Latch
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ANACHIP [Anachip Corp]
Direct Link  
Logo ANACHIP - Anachip Corp

ATS277D-PA-A Datasheet(HTML) 4 Page - Anachip Corp

  ATS277D-PA-A Datasheet HTML 1Page - Anachip Corp ATS277D-PA-A Datasheet HTML 2Page - Anachip Corp ATS277D-PA-A Datasheet HTML 3Page - Anachip Corp ATS277D-PA-A Datasheet HTML 4Page - Anachip Corp ATS277D-PA-A Datasheet HTML 5Page - Anachip Corp ATS277D-PA-A Datasheet HTML 6Page - Anachip Corp ATS277D-PA-A Datasheet HTML 7Page - Anachip Corp  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
Complementary Output Hall Effect Latch
ATS276/277
Anachip Corp.
www.anachip.com.tw
Rev.B1 Mar 17, 2004
4/7
ATC
Magnetic Characteristics( Ta=+25°C)
(1mT=10 Gauss)
A grade
Characteristic
Symbol
Min.
Typ.
Max.
Unit
ATS276
10
-
50
Operate Point
ATS277
Bop
10
-
50
Gauss
ATS276
-50
-
-10
Release Point
ATS277
Brp
-50
-
-10
Gauss
ATS276
-
75
-
Hysteresis
ATS277
Bhy
-
75
-
Gauss
B grade
Characteristic
Symbol
Min.
Typ.
Max.
Unit
ATS276
5
-
70
Operate Point
ATS277
Bop
5
-
70
Gauss
ATS276
-70
-
-5
Release Point
ATS277
Brp
-70
-
-5
Gauss
ATS276
-
75
-
Hysteresis
ATS277
Bhy
-
75
-
Gauss
C grade
Characteristic
Symbol
Min.
Typ.
Max.
Unit
Operate Point
ATS276
Bop
-
-
100
Gauss
Release Point
ATS276
Brp
-100
-
-
Gauss
Hysteresis
ATS276
Bhy
-
75
-
Gauss
Bhy
Vsat
Vcc
Brp
Bop
0
( Magnetic flux density B )
DO
Turn on
Turn off
( off-state )
( on-state )
Bhy
Vsat
Vcc
Brp
Bop
0
( Magnetic flux density B )
DOB
Turn oFF
Turn on
( off-state )
( on-state )


Similar Part No. - ATS277D-PA-A

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
ATS277H DIODES-ATS277H Datasheet
209Kb / 8P
   COMPLEMENTARY OUTPUT HALL EFFECT LATCH
DECEMBER 2008 Rev. 1
ATS277H-PG-B-A DIODES-ATS277H-PG-B-A Datasheet
209Kb / 8P
   COMPLEMENTARY OUTPUT HALL EFFECT LATCH
DECEMBER 2008 Rev. 1
ATS277H-PG-B-B DIODES-ATS277H-PG-B-B Datasheet
209Kb / 8P
   COMPLEMENTARY OUTPUT HALL EFFECT LATCH
DECEMBER 2008 Rev. 1
ATS277H-PL-B-A DIODES-ATS277H-PL-B-A Datasheet
209Kb / 8P
   COMPLEMENTARY OUTPUT HALL EFFECT LATCH
DECEMBER 2008 Rev. 1
ATS277H-PL-B-B DIODES-ATS277H-PL-B-B Datasheet
209Kb / 8P
   COMPLEMENTARY OUTPUT HALL EFFECT LATCH
DECEMBER 2008 Rev. 1
More results

Similar Description - ATS277D-PA-A

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
AH277A DIODES-AH277A Datasheet
857Kb / 10P
   COMPLEMENTARY OUTPUT HALL EFFECT LATCH
AH276Q DIODES-AH276Q_09 Datasheet
188Kb / 8P
   COMPLEMENTARY OUTPUT HALL EFFECT LATCH
logo
Nanjing Ouzhuo Technolo...
OH277 OHHALLSENSOR-OH277 Datasheet
190Kb / 5P
   COMPLEMENTARY OUTPUT HALL EFFECT LATCH
logo
BCD Semiconductor Manuf...
AH277A BCDSEMI-AH277A Datasheet
172Kb / 10P
   COMPLEMENTARY OUTPUT HALL EFFECT LATCH
AH276 BCDSEMI-AH276 Datasheet
178Kb / 10P
   COMPLEMENTARY OUTPUT HALL EFFECT LATCH
logo
Unisonic Technologies
H654 UTC-H654_10 Datasheet
125Kb / 5P
   COMPLEMENTARY OUTPUT HALL EFFECT LATCH
logo
Allegro MicroSystems
3275 ALLEGRO-3275 Datasheet
65Kb / 4P
   COMPLEMENTARY-OUTPUT HALL-EFFECT LATCH
logo
Unisonic Technologies
H654 UTC-H654_15 Datasheet
125Kb / 5P
   COMPLEMENTARY OUTPUT HALL EFFECT LATCH
logo
Diodes Incorporated
AH276 DIODES-AH276 Datasheet
868Kb / 10P
   COMPLEMENTARY OUTPUT HALL EFFECT LATCH
AH276Q DIODES-AH276Q Datasheet
238Kb / 6P
   COMPLEMENTARY OUTPUT HALL EFFECT LATCH
AH276Q Rev. 1
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com