Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LT4254 Datasheet(PDF) 10 Page - Linear Technology

Part # LT4254
Description  Positive High Voltage Hot Swap Controller with Open-Circuit Detect
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT4254 Datasheet(HTML) 10 Page - Linear Technology

Back Button LT4254 Datasheet HTML 6Page - Linear Technology LT4254 Datasheet HTML 7Page - Linear Technology LT4254 Datasheet HTML 8Page - Linear Technology LT4254 Datasheet HTML 9Page - Linear Technology LT4254 Datasheet HTML 10Page - Linear Technology LT4254 Datasheet HTML 11Page - Linear Technology LT4254 Datasheet HTML 12Page - Linear Technology LT4254 Datasheet HTML 13Page - Linear Technology LT4254 Datasheet HTML 14Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 16 page
background image
LT4254
10
4254f
APPLICATIO S I FOR ATIO
Resistor R7 compensates the current control loop while
R6 prevents high frequency oscillations in Q1.
When the power pins first make contact, transistor Q1 is
held off. If the voltage on the VCC pin is between the
externally programmed undervoltage and overvoltage
thresholds, and the voltage on the TIMER pin is less than
4.65V (typ), transistor Q1 will be turned on (Figure 6). The
voltage at the GATE pin rises with a slope equal to 35
µA/
C1 and the supply inrush current is set at:
IINRUSH = CL • 35µA/C1
If the voltage across the current sense resistor R5 reaches
VSENSETRIP, the inrush current will be limited by the
internal current limit circuitry. The voltage on the GATE pin
is adjusted to maintain a constant voltage across the sense
resistor and the TIMER pin begins to charge.
When the FB pin voltage goes above the low-to-high VFB
threshold, the PWRGD pin goes high.
Short-Circuit Protection
The LT4254 features a programmable foldback current
limit with an electronic circuit breaker that protects against
short circuits or excessive load currents. The current limit
is set by placing a sense resistor (R5) between VCC and
SENSE.
To limit excessive power dissipation in the pass transistor
and to reduce voltage spikes on the input supply during
short-circuit conditions at the output, the current folds
Figure 5. 2A, 24V Application
4254 F05
R5
0.025
LT4254
SENSE
13
10
5
7
8
16
15
1
2
4
10
VCC
GATE
FB
PWRGD
RETRY
UV
OV
TIMER
GND
VIN
24V
GND
(SHORT PIN)
Q1
IRF530
D1
CMPZ5241B
11V
R3
40.2k
R2
40.2k
R1
324k
R7
100
R9
40.2k
R6
10
R8
140k
PWRGD
VOUT
24V
1.5A
R4
27k
CL
C2
33nF
C3
0.1
µF
C1
10nF
OPEN
UV = 20V
OV = 40V
PWRGD = 18V
back as a function of the output voltage, which is sensed
internally on the FB pin.
When the voltage at the FB pin is 0V, the current limit
circuit drives the GATE pin to force a constant 12mV drop
across the sense resistor. As the output at the FB pin
increases, the voltage across the sense resistor increases
until the FB pin reaches 2V, at which point the voltage
across the sense resistor is held constant at 50mV (see
Figure 7). The current limit threshold is calculated as:
ILIMIT = 50mV/R5
where R5 is the sense resistor.
For a 0.025
Ω sense resistor, the current limit is set at
2000mA and folds back to 600mA when the output is
shorted to ground. Thus, MSOFET dissipation under short-
circuit conditions is reduced from 36W to12W. See the
Figure 6. Start-Up Waveforms
2.5ms/DIV
4254 F06
IOUT
500mA/DIV
PWRGD
20V/DIV
VOUT
20V/DIV
GATE
20V/DIV


Similar Part No. - LT4254

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT4254 LINER-LT4254 Datasheet
237Kb / 16P
   Positive High Voltage Hot Swap Controller with Open-Circuit Detect
LT4254 LINER-LT4254_15 Datasheet
237Kb / 16P
   Positive High Voltage Hot Swap Controller with Open-Circuit Detect
More results

Similar Description - LT4254

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT4256-3 LINER-LT4256-3_15 Datasheet
266Kb / 20P
   Positive High Voltage Hot Swap Controller with Open-Circuit Detect
LT4254 LINER-LT4254_15 Datasheet
237Kb / 16P
   Positive High Voltage Hot Swap Controller with Open-Circuit Detect
LT4256-3 LINER-LT4256-3 Datasheet
305Kb / 20P
   Positive High Voltage Hot Swap Controller with Open-Circuit Detect
LT1641 LINER-LT1641 Datasheet
187Kb / 12P
   Positive High Voltage Hot Swap Controller
LT1641 LINER-LT1641_15 Datasheet
198Kb / 12P
   Positive High Voltage Hot Swap Controller
logo
Texas Instruments
TPS2490 TI1-TPS2490_17 Datasheet
1Mb / 36P
[Old version datasheet]   Positive High-Voltage Power-Limiting Hot Swap Controller
logo
Micrel Semiconductor
MIC2587 MICREL-MIC2587 Datasheet
536Kb / 16P
   Single-Channel, Positive High-Voltage Hot Swap Controller
MIC2587 MICREL-MIC2587_13 Datasheet
1,007Kb / 22P
   Single-Channel, Positive High-Voltage Hot Swap Controller
logo
Linear Technology
LTC4260 LINER-LTC4260_15 Datasheet
300Kb / 30P
   Positive High Voltage Hot Swap Controller with I2C Compatible Monitoring
LTC4260 LINER-LTC4260 Datasheet
251Kb / 28P
   Positive High Voltage Hot Swap Controller with I2C Compatible Monitoring
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com