Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LT1964 Datasheet(PDF) 5 Page - Linear Technology

Part # LT1964
Description  Low Dropout Negative Micropower Regulator in ThinSOT
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT1964 Datasheet(HTML) 5 Page - Linear Technology

  LT1964 Datasheet HTML 1Page - Linear Technology LT1964 Datasheet HTML 2Page - Linear Technology LT1964 Datasheet HTML 3Page - Linear Technology LT1964 Datasheet HTML 4Page - Linear Technology LT1964 Datasheet HTML 5Page - Linear Technology LT1964 Datasheet HTML 6Page - Linear Technology LT1964 Datasheet HTML 7Page - Linear Technology LT1964 Datasheet HTML 8Page - Linear Technology LT1964 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 12 page
background image
LT1964
5
1964f
TYPICAL PERFOR A CE CHARACTERISTICS
–3.0
–2.5
–2.0
–1.5
–1.0
–0.5
0
1964 G10
0
–1 –2 –3 –4 –5 –6 –7 –8 –9 –10
RL = 12.2Ω
IL = –100mA*
RL = 24.4Ω
IL = –50mA*
RL = 122Ω
IL = –10mA*
TJ = 25°C; VSHDN = VIN; *FOR VOUT = –1.22V
RL = 6.1Ω
IL = –200mA*
INPUT VOLTAGE (V)
–4.0
–3.5
–3.0
–2.5
–2.0
–1.5
–1.0
–0.5
0
1964 G11
0
–40
–80
–120
–160
–200
VIN = VOUT(NOMINAL) – 1V
TJ = –50°C
TJ = 25°C
TJ = 125°C
OUTPUT CURRENT (mA)
2.5
2.0
1.5
1.0
0.5
0
–0.5
–1.0
–1.5
–2.0
–2.5
1964 G12
ON
ON
OFF
TEMPERATURE (
°C)
–50
–25
0
25
50
75
100
125
10
8
6
4
2
0
–2
–4
–6
–8
–10
1964 G13
SHDN PIN VOLTAGE (V)
–10 –8 –6 –4 –2
0
2
4
6
810
TJ = 25°C
POSITIVE CURRENT
FLOWS INTO THE PIN
12
9
6
3
0
–3
–6
–9
1964 G14
TEMPERATURE (
°C)
–50
–25
0
25
50
75
100
125
VSHDN = 15V
VSHDN = –15V
VIN = –15V
POSITIVE CURRENT
FLOWS INTO THE PIN
–70
–60
–50
–40
–30
–20
–10
0
1964 G15
TEMPERATURE (
°C)
–50
–25
0
25
50
75
100
125
INPUT/OUTPUT DIFFERENTIAL (V)
0
–600
–500
–400
–300
–200
–100
0
1964 G16
–4
–8
–12
–16
–20
∆VOUT = 100mV
TEMPERATURE (
°C)
–600
–500
–400
–300
–200
–100
0
1964 G17
–50
–25
0
25
50
75
100
125
VIN = –7V
VOUT = 0V
10
100
1k
10k
100k
1M
FREQUENCY (Hz)
80
70
60
50
40
30
20
10
0
1964 G18
IL = –200mA
VIN = VOUT(NOMINAL) – 1V +
50mVRMS RIPPLE
CBYP = 0
COUT = 10µF
COUT = 1µF
LT1964-BYP, LT1964-SD
GND Pin Current
GND Pin Current vs ILOAD
SHDN Pin Thresholds
SHDN Pin Input Current
SHDN Pin Input Current
ADJ Pin Bias Current
Current Limit
Current Limit
Input Ripple Rejection


Similar Part No. - LT1964

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT1964 LINER-LT1964 Datasheet
382Kb / 26P
   45V VIN, Micropower, Low Noise, 100mA Low Dropout, Linear Regulator
LT1964 LINER-LT1964 Datasheet
229Kb / 16P
   200mA, Low Noise, Low Dropout Negative Micropower Regulator
LT1964 LINER-LT1964 Datasheet
251Kb / 14P
   500mA Micropower VLDO Linear Regulators Fast Transient Recovery
LT1964 LINER-LT1964 Datasheet
1Mb / 28P
   45V VIN, 500mA Low Noise, Linear Regulator with Programmable Current Limit and Power Good
LT1964 LINER-LT1964 Datasheet
286Kb / 24P
   Dual 150mA Positive/Negative Low Noise
More results

Similar Description - LT1964

ManufacturerPart #DatasheetDescription
logo
Linear Dimensions Semic...
LT1175CS8PBF LINEAR_DIMENSIONS-LT1175CS8PBF Datasheet
221Kb / 20P
   500mA Negative Low Dropout Micropower Regulator
logo
Linear Technology
LT1175 LINER-LT1175 Datasheet
120Kb / 12P
   500mA Negative Low Dropout Micropower Regulator
LT1175 LINER-LT1175_10 Datasheet
312Kb / 18P
   500mA Negative Low Dropout Micropower Regulator
LT1175 LINER-LT1175_05 Datasheet
291Kb / 16P
   500mA Negative Low Dropout Micropower Regulator
LT1175 LINER-LT1175_15 Datasheet
221Kb / 20P
   500mA Negative Low Dropout Micropower Regulator
LT1964 LINER-LT1964_15 Datasheet
229Kb / 16P
   200mA, Low Noise, Low Dropout Negative Micropower Regulator
LT1964 LINER-LT1964_1 Datasheet
222Kb / 16P
   200mA, Low Noise,Low Dropout Negative Micropower Regulator
logo
National Semiconductor ...
LM2990 NSC-LM2990 Datasheet
421Kb / 12P
   Negative Low Dropout Regulator
LM2991 NSC-LM2991_00 Datasheet
349Kb / 12P
   Negative Low Dropout Adjustable Regulator
logo
Texas Instruments
LM2990 TI-LM2990_15 Datasheet
1Mb / 24P
[Old version datasheet]   LM2990 Negative Low-Dropout Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com