Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

23Z87SM Datasheet(PDF) 6 Page - Pulse A Technitrol Company

Part # 23Z87SM
Description  2Watt Pulse, Electrostatically Shielded
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PULSE [Pulse A Technitrol Company]
Direct Link  http://www.pulseeng.com
Logo PULSE - Pulse A Technitrol Company

23Z87SM Datasheet(HTML) 6 Page - Pulse A Technitrol Company

  23Z87SM Datasheet HTML 1Page - Pulse A Technitrol Company 23Z87SM Datasheet HTML 2Page - Pulse A Technitrol Company 23Z87SM Datasheet HTML 3Page - Pulse A Technitrol Company 23Z87SM Datasheet HTML 4Page - Pulse A Technitrol Company 23Z87SM Datasheet HTML 5Page - Pulse A Technitrol Company 23Z87SM Datasheet HTML 6Page - Pulse A Technitrol Company 23Z87SM Datasheet HTML 7Page - Pulse A Technitrol Company 23Z87SM Datasheet HTML 8Page - Pulse A Technitrol Company  
Zoom Inzoom in Zoom Outzoom out
 6 / 8 page
background image
G008.A (2/00)
6
.018
TYP
0,46
23Z247SMD
Date Code
Country of Origin
.300
7,62
.200
5,08
.265
6,73
.020
TYP
0,51
.210
5,33
.030
0,76
.260
6,60
.400
10,16
.100
TYP
2,54
.080
2,03
.200
5,08
SUGGESTED PAD LAYOUT
.360
9,14
0°-8°
.100
TYP
2,54
.005/.010
0,13/0,25
.340
8,64
.285
7,24
.100
2,54
PE-XXXXX
DATE CODE
COUNTRY OF ORIGIN
.005/0,13
6 Surfaces
MAX
.200
5,08
.098
2,50
MAX
6
5
1
2
.260
6,60
MAX
SUGGESTED PAD LAYOUT
.050
1,27
.285
7,24
.060
1,52
.100
2,54
.200
5,08
43
GENERAL PURPOSE
TRANSFORMERS
RF Pulse
Mechanicals
PE-65457
PE-65459
Weight ................... 0.2 grams ........ 0.1 grams
Tube ........................... 60/tube ............ 60/tube
Tape & Reel ............ 1500/reel ......... 1500/reel
Dimensions: inches
mm
Unless otherwise specified, all tolerances are ±
.010
0,25
Dimensions: inches
mm
Unless otherwise specified, all tolerances are ±
.005
0,13
Dimensions: inches
mm
Unless otherwise specified, all tolerances are ±
.010
0,25
.275
MAX
6,99
1
2
3
6
54
.300
MAX
7,62
.245
MAX
6,22
.130
3,30
.100
2,54
.200
5,08
.300
MIN
7,62
.350
MAX
8,89
PE-XXXXX
DATE CODE
COUNTRY OF ORIGIN
TH10
Weight ................... 0.5 grams
Tube ........................... 76/tube
Tape & Reel .............. 750/reel
Weight ................... 0.6 grams
Tube ........................... 65/tube
SMT 1
SMT 2
U.S: 858 674 8100
• U.K: 44 1483 401 700 • France: 33 3 84 35 04 04 • Singapore: 65 287 8998 •• Taiwan: 886 2 2698 0228 •• http://www.pulseeng.com


Similar Part No. - 23Z87SM

ManufacturerPart #DatasheetDescription
logo
Pulse A Technitrol Comp...
23Z87SM PULSE-23Z87SM Datasheet
406Kb / 11P
   Suited for LAN and Telecom Applications
23Z87SM PULSE-23Z87SM Datasheet
668Kb / 11P
   COMMON MODE CHOKE CATALOG Suited for LAN and Telecom Applications
23Z87SM PULSE-23Z87SM Datasheet
668Kb / 11P
   COMMON MODE CHOKE CATALOG Suited for LAN and Telecom Applications
23Z87SM PULSE-23Z87SM Datasheet
404Kb / 12P
   COMMON MODE CHOKE CATALOG
23Z87SM PULSE-23Z87SM Datasheet
668Kb / 11P
   Reduces radiated EMI emissions
More results

Similar Description - 23Z87SM

ManufacturerPart #DatasheetDescription
logo
Pulse A Technitrol Comp...
PE-2227X PULSE-PE-2227X Datasheet
293Kb / 8P
   GENERAL PURPOSE TRANSFORMERS 2 Watt Pulse, Electrostatically Shielded, 500 mW Pulse, RF Pulse, and Control Transformers
logo
AIMTEC
AME2-AZ AIMTEC-AME2-AZ_16 Datasheet
178Kb / 3P
   2Watt | AC-DC Converter
logo
Recom International Pow...
RI-XX33 RECOM-RI-XX33 Datasheet
91Kb / 2P
   2Watt SIP4 Single Output
logo
SCHOTT CORPORATION
22133 SCHOTT-22133 Datasheet
18Kb / 1P
   PULSE TRANSFORMER, 1 : 1 SHIELDED
logo
Winchester Electronics ...
SD1340-1 WINCHESTER-SD1340-1 Datasheet
63Kb / 1P
   BNC 50 2WATT TERMINAT10N M-F
logo
NXP Semiconductors
5083NW PHILIPS-5083NW Datasheet
278Kb / 10P
   Power Metal Film Resistor 2Watt
June 1995
logo
Frontier Electronics.
2ZS100B FRONTIER-2ZS100B Datasheet
121Kb / 2P
   2WATT SURFACE MOUNT ZENER DIODE
logo
CINCON ELECTRONICS Corp...
EC2SAN CINCON-EC2SAN Datasheet
180Kb / 2P
   2WATT, UNREGULATED OUTPUT DC-DC CONVERTERS
EC2SANH CINCON-EC2SANH Datasheet
363Kb / 2P
   2WATT, UNREGULATED OUTPUT DC-DC CONVERTERS
logo
Tyco Electronics
AM42-0039 MACOM-AM42-0039_1 Datasheet
77Kb / 3P
   2Watt C-Band VSAT Power Amplifier 5.9-7.1GHz
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com