Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

C3216X5R0J685K Datasheet(PDF) 4 Page - TDK Electronics

Part # C3216X5R0J685K
Description  General Multilayer Ceramic Chip Capacitors C Series
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TDK [TDK Electronics]
Direct Link  http://www.tdk.com
Logo TDK - TDK Electronics

C3216X5R0J685K Datasheet(HTML) 4 Page - TDK Electronics

  C3216X5R0J685K Datasheet HTML 1Page - TDK Electronics C3216X5R0J685K Datasheet HTML 2Page - TDK Electronics C3216X5R0J685K Datasheet HTML 3Page - TDK Electronics C3216X5R0J685K Datasheet HTML 4Page - TDK Electronics C3216X5R0J685K Datasheet HTML 5Page - TDK Electronics C3216X5R0J685K Datasheet HTML 6Page - TDK Electronics C3216X5R0J685K Datasheet HTML 7Page - TDK Electronics C3216X5R0J685K Datasheet HTML 8Page - TDK Electronics C3216X5R0J685K Datasheet HTML 9Page - TDK Electronics Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 15 page
background image
(4/15)
002-05 / 20041014 / e412_c
• All specifications are subject to change without notice.
TEMPERATURE CHARACTERISTICS:
JIS B(BJ)(±10%), EIA X5R(±15%)
RATED VOLTAGE Edc: 10V
RATED VOLTAGE Edc: 6.3V
• Part number for temperature characteristic X5R
Please substitute "X5R" for "JB" in the part number when ordering.
TEMPERATURE CHARACTERISTICS:
JIS F(FJ)(+30, –80%), EIA Y5V(+22, –82%)
RATED VOLTAGE Edc: 16V
RATED VOLTAGE Edc: 10V
RATED VOLTAGE Edc: 6.3V
• Part number for temperature characteristic Y5V
Please substitute "Y5V" for "JF" in the part number when ordering.
• For more information about the products of other capacitance or data,
please contact us.
Capacitance
(pF)
Tolerance
Thickness T
(mm)max.
Part number
100,000
±10%
0.5±0.05
C1005JB1A104K
Capacitance
(pF)
Tolerance
Thickness T
(mm)max.
Part number
150,000
±10%
0.5±0.05
C1005JB0J154K
±20%
0.5±0.05
C1005JB0J154M
220,000
±10%
0.5±0.05
C1005JB0J224K
±20%
0.5±0.05
C1005JB0J224M
330,000
±10%
0.5±0.05
C1005JB0J334K
±20%
0.5±0.05
C1005JB0J334M
470,000
±10%
0.5±0.05
C1005JB0J474K
±20%
0.5±0.05
C1005JB0J474M
680,000
±10%
0.5±0.05
C1005JB0J684K
±20%
0.5±0.05
C1005JB0J684M
1,000,000
[1µF]
±10%
0.5±0.05
C1005JB0J105K
±20%
0.5±0.05
C1005JB0J105M
Capacitance
(pF)
Tolerance
Thickness T
(mm)max.
Part number
100,000
+80, –20%
0.5±0.05
C1005JF1C104Z
Capacitance
(pF)
Tolerance
Thickness T
(mm)max.
Part number
220,000
+80, –20%
0.5±0.05
C1005JF1A224Z
470,000
+80, –20%
0.5±0.05
C1005JF1A474Z
Capacitance
(pF)
Tolerance
Thickness T
(mm)max.
Part number
1,000,000
[1µF]
+80, –20%
0.5±0.05
C1005JF0J105Z


Similar Part No. - C3216X5R0J685K

ManufacturerPart #DatasheetDescription
logo
TDK Electronics
C3216X5R0J685K TDK-C3216X5R0J685K Datasheet
70Kb / 7P
   Ceramic Capacitors For General Use SMD
More results

Similar Description - C3216X5R0J685K

ManufacturerPart #DatasheetDescription
logo
TDK Electronics
C3216X5R1A475K TDK-C3216X5R1A475K Datasheet
173Kb / 31P
   Multilayer Ceramic Chip Capacitors General use
logo
Murata Manufacturing Co...
C02E MURATA1-C02E_V01 Datasheet
4Mb / 89P
   Chip Multilayer Ceramic Capacitors for General
Nov.27,2017
logo
TDK Electronics
C3216X7R1E475K TDK-C3216X7R1E475K Datasheet
173Kb / 31P
   Multilayer Ceramic Chip Capacitors General use
C3216X7R1C474K TDK-C3216X7R1C474K Datasheet
173Kb / 31P
   Multilayer Ceramic Chip Capacitors General use
logo
Murata Manufacturing Co...
GRM0335C1H7R1DA01 MURATA-GRM0335C1H7R1DA01 Datasheet
788Kb / 30P
   Chip Multilayer Ceramic Capacitors for General Purpose
GRM0335C2AR60BA01 MURATA-GRM0335C2AR60BA01 Datasheet
788Kb / 30P
   Chip Multilayer Ceramic Capacitors for General Purpose
GRM1857U1H332JA44 MURATA-GRM1857U1H332JA44 Datasheet
782Kb / 30P
   Chip Multilayer Ceramic Capacitors for General Purpose
GRM1882C1H102JA01 MURATA-GRM1882C1H102JA01 Datasheet
782Kb / 30P
   Chip Multilayer Ceramic Capacitors for General Purpose
GRM21A5C2J330JWA1 MURATA-GRM21A5C2J330JWA1 Datasheet
1Mb / 28P
   Chip Multilayer Ceramic Capacitors for General Purpose
GRM21A5C2E181JW01 MURATA-GRM21A5C2E181JW01 Datasheet
1Mb / 28P
   Chip Multilayer Ceramic Capacitors for General Purpose
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com