Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NJU7741F28 Datasheet(PDF) 2 Page - New Japan Radio

Part # NJU7741F28
Description  LOW DROPOUT VOLTAGE REGULATOR
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NJRC [New Japan Radio]
Direct Link  http://www.jrc.co.jp/eng/index.html
Logo NJRC - New Japan Radio

NJU7741F28 Datasheet(HTML) 2 Page - New Japan Radio

  NJU7741F28 Datasheet HTML 1Page - New Japan Radio NJU7741F28 Datasheet HTML 2Page - New Japan Radio NJU7741F28 Datasheet HTML 3Page - New Japan Radio NJU7741F28 Datasheet HTML 4Page - New Japan Radio NJU7741F28 Datasheet HTML 5Page - New Japan Radio  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
NJU7741
- 2 -
Ver.2004-03-05
■ ABSOLUTE MAXIMUM RATINGS
(Ta=25
°C)
PARAMETER
SYMBOL
RATINGS
UNIT
Input Voltage
VIN
+10
V
Control Voltage
VCONT
+10(note 1)
V
Power Dissipation
PD
200
mW
Operating Temperature
Topr
−40
∼ +85
°C
Storage Temperature
Tstg
−40
∼ +125
°C
(note 1) When input voltage is less than +10V, the absolute maximum
control voltage is equal to the input voltage.
■ ELECTRICAL CHARACTERISTICS
(VIN=VO+1V, CIN=0.1uF, CO=0.1uF, Ta=25
°C)
PARAMETER
SYMBOL
TEST CONDITION
MIN.
TYP.
MAX.
UNIT
Output Voltage
VO
IO=30mA
−1.0%
+1.0%
V
Input Voltage
VIN
9
V
Quiescent Current
IQ
IO =0mA, VCONT=VIN, except ICONT
1.5
3.5
uA
Quiescent Current
at Control OFF
IQ(OFF)
VCONT=0V
0.1
1
uA
Output Current
IO
VO−0.3V
100
mA
Short Circuit Limit
ILIM
VO=0V
25
mA
Line Regulation
∆VO /∆VIN
VIN= VO+1V
∼VO+6.0V(VO<3.0V)
VIN= VO+1V
∼9.0V(VO≥3.0V), IO=30mA
0.30
%/V
Load Regulation
∆VO /∆VO
Io=0
∼100mA
0.30
%/mA
Io=40mA
1.5V≤VO≤2.0V
0.19
0.40
V
2.1V≤VO≤2.4V
0.19
0.29
V
2.5V≤VO≤2.7V
0.18
0.27
V
2.8V≤VO≤3.3V
0.17
0.26
V
3.4V≤VO≤5.0V
0.16
0.24
V
Dropout Voltage
∆VI-O
Io=60mA
5.1V≤VO≤6.0V
0.15
0.22
V
Average Temperature
Coefficient of Output
Voltage
∆VO /∆Ta
Ta=0
∼85°C, VO=10mA
±100
ppm/
°C
Pull-down Resistance
RCONT
2.5
5
10
M
Control Voltage for
ON-State
VCONT(ON)
1.6
VIN
V
Control Voltage for
OFF-State
VCONT(OFF)
0
0.3
V
(note 2) The above specification is a common specification for all voltages.
Therefore, it may be different from the individual specification for a specific output Voltage.


Similar Part No. - NJU7741F28

ManufacturerPart #DatasheetDescription
logo
New Japan Radio
NJU7747 NJRC-NJU7747 Datasheet
120Kb / 4P
   LOW DROPOUT VOLTAGE REGULATOR
NJU7747F NJRC-NJU7747F Datasheet
120Kb / 4P
   LOW DROPOUT VOLTAGE REGULATOR
NJU7748 NJRC-NJU7748 Datasheet
120Kb / 4P
   LOW DROPOUT VOLTAGE REGULATOR
NJU7748F NJRC-NJU7748F Datasheet
120Kb / 4P
   LOW DROPOUT VOLTAGE REGULATOR
More results

Similar Description - NJU7741F28

ManufacturerPart #DatasheetDescription
logo
Samsung semiconductor
KA78R08 SAMSUNG-KA78R08 Datasheet
162Kb / 5P
   LOW DROPOUT VOLTAGE REGULATOR
KA78R12 SAMSUNG-KA78R12 Datasheet
164Kb / 5P
   LOW DROPOUT VOLTAGE REGULATOR
logo
Fairchild Semiconductor
KA78R33 FAIRCHILD-KA78R33 Datasheet
40Kb / 8P
   Low Dropout Voltage Regulator
KA278R09 FAIRCHILD-KA278R09 Datasheet
79Kb / 8P
   Low Dropout Voltage Regulator
logo
Toshiba Semiconductor
TA78DL05BS TOSHIBA-TA78DL05BS Datasheet
255Kb / 7P
   LOW DROPOUT VOLTAGE REGULATOR
TA78DL05F TOSHIBA-TA78DL05F Datasheet
332Kb / 9P
   LOW DROPOUT VOLTAGE REGULATOR
TA78DS05BP TOSHIBA-TA78DS05BP Datasheet
303Kb / 8P
   LOW DROPOUT VOLTAGE REGULATOR
logo
New Japan Radio
NJM2886 NJRC-NJM2886 Datasheet
156Kb / 8P
   LOW DROPOUT VOLTAGE REGULATOR
NJM2870 NJRC-NJM2870 Datasheet
166Kb / 9P
   LOW DROPOUT VOLTAGE REGULATOR
NJM2881 NJRC-NJM2881 Datasheet
219Kb / 10P
   LOW DROPOUT VOLTAGE REGULATOR
NJM2865 NJRC-NJM2865 Datasheet
175Kb / 10P
   LOW DROPOUT VOLTAGE REGULATOR
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com