Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NJU7223DL1-30 Datasheet(PDF) 1 Page - New Japan Radio

Part # NJU7223DL1-30
Description  500mA Low Dropout Voltage Regulator
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NJRC [New Japan Radio]
Direct Link  http://www.jrc.co.jp/eng/index.html
Logo NJRC - New Japan Radio

NJU7223DL1-30 Datasheet(HTML) 1 Page - New Japan Radio

  NJU7223DL1-30 Datasheet HTML 1Page - New Japan Radio NJU7223DL1-30 Datasheet HTML 2Page - New Japan Radio NJU7223DL1-30 Datasheet HTML 3Page - New Japan Radio NJU7223DL1-30 Datasheet HTML 4Page - New Japan Radio NJU7223DL1-30 Datasheet HTML 5Page - New Japan Radio  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
NJU7223
500mA Low Dropout Voltage Regulator
I GENERAL DESCRIPTION
I PACKAGE OUTLINE
The NJU7223 series is a high precision output voltage,
low drop output, low current consumption and high output
current 3-terminal positive voltage regulator with a over
current protection and a thermal shutdown.
Low dropout voltage is realized at high current output.
I FEATURES
GHigh Precision Output Voltage ±2%
GHigh Output Current
Io(max.)=500mA
GLow Current Consumption
30
µA
GLow Dropout Voltage
∆VIO=0.4V typ. (Io=0.5A,Vo=5V)
GInternal Over Current Protection
GInternal Thermal Shutdown Protection
GPackage Outline
TO-220F, TO-252
GC-MOS Technology
I OUTPUT VOLTAGE LINE-UP
VOUT
TO-220F
TO-252
+1.8V
NJU7223F18
NJU7223DL1-18
+2.5V
NJU7223F25
NJU7223DL1-25
+3.0V
NJU7223F30
NJU7223DL1-30
+3.3V
NJU7223F33
NJU7223DL1-33
+5.0V
NJU7223F50
NJU7223DL1-50
I EQUIVALENT CIRCUIT
VOUT
GND
VIN
Over Current Protection
GND
VREF
Thermal shutdown
Protection
NJM7223F
NJU7223DL1
1.VOUT
2.VIN
3.GND
2
1
3
1 2 3


Similar Part No. - NJU7223DL1-30

ManufacturerPart #DatasheetDescription
logo
New Japan Radio
NJU7221 NJRC-NJU7221 Datasheet
180Kb / 5P
   HIGH PRECISION C MOS 3 TERMINAL VOLTAGE REGULATOR
NJU7221L NJRC-NJU7221L Datasheet
180Kb / 5P
   HIGH PRECISION C MOS 3 TERMINAL VOLTAGE REGULATOR
NJU7221L12 NJRC-NJU7221L12 Datasheet
180Kb / 5P
   HIGH PRECISION C MOS 3 TERMINAL VOLTAGE REGULATOR
NJU7221L15 NJRC-NJU7221L15 Datasheet
180Kb / 5P
   HIGH PRECISION C MOS 3 TERMINAL VOLTAGE REGULATOR
NJU7221L19 NJRC-NJU7221L19 Datasheet
180Kb / 5P
   HIGH PRECISION C MOS 3 TERMINAL VOLTAGE REGULATOR
More results

Similar Description - NJU7223DL1-30

ManufacturerPart #DatasheetDescription
logo
Advanced Monolithic Sys...
AMS3107 ADMOS-AMS3107 Datasheet
82Kb / 9P
   500mA LOW DROPOUT VOLTAGE REGULATOR
AMS2907 ADMOS-AMS2907 Datasheet
80Kb / 8P
   500mA LOW DROPOUT VOLTAGE REGULATOR
AMS3107 ADMOS-AMS3107_1 Datasheet
77Kb / 9P
   500mA LOW DROPOUT VOLTAGE REGULATOR
logo
Taiwan Memory Technolog...
T6328A TMT-T6328A Datasheet
473Kb / 10P
   500mA Low Dropout Voltage Regulator
logo
Advanced Monolithic Sys...
AMS2907 ADMOS-AMS2907_05 Datasheet
68Kb / 8P
   500mA LOW DROPOUT VOLTAGE REGULATOR
AMS2905 ADMOS-AMS2905_05 Datasheet
67Kb / 8P
   500mA LOW DROPOUT VOLTAGE REGULATOR
logo
Unisonic Technologies
LM2937 UTC-LM2937 Datasheet
144Kb / 10P
   500mA LOW DROPOUT VOLTAGE REGULATOR
LM2937 UTC-LM2937_17 Datasheet
249Kb / 10P
   500mA LOW DROPOUT VOLTAGE REGULATOR
LM2937 UTC-LM2937_V01 Datasheet
291Kb / 10P
   500mA LOW DROPOUT VOLTAGE REGULATOR
logo
E-Tech Electronics LTD
LM2937 ETL-LM2937 Datasheet
246Kb / 10P
   500mA LOW DROPOUT VOLTAGE REGULATOR
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com