Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IRGS15B60KD Datasheet(PDF) 11 Page - International Rectifier

Part # IRGS15B60KD
Description  ULTRAFAST SOFT RECOVERY DIODE
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IRGS15B60KD Datasheet(HTML) 11 Page - International Rectifier

Back Button IRGS15B60KD Datasheet HTML 7Page - International Rectifier IRGS15B60KD Datasheet HTML 8Page - International Rectifier IRGS15B60KD Datasheet HTML 9Page - International Rectifier IRGS15B60KD Datasheet HTML 10Page - International Rectifier IRGS15B60KD Datasheet HTML 11Page - International Rectifier IRGS15B60KD Datasheet HTML 12Page - International Rectifier IRGS15B60KD Datasheet HTML 13Page - International Rectifier IRGS15B60KD Datasheet HTML 14Page - International Rectifier IRGS15B60KD Datasheet HTML 15Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 11 / 15 page
background image
IRG/B/S/SL15B60KD
www.irf.com
11
WF.3- Typ. Reverse Recovery
@ TJ = 150°C using CT.4
WF.4- Typ. Short Circuit
@ TJ = 150°C using CT.3
WF.1- Typ. Turn-off Loss
@ TJ = 150°C using CT.4
WF.2- Typ. Turn-on Loss
@ TJ = 150°C using Fig. CT.4
-1 0 0
0
10 0
20 0
30 0
40 0
50 0
60 0
-0 .5
0.0
0 .5
1.0
1 .5
t (µ S )
-5
0
5
10
15
20
25
30
E o ff L o s s
5% V
CE
5% I
CE
90% I
CE
tF
-100
0
100
200
300
400
500
-0.2
-0.1
0.0
0.1
t (µS )
-10
0
10
20
30
40
50
tR
Eon Los s
10% tes t current
tes t current
5% V CE
90% tes t current
-5 0 0
-4 0 0
-3 0 0
-2 0 0
-1 0 0
0
10 0
-0 . 0 6
0 .0 4
0 .1 4
t (µ S )
-4 0
-3 0
-2 0
-1 0
0
10
20
Peak
I
RR
t RR
Q RR
10 %
Pe a k
I
RR
-100
0
100
200
300
400
500
-1 0
0
10
20
30
t (µ S )
-5 0
0
50
10 0
15 0
20 0
25 0
V CE
ICE


Similar Part No. - IRGS15B60KD

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRGS15B60KDPBF IRF-IRGS15B60KDPBF Datasheet
821Kb / 15P
   INSULATED GATE BIPOLAR TRANSISTOR WITH ULTRAFAST SOFT RECOVERY DIODE
IRGS15B60KDPBF IRF-IRGS15B60KDPBF Datasheet
830Kb / 16P
   INSULATED GATE BIPOLAR TRANSISTOR WITH ULTRAFAST SOFT RECOVERY DIODE
IRGS15B60KDPBF IRF-IRGS15B60KDPBF_15 Datasheet
830Kb / 16P
   INSULATED GATE BIPOLAR TRANSISTOR WITH ULTRAFAST SOFT RECOVERY DIODE
More results

Similar Description - IRGS15B60KD

ManufacturerPart #DatasheetDescription
logo
International Rectifier
HFA25TB60 IRF-HFA25TB60 Datasheet
263Kb / 6P
   Ultrafast, Soft Recovery Diode
HFA80NC40C IRF-HFA80NC40C Datasheet
192Kb / 5P
   Ultrafast, Soft Recovery Diode
150EBU04 IRF-150EBU04 Datasheet
150Kb / 6P
   Ultrafast Soft Recovery Diode
80EBU04 IRF-80EBU04 Datasheet
147Kb / 7P
   Ultrafast Soft Recovery Diode
HFA120MD40C IRF-HFA120MD40C Datasheet
298Kb / 5P
   Ultrafast, Soft Recovery Diode
HFA15TB60 IRF-HFA15TB60 Datasheet
205Kb / 6P
   Ultrafast, Soft Recovery Diode
HFA70NH60 IRF-HFA70NH60 Datasheet
325Kb / 5P
   Ultrafast, Soft Recovery Diode
HFA40HF120C IRF-HFA40HF120C_15 Datasheet
142Kb / 5P
   Ultrafast, Soft Recovery Diode
HFA45HI60C IRF-HFA45HI60C_15 Datasheet
137Kb / 3P
   Ultrafast, Soft Recovery Diode
HFB50HC20C IRF-HFB50HC20C_15 Datasheet
137Kb / 5P
   Ultrafast, Soft Recovery Diode
HFA140NJ60D IRF-HFA140NJ60D Datasheet
319Kb / 5P
   Ultrafast, Soft Recovery Diode
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com