Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IRHM3250 Datasheet(PDF) 6 Page - International Rectifier

Part # IRHM3250
Description  RADIATION HARDENED POWER MOSFET THRU-HOLE
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IRHM3250 Datasheet(HTML) 6 Page - International Rectifier

Back Button IRHM3250 Datasheet HTML 2Page - International Rectifier IRHM3250 Datasheet HTML 3Page - International Rectifier IRHM3250 Datasheet HTML 4Page - International Rectifier IRHM3250 Datasheet HTML 5Page - International Rectifier IRHM3250 Datasheet HTML 6Page - International Rectifier IRHM3250 Datasheet HTML 7Page - International Rectifier IRHM3250 Datasheet HTML 8Page - International Rectifier IRHM3250 Datasheet HTML 9Page - International Rectifier IRHM3250 Datasheet HTML 10Page - International Rectifier Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 12 page
background image
6
www.irf.com
IRHM7250, JANSR2N7269
Radiation Characteristics
Fig 11. Typical Output Characteristics
Post-Irradiation 100K Rads (Si)
Fig 10. Typical Output Characteristics
Pre-Irradiation
Fig 12. Typical Output Characteristics
Post-Irradiation 300K Rads (Si)
Fig 13. Typical Output Characteristics
Post-Irradiation 1 Mega Rads(Si)
Note: Bias Conditions during radiation: VGS = 12 Vdc, VDS = 0 Vdc


Similar Part No. - IRHM3250

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRHM3250 IRF-IRHM3250 Datasheet
271Kb / 12P
   RADIATION HARDENED POWER MOSFET THRU-HOLE (TO-254AA)
More results

Similar Description - IRHM3250

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRHM7130 IRF-IRHM7130 Datasheet
488Kb / 12P
   RADIATION HARDENED POWER MOSFET THRU-HOLE
IRHG7214 IRF-IRHG7214 Datasheet
243Kb / 8P
   RADIATION HARDENED POWER MOSFET THRU-HOLE
IRHM57160 IRF-IRHM57160 Datasheet
121Kb / 8P
   RADIATION HARDENED POWER MOSFET THRU-HOLE
JANSF2N7262 IRF-JANSF2N7262 Datasheet
298Kb / 12P
   RADIATION HARDENED POWER MOSFET THRU-HOLE
IRH7054 IRF-IRH7054 Datasheet
240Kb / 8P
   RADIATION HARDENED POWER MOSFET THRU-HOLE
IRHM57260SE IRF-IRHM57260SE Datasheet
96Kb / 8P
   RADIATION HARDENED POWER MOSFET THRU-HOLE
IRHM57260 IRF-IRHM57260 Datasheet
99Kb / 8P
   RADIATION HARDENED POWER MOSFET THRU-HOLE
IRHF7110 IRF-IRHF7110 Datasheet
460Kb / 12P
   RADIATION HARDENED POWER MOSFET THRU-HOLE
IRHM57264SE IRF-IRHM57264SE Datasheet
101Kb / 8P
   RADIATION HARDENED POWER MOSFET THRU-HOLE
IRH9150 IRF-IRH9150 Datasheet
109Kb / 8P
   RADIATION HARDENED POWER MOSFET THRU-HOLE
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com