Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

JANSR2N7269 Datasheet(PDF) 9 Page - International Rectifier

Part # JANSR2N7269
Description  RADIATION HARDENED POWER MOSFET THRU-HOLE
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

JANSR2N7269 Datasheet(HTML) 9 Page - International Rectifier

Back Button JANSR2N7269 Datasheet HTML 4Page - International Rectifier JANSR2N7269 Datasheet HTML 5Page - International Rectifier JANSR2N7269 Datasheet HTML 6Page - International Rectifier JANSR2N7269 Datasheet HTML 7Page - International Rectifier JANSR2N7269 Datasheet HTML 8Page - International Rectifier JANSR2N7269 Datasheet HTML 9Page - International Rectifier JANSR2N7269 Datasheet HTML 10Page - International Rectifier JANSR2N7269 Datasheet HTML 11Page - International Rectifier JANSR2N7269 Datasheet HTML 12Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 9 / 12 page
background image
www.irf.com
9
Pre-Irradiation
IRHM7250, JANSR2N7269
Fig 25. Maximum Safe Operating
Area
Fig 23. Typical Gate Charge Vs.
Gate-to-Source Voltage
Fig 22. Typical CapacitanceVs.
Drain-to-Source Voltage
Fig 24. Typical Source-Drain Diode
Forward Voltage


Similar Part No. - JANSR2N7269

ManufacturerPart #DatasheetDescription
logo
International Rectifier
JANSR2N7269U IRF-JANSR2N7269U Datasheet
1Mb / 13P
   Radiation Hardened Power MOSFET Surface Mount (SMD-1) 200V, 26A, N-channel, Rad Hard HEXFET™ Technology
2022-05-16
More results

Similar Description - JANSR2N7269

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRHM7130 IRF-IRHM7130 Datasheet
488Kb / 12P
   RADIATION HARDENED POWER MOSFET THRU-HOLE
IRHG7214 IRF-IRHG7214 Datasheet
243Kb / 8P
   RADIATION HARDENED POWER MOSFET THRU-HOLE
IRHM57160 IRF-IRHM57160 Datasheet
121Kb / 8P
   RADIATION HARDENED POWER MOSFET THRU-HOLE
JANSF2N7262 IRF-JANSF2N7262 Datasheet
298Kb / 12P
   RADIATION HARDENED POWER MOSFET THRU-HOLE
IRH7054 IRF-IRH7054 Datasheet
240Kb / 8P
   RADIATION HARDENED POWER MOSFET THRU-HOLE
IRHM57260SE IRF-IRHM57260SE Datasheet
96Kb / 8P
   RADIATION HARDENED POWER MOSFET THRU-HOLE
IRHM57260 IRF-IRHM57260 Datasheet
99Kb / 8P
   RADIATION HARDENED POWER MOSFET THRU-HOLE
IRHF7110 IRF-IRHF7110 Datasheet
460Kb / 12P
   RADIATION HARDENED POWER MOSFET THRU-HOLE
IRHM57264SE IRF-IRHM57264SE Datasheet
101Kb / 8P
   RADIATION HARDENED POWER MOSFET THRU-HOLE
IRH9150 IRF-IRH9150 Datasheet
109Kb / 8P
   RADIATION HARDENED POWER MOSFET THRU-HOLE
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com