Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

C2012JB0J685K Datasheet(PDF) 5 Page - TDK Electronics

Part # C2012JB0J685K
Description  General Multilayer Ceramic Chip Capacitors C Series
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TDK [TDK Electronics]
Direct Link  http://www.tdk.com
Logo TDK - TDK Electronics

C2012JB0J685K Datasheet(HTML) 5 Page - TDK Electronics

  C2012JB0J685K Datasheet HTML 1Page - TDK Electronics C2012JB0J685K Datasheet HTML 2Page - TDK Electronics C2012JB0J685K Datasheet HTML 3Page - TDK Electronics C2012JB0J685K Datasheet HTML 4Page - TDK Electronics C2012JB0J685K Datasheet HTML 5Page - TDK Electronics C2012JB0J685K Datasheet HTML 6Page - TDK Electronics C2012JB0J685K Datasheet HTML 7Page - TDK Electronics C2012JB0J685K Datasheet HTML 8Page - TDK Electronics C2012JB0J685K Datasheet HTML 9Page - TDK Electronics Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 15 page
background image
(5/15)
002-05 / 20041014 / e412_c
• All specifications are subject to change without notice.
C1608 (EIA CC0603) TYPE
SHAPES AND DIMENSIONS
CAPACITANCE RANGES: CLASS 1
TEMPERATURE CHARACTERISTICS:
JIS CH(0±60ppm/°C), EIA C0G(0±30ppm/°C)
RATED VOLTAGE Edc: 50V
RATED VOLTAGE Edc: 25V
• Part number for temperature characteristic C0G
Please substitute "C0G" for "CH" in the part number when ordering.
TEMPERATURE CHARACTERISTICS:
JIS SL(+350 to –1000ppm/°C)
RATED VOLTAGE Edc: 10V
• For more information about the products of other capacitance or data,
please contact us.
Capacitance
(pF)
Tolerance
Thickness T
(mm)max.
Part number
0.5
±0.25pF
0.8±0.1
C1608CH1H0R5C
0.75
±0.25pF
0.8±0.1
C1608CH1HR75C
1
±0.25pF
0.8±0.1
C1608CH1H010C
1.5
±0.25pF
0.8±0.1
C1608CH1H1R5C
2
±0.25pF
0.8±0.1
C1608CH1H020C
3
±0.25pF
0.8±0.1
C1608CH1H030C
4
±0.25pF
0.8±0.1
C1608CH1H040C
5
±0.25pF
0.8±0.1
C1608CH1H050C
6
±0.5pF
0.8±0.1
C1608CH1H060D
7
±0.5pF
0.8±0.1
C1608CH1H070D
8
±0.5pF
0.8±0.1
C1608CH1H080D
9
±0.5pF
0.8±0.1
C1608CH1H090D
10
±0.5pF
0.8±0.1
C1608CH1H100D
12
±5%
0.8±0.1
C1608CH1H120J
15
±5%
0.8±0.1
C1608CH1H150J
18
±5%
0.8±0.1
C1608CH1H180J
22
±5%
0.8±0.1
C1608CH1H220J
27
±5%
0.8±0.1
C1608CH1H270J
33
±5%
0.8±0.1
C1608CH1H330J
39
±5%
0.8±0.1
C1608CH1H390J
47
±5%
0.8±0.1
C1608CH1H470J
56
±5%
0.8±0.1
C1608CH1H560J
68
±5%
0.8±0.1
C1608CH1H680J
82
±5%
0.8±0.1
C1608CH1H820J
100
±5%
0.8±0.1
C1608CH1H101J
120
±5%
0.8±0.1
C1608CH1H121J
150
±5%
0.8±0.1
C1608CH1H151J
180
±5%
0.8±0.1
C1608CH1H181J
220
±5%
0.8±0.1
C1608CH1H221J
270
±5%
0.8±0.1
C1608CH1H271J
330
±5%
0.8±0.1
C1608CH1H331J
390
±5%
0.8±0.1
C1608CH1H391J
470
±5%
0.8±0.1
C1608CH1H471J
560
±5%
0.8±0.1
C1608CH1H561J
680
±5%
0.8±0.1
C1608CH1H681J
820
±5%
0.8±0.1
C1608CH1H821J
1,000
±5%
0.8±0.1
C1608CH1H102J
1,200
±5%
0.8±0.1
C1608CH1H122J
1,500
±5%
0.8±0.1
C1608CH1H152J
1,800
±5%
0.8±0.1
C1608CH1H182J
2,200
±5%
0.8±0.1
C1608CH1H222J
2,700
±5%
0.8±0.1
C1608CH1H272J
3,300
±5%
0.8±0.1
C1608CH1H332J
0.2min.
1.6
±0.1
Dimensions in mm
Capacitance
(pF)
Tolerance
Thickness T
(mm)max.
Part number
3,900
±5%
0.8±0.1
C1608CH1E392J
4,700
±5%
0.8±0.1
C1608CH1E472J
5,600
±5%
0.8±0.1
C1608CH1E562J
6,800
±5%
0.8±0.1
C1608CH1E682J
8,200
±5%
0.8±0.1
C1608CH1E822J
10,000
±5%
0.8±0.1
C1608CH1E103J
Capacitance
(pF)
Tolerance
Thickness T
(mm)max.
Part number
15,000
±5%
0.5±0.05
C1608SL1A153J
22,000
±5%
0.5±0.05
C1608SL1A223J


Similar Part No. - C2012JB0J685K

ManufacturerPart #DatasheetDescription
logo
TDK Electronics
C2012JB0J685K085AB TDK-C2012JB0J685K085AB Datasheet
138Kb / 1P
   Multilayer Ceramic Chip Capacitors
C2012JB0J685K125AB TDK-C2012JB0J685K125AB Datasheet
138Kb / 1P
   Multilayer Ceramic Chip Capacitors
More results

Similar Description - C2012JB0J685K

ManufacturerPart #DatasheetDescription
logo
TDK Electronics
C3216X5R1A475K TDK-C3216X5R1A475K Datasheet
173Kb / 31P
   Multilayer Ceramic Chip Capacitors General use
logo
Murata Manufacturing Co...
C02E MURATA1-C02E_V01 Datasheet
4Mb / 89P
   Chip Multilayer Ceramic Capacitors for General
Nov.27,2017
logo
TDK Electronics
C3216X7R1E475K TDK-C3216X7R1E475K Datasheet
173Kb / 31P
   Multilayer Ceramic Chip Capacitors General use
C3216X7R1C474K TDK-C3216X7R1C474K Datasheet
173Kb / 31P
   Multilayer Ceramic Chip Capacitors General use
logo
Murata Manufacturing Co...
GRM0335C1H7R1DA01 MURATA-GRM0335C1H7R1DA01 Datasheet
788Kb / 30P
   Chip Multilayer Ceramic Capacitors for General Purpose
GRM0335C2AR60BA01 MURATA-GRM0335C2AR60BA01 Datasheet
788Kb / 30P
   Chip Multilayer Ceramic Capacitors for General Purpose
GRM1857U1H332JA44 MURATA-GRM1857U1H332JA44 Datasheet
782Kb / 30P
   Chip Multilayer Ceramic Capacitors for General Purpose
GRM1882C1H102JA01 MURATA-GRM1882C1H102JA01 Datasheet
782Kb / 30P
   Chip Multilayer Ceramic Capacitors for General Purpose
GRM21A5C2J330JWA1 MURATA-GRM21A5C2J330JWA1 Datasheet
1Mb / 28P
   Chip Multilayer Ceramic Capacitors for General Purpose
GRM21A5C2E181JW01 MURATA-GRM21A5C2E181JW01 Datasheet
1Mb / 28P
   Chip Multilayer Ceramic Capacitors for General Purpose
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com