Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ATA5812 Datasheet(PDF) 10 Page - ATMEL Corporation

Part # ATA5812
Description  UHF ASK/FSK TRANSCEIVER
Download  90 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATA5812 Datasheet(HTML) 10 Page - ATMEL Corporation

Back Button ATA5812 Datasheet HTML 6Page - ATMEL Corporation ATA5812 Datasheet HTML 7Page - ATMEL Corporation ATA5812 Datasheet HTML 8Page - ATMEL Corporation ATA5812 Datasheet HTML 9Page - ATMEL Corporation ATA5812 Datasheet HTML 10Page - ATMEL Corporation ATA5812 Datasheet HTML 11Page - ATMEL Corporation ATA5812 Datasheet HTML 12Page - ATMEL Corporation ATA5812 Datasheet HTML 13Page - ATMEL Corporation ATA5812 Datasheet HTML 14Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 90 page
background image
10
ATA5811/ATA5812 [Preliminary]
4689B–RKE–04/04
Input Matching at RF_IN
The measured input impedances as well as the values of a parallel equivalent circuit of
these impedances can be seen in Table 1. The highest sensitivity is achieved with
power matching of these impedances to the source impedance of 50
The matching of the LNA Input to 50
Ω was done with the circuit according to Figure 7
and with the values given in Table 2. The reflection coefficients were always
≤10 dB.
Note that value changes of C
1 and L1 may be necessary to for compensate individual
board layouts. The measured typical FSK and ASK Manchester code sensitivities with a
Bit Error Rate (BER) of 10
-3 are shown in Table 3 on page 11 and Table 4 on page 11.
These measurements were done with inductors having a quality factor according to
Table 2, resulting in estimated matching losses of 1.0 dB at 315 MHz, 1.2 dB at
433.92 MHz and 0.6 dB at 868.3 MHz. These losses can be estimated when calculating
the parallel equivalent resistance of the inductor with R
loss = 2 × π × f × L × QL and the
matching loss with 10 log(1+R
p/Rloss).
With an ideal inductor, for example, the sensitivity at 433.92 MHz/FSK/20 kBaud/
±16 kHz/Manchester can be improved from -106 dBm to -107.2 dBm. The sensitivity
depends on the control logic which examines the incoming data stream. The exami-
nation limits must be programmed in control registers 5 and 6. The measurements in
Table 3 on page 11 and Table 4 on page 11 are based on the values of registers 5 and
6 according to Table 39 on page 57.
Figure 7. Input Matching to 50
Table 1. Measured Input Impedances of the RF_IN Pin
f
RF/MHz
Z(RF_IN)
R
p//Cp
315
(44-j233)
1278
Ω//2.1 pF
433.92
(32-j169)
925
Ω//2.1 pF
868.3
(21-j78)
311
Ω//2.2 pF
Table 2. Input Matching to 50
fRF/MHz
C1/pF
L1/nH
QL1
315
2.2
56
43
433.92
1.8
27
40
868.3
1.2
6.8
58
ATA5811/ATA5812
RF_IN
4
RF
IN
C
1
L
1


Similar Part No. - ATA5812

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
ATA5812 ATMEL-ATA5812 Datasheet
1Mb / 90P
   UHF ASK/FSK Transceiver
ATA5812-PLQW ATMEL-ATA5812-PLQW Datasheet
1Mb / 92P
   UHF ASK/FSK TRANSCEIVER
More results

Similar Description - ATA5812

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
ATA5811 ATMEL-ATA5811_06 Datasheet
1Mb / 92P
   UHF ASK/FSK TRANSCEIVER
ATA5423 ATMEL-ATA5423_06 Datasheet
1Mb / 100P
   UHF ASK/FSK Transceiver
ATA5830N ATMEL-ATA5830N_14 Datasheet
862Kb / 24P
   UHF ASK/FSK Transceiver
ATA5830 ATMEL-ATA5830 Datasheet
1,001Kb / 27P
   UHF ASK/FSK Transceiver
ATA8510 ATMEL-ATA8510 Datasheet
1Mb / 40P
   UHF ASK/FSK Transceiver
ATA5423 ATMEL-ATA5423_07 Datasheet
1Mb / 100P
   UHF ASK/FSK Transceiver
ATA5830 ATMEL-ATA5830_14 Datasheet
862Kb / 24P
   UHF ASK/FSK Transceiver
ATA8510 ATMEL-ATA8510_14 Datasheet
898Kb / 22P
   UHF ASK/FSK Transceiver
ATA5823 ATMEL-ATA5823 Datasheet
1Mb / 98P
   UHF ASK/FSK Transceiver
ATA5823 ATMEL-ATA5823_14 Datasheet
2Mb / 82P
   UHF ASK/FSK Transceiver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com