Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

P6KE75 Datasheet(PDF) 1 Page - Shanghai Shunye Electronics Co.,Ltd.

Part # P6KE75
Description  GLASS PASSIVAED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SHUNYE [Shanghai Shunye Electronics Co.,Ltd.]
Direct Link  http://www.shunyegroup.com.cn/
Logo SHUNYE - Shanghai Shunye Electronics Co.,Ltd.

P6KE75 Datasheet(HTML) 1 Page - Shanghai Shunye Electronics Co.,Ltd.

  P6KE75 Datasheet HTML 1Page - Shanghai Shunye Electronics Co.,Ltd. P6KE75 Datasheet HTML 2Page - Shanghai Shunye Electronics Co.,Ltd. P6KE75 Datasheet HTML 3Page - Shanghai Shunye Electronics Co.,Ltd. P6KE75 Datasheet HTML 4Page - Shanghai Shunye Electronics Co.,Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
a
t
a
D
l
a
c
i
n
a
h
c
e
M
s
e
r
u
t
a
e
F
s
c
i
t
s
i
r
e
t
c
a
r
a
h
C
d
n
a
s
g
n
i
t
a
R
m
u
m
i
x
a
M
(T
A=25
oC unless otherwise noted)
Plastic package has Underwriters Laboratory Flammability
Classification 94V-0
Glass passivated junction
600W peak pulse power capabililty with a 10/1000us
waveform, repetition rate (duty cycle): 0.01%
Excellent clamping capability
Low incremental surge resistance
Very fast response time
High temp. soldering guaranteed: 265oC/10 seconds,
0.375” (9.5mm) lead length, 5lbs. (2.3 kg) tension
Case: JEDEC DO-204AC(DO-15) molded plastic body over
passivated junction
Terminals: Solder plated axial leads, solderable per
MIL-STD-750, Method 2026
Polarity: For unidirectional types the color band denotes the
cathode, which is positive with respect to the anode under
normal TVS operation
Mounting Position: Any
Weight: 0.015oz., 0.4g
r
e
t
e
m
a
r
a
Pl
o
b
m
y
Se
u
l
a
Vt
i
n
U
0
0
0
1
/
0
1
a
h
t
i
w
n
o
i
t
a
p
i
s
s
i
d
r
e
w
o
p
k
a
e
P
u
)
1
.
g
i
F
(
m
r
o
f
e
v
a
w
sP
M
P
P
0
0
6
m
u
m
i
n
i
M
)
1
(
W
0
0
0
1
/
0
1
a
h
t
i
w
t
n
e
r
r
u
c
e
s
l
u
p
k
a
e
P
u
m
r
o
f
e
v
a
w
s
)
1
(
I
M
P
P
e
l
b
a
T
t
x
e
N
e
e
SA
n
o
i
t
a
p
i
s
s
i
d
r
e
w
o
p
e
t
a
t
s
y
d
a
e
t
S
T
t
a
L
5
7
=
oC)
m
m
5
.
9
(
"
5
7
3
.
0
s
h
t
g
n
e
l
d
a
e
l
,
)
2
(
P
)
V
A
(
M
0
.
5W
e
v
a
w
-
e
n
i
s
f
l
a
h
e
l
g
n
i
s
s
m
3
.
8
,
t
n
e
r
r
u
c
e
g
r
u
s
d
r
a
w
r
o
f
k
a
e
P
)
3
(
I
M
S
F
0
0
1A
e
g
a
t
l
o
v
d
r
a
w
r
o
f
s
u
o
e
n
a
t
n
a
t
s
n
i
m
u
m
i
x
a
M
y
l
n
o
l
a
n
o
i
t
c
e
r
i
d
i
n
u
r
o
f
A
0
5
t
a
)
4
(
V
F
0
.
5
/
5
.
3s
t
l
o
V
d
a
e
l
-
o
t
-
n
o
i
t
c
n
u
j
e
c
n
a
t
s
i
s
e
r
l
a
m
r
e
h
t
l
a
c
i
p
y
TR
θ L
J
0
2
o
W
/
C
t
n
e
i
b
m
a
-
o
t
-
n
o
i
t
c
n
u
j
e
c
n
a
t
s
i
s
e
r
l
a
m
r
e
h
t
l
a
c
i
p
y
TR
θ A
J
5
7
o
W
/
C
e
g
n
a
r
e
r
u
t
a
r
e
p
m
e
t
e
g
a
r
o
t
s
d
n
a
n
o
i
t
c
n
u
j
g
n
i
t
a
r
e
p
OT
J
T
,
G
T
S
0
5
1
+
o
t
5
5
-
oC
Notes:
1. Non-repetitive current pulse, per Fig.3 and derated above T
A=25
oC per Fig. 2
2. Mounted on copper pad area of 1.6 x 1.6” (40 x 40mm) per Fig. 5
3. Measured on 8.3ms single half sine-wave or equivalent square wave, duty cycle = 4 pulses per minute maximum
4. V
F=3.5 V for devices of V(BR)
<220V, and V
F=5.0 Volt max. for devices of V(BR)>220V
Devices for Bidirectional Applications
For bi-directional devices, use suffix C or CA for types P6KE6.8 through types P6KE440 (e.g. P6KE6.8C, P6KE440CA).
Electrical characteristics apply in both directions.
P6KE6.8 THRU P6KE550CA
GLASS PASSIVAED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR
Breakdown Voltage:6.8-550 Volts
Peak Pulse Power:600 Watts
www.shunyegroup.com


Similar Part No. - P6KE75

ManufacturerPart #DatasheetDescription
logo
Pan Jit International I...
P6KE75 PANJIT-P6KE75 Datasheet
62Kb / 6P
   GLASS PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR(VOLTAGE - 6.8 TO 440 Volts 600Watt Peak Power 5.0 Watt Steady State)
logo
Yea Shin Technology Co....
P6KE75 YEASHIN-P6KE75 Datasheet
1Mb / 4P
   GLASS PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR
logo
Taiwan Semiconductor Co...
P6KE75 TSC-P6KE75 Datasheet
672Kb / 4P
   600 Watts Transient Voltage Suppressor
logo
Microsemi Corporation
P6KE75 MICROSEMI-P6KE75 Datasheet
83Kb / 2P
   TRANSIENT ABSORPTION ZENER
logo
RFE international
P6KE75 RFE-P6KE75 Datasheet
377Kb / 4P
   TRANSIENT VOLTAGE SUPPRESSOR
2011.10.03
More results

Similar Description - P6KE75

ManufacturerPart #DatasheetDescription
logo
Shanghai Shunye Electro...
SA5.0 SHUNYE-SA5.0 Datasheet
659Kb / 4P
   GLASS PASSIVAED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR
P4KE SHUNYE-P4KE Datasheet
877Kb / 4P
   GLASS PASSIVAED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR
P4KE6.8 SHUNYE-P4KE6.8 Datasheet
661Kb / 4P
   GLASS PASSIVAED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR
P6KE SHUNYE-P6KE Datasheet
937Kb / 4P
   GLASS PASSIVAED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR
logo
Microdiode Electronics ...
P4KE6.8 CHENDA-P4KE6.8_V01 Datasheet
558Kb / 4P
   GLASS PASSIVAED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR
P4KE6.8 CHENDA-P4KE6.8_V02 Datasheet
602Kb / 4P
   GLASS PASSIVAED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR
SA5.0A CHENDA-SA5.0A_V01 Datasheet
479Kb / 3P
   GLASS PASSIVAED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR
logo
Shanghai Shunye Electro...
P4KE6.8 SY-P4KE6.8 Datasheet
662Kb / 4P
   GLASS PASSIVAED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR
SA5.0 SY-SA5.0 Datasheet
660Kb / 4P
   GLASS PASSIVAED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR
logo
Microdiode Electronics ...
SA5.0 CHENDA-SA5.0 Datasheet
840Kb / 4P
   GLASS PASSIVAED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR
1.5KE6.8 CHENDA-1.5KE6.8_V01 Datasheet
599Kb / 4P
   GLASS PASSIVAED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com