Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MN39242FT Datasheet(PDF) 3 Page - Panasonic Semiconductor

Part # MN39242FT
Description  CCD Area Image Sensor Diagonal 4.5 mm (type-1/4) 570k-pixel CCD Area Image Sensor
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANASONIC [Panasonic Semiconductor]
Direct Link  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor

MN39242FT Datasheet(HTML) 3 Page - Panasonic Semiconductor

  MN39242FT Datasheet HTML 1Page - Panasonic Semiconductor MN39242FT Datasheet HTML 2Page - Panasonic Semiconductor MN39242FT Datasheet HTML 3Page - Panasonic Semiconductor MN39242FT Datasheet HTML 4Page - Panasonic Semiconductor MN39242FT Datasheet HTML 5Page - Panasonic Semiconductor MN39242FT Datasheet HTML 6Page - Panasonic Semiconductor MN39242FT Datasheet HTML 7Page - Panasonic Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
MN39242FT
3
SMD00009CEC
■ Absolute Maximum Ratings and Operating Conditions
Parameter
Absolute maximum rating
Operating condition
Unit
Lower limit
Upper limit
Min
Typ
Max
VDD
− 0.2
18.0
14.5
15.0
15.5
V
VPT *
3, 4
−10.0
0.2
−7.5
−7.0
−6.5
V
GND
(Reference voltage)
0
V
VφR
High-Low
8.0
3.0
3.3
3.6
V
Bias
(Supplied internally)
V
VφH1
High
8.0
3.0
3.3
3.6
V
Low
− 0.2
− 0.05
0
0.05
V
VφH2
High
8.0
3.0
3.3
3.6
V
Low
− 0.2
− 0.05
0
0.05
V
VSub *
2
(Supplied internally)
V
φV
Sub
*1
− 0.2
45.0
21.2
22.0
22.8
V
VφV1
*3, 4
High
18.0
14.5
15.0
15.5
V
Middle

− 0.05
0
0.05
V
Low
−9.0
−7.3
−7.0
−6.7
V
VφV2
*3, 4
Middle
15.0
− 0.05
0
0.05
V
Low
−9.0
−7.3
−7.0
−6.7
V
VφV3
*3, 4
High
18.0
14.5
15.0
15.5
V
Middle

− 0.05
0
0.05
V
Low
−9
−7.3
−7.0
−6.7
V
VφV4
*3, 4
Middle
15.0
− 0.05
0
0.05
V
Low
−9.0
−7.3
−7.0
−6.7
V
Operating temperature
−10
70
25
°C
Storage temperature
−30
80

°C
Note) 1. Standard photo detecting condition
Standard photo detecting condition stands for detecting image with a light source of color temperature of 2 856K, lumi-
nance of 1 050 cd/m2, and using a color temperature conversion filter LB-40 (HOYA), infrared cut filter CAW-500S with
thickness 2.5 mm for a light path and with F8 lens aperture. The quantity of the incidental light to a photo-detecting surface
under the above condition is defined as the standard quantity of light.
2. *1: VSub when using electronic shutter function
*2: VSub supplied internally is the voltage suppressing the blooming generation at
×1 000 light quantity relative to the
standard light quantity.
*3: Relation between VPT and VφVL
Set VPT under the following condition against VL of a vertical transfer clock waveform.
VPT
≤ VL (VφV1L to VφV4L)
*4: Absolute maximum ratings
− 0.2 < VφV − VPT < 24.5 (V)
φV
Sub (V)
φV
Sub H
φV
Sub L
GND
VSub (V)


Similar Part No. - MN39242FT

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
MN39260F PANASONIC-MN39260F Datasheet
147Kb / 9P
   4.5 mm (type-1/4) 810k-pixel CCD Area Image Sensor
MN39260FH PANASONIC-MN39260FH Datasheet
147Kb / 9P
   4.5 mm (type-1/4) 810k-pixel CCD Area Image Sensor
More results

Similar Description - MN39242FT

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
MN39116AT PANASONIC-MN39116AT Datasheet
141Kb / 8P
   Diagonal 4.5 mm (type-1/4) 270k-pixel CCD Area Image Sensor
MN39260F PANASONIC-MN39260F Datasheet
147Kb / 9P
   4.5 mm (type-1/4) 810k-pixel CCD Area Image Sensor
MN39160FH PANASONIC-MN39160FH Datasheet
147Kb / 9P
   4.5 mm (type-1/4) 680k-pixel CCD Area Image Sensor
logo
Hamamatsu Corporation
S10140-1007 HAMAMATSU-S10140-1007_15 Datasheet
679Kb / 13P
   CCD area image sensor
logo
Toshiba Semiconductor
TCD5130AC TOSHIBA-TCD5130AC Datasheet
613Kb / 14P
   CCD AREA IMAGE SENSOR
logo
Hamamatsu Corporation
S7017 HAMAMATSU-S7017 Datasheet
183Kb / 8P
   CCD area image sensor
S12071 HAMAMATSU-S12071_15 Datasheet
874Kb / 11P
   CCD area image sensor
S10747-0909 HAMAMATSU-S10747-0909_15 Datasheet
207Kb / 7P
   CCD area image sensor
S9972-1007 HAMAMATSU-S9972-1007_15 Datasheet
426Kb / 10P
   CCD area image sensor
S7033 HAMAMATSU-S7033 Datasheet
225Kb / 8P
   CCD area image sensor
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com