Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TLED2043IPW Datasheet(PDF) 4 Page - Texas Instruments

Part # TLED2043IPW
Description  4-CHANNEL WHITE LED DRIVER
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TLED2043IPW Datasheet(HTML) 4 Page - Texas Instruments

  TLED2043IPW Datasheet HTML 1Page - Texas Instruments TLED2043IPW Datasheet HTML 2Page - Texas Instruments TLED2043IPW Datasheet HTML 3Page - Texas Instruments TLED2043IPW Datasheet HTML 4Page - Texas Instruments TLED2043IPW Datasheet HTML 5Page - Texas Instruments TLED2043IPW Datasheet HTML 6Page - Texas Instruments TLED2043IPW Datasheet HTML 7Page - Texas Instruments TLED2043IPW Datasheet HTML 8Page - Texas Instruments TLED2043IPW Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 15 page
background image
TLED2043
4-CHANNEL WHITE LED DRIVER
SLDS147C – JUNE 2002 – REVISED NOVEMBER 2002
4
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
recommended operating conditions
MIN
MAX
UNIT
VIN1
2.7
5.5
VIN2
Switch input voltage
0
5.5
V
VIN3
0
5.5
VSW
Input voltage for SW pin
0
5.5
V
IOUT1
3
IOUT2
Switch output current
3
mA
IOUT3
3
VDS
FET output drain-source voltage
5.5
V
ID
FET output drain current
50
mA
TA
Operating free-air temperature
–40
85
°C
electrical characteristics, TA = 25°C (unless otherwise noted)
supply voltage switch section
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
VOUT1
VIN1 = 3.6 V, IOUT = 3 mA
VIN–0.1
VOUT2
Switch output voltage
VIN1 = 3.6 V, IOUT = 3 mA
VIN–0.1
V
VOUT3
VIN1 = 3.6 V, IOUT = 3 mA
VIN–0.1
VSW
High input voltage range for SW OFF
VIN1 = 2.7 V to 5.5 V (see Note 4)
VDD × 0.7
V
VSW
Low input voltage range for SW ON
VIN1 = 2.7 V to 5.5 V (see Note 4)
VDD × 0.3
V
IL
Low input current for SW
VIN1 = 3.6 V, VSW = 0 V
20
100
µA
IDD
Input current (see Figure 1)
ON state (VSW = 0 V)
1
mA
IDD
Input current (see Figure 1)
OFF state (VSW = OPEN)
1
µA
NOTE 4: VDD = VOUT1
amplifier (AMP1) section, VIN1 = 3.6 V
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
VIO
Input offset voltage
VIN1 = 2.7 V to 5.5 V,
VIC
× VIN or 100 mV
TA = 25°C
0.3
4
mV
VIO
Input offset voltage
VIC = 0.5 × VIN or 100 mV
(see Figure 2)
TA = Full range
5
mV
IIO
Input offset current
8
pA
IIB
Input bias current
45
pA
VICR Common-mode input voltage VIN1 = 2.7 V to 5.5 V (see Figure 3)
0
VDD–1.5
V
AVD
Open-loop voltage gain
70
dB
B1
Unity-gain bandwidth
630
kHz
VOH
Output voltage (FB)
RL ≥ 100 kΩ (see Figure 4)
VDD–1.5
V
VOL
Output voltage (FB)
RL ≥ 100 kΩ (see Figure 5)
0.1
V
constant-current circuit section, AMP + FET
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
ID(OFF) Drain off-state current
VIN1 = 3.6 V, SW: OFF (VSW = VDD or OPEN), VDS = 5.5 V
25
250
nA
ron
Drain-source ON resistance
VIN1 = 2.7 V, IN+ = 0.1 V, ID = 20 mA (see Figure 6)
6
VS
Source voltage
VIN1 = 2.7 V to 5.5 V, FB = 200 mV, VD = 0.5 V, RL = 10 Ω
(see Figure 7)
194
199
204
mV


Similar Part No. - TLED2043IPW

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
TLED40W-054-C0700-D ETC2-TLED40W-054-C0700-D Datasheet
681Kb / 3P
   Switch Mode LED Driver
More results

Similar Description - TLED2043IPW

ManufacturerPart #DatasheetDescription
logo
Rohm
BD6586MUV ROHM-BD6586MUV_12 Datasheet
626Kb / 24P
   4-Channel White LED Driver
BD65D00MUV ROHM-BD65D00MUV Datasheet
985Kb / 40P
   4-Channel White LED Driver
logo
Lowpower Semiconductor ...
LP3164 POWER-LP3164 Datasheet
131Kb / 5P
   4-Channel Current Source White LED Driver
logo
Sipex Corporation
SP6687 SIPEX-SP6687 Datasheet
246Kb / 12P
   4 Channel Charge Pump White LED Driver
logo
Lowpower Semiconductor ...
LP3360 POWER-LP3360 Datasheet
225Kb / 6P
   4-Channel Constant Current White LED Driver
logo
ON Semiconductor
CAT3604AHV4-T2 ONSEMI-CAT3604AHV4-T2 Datasheet
238Kb / 11P
   4-Channel Regulated Charge Pump White LED Driver
November, 2010 ??Rev. 0
CAT3604HV4-T2 ONSEMI-CAT3604HV4-T2 Datasheet
388Kb / 12P
   4-Channel Regulated Charge Pump White LED Driver
Doc. No. MD-5009 Rev. D
logo
Seaward Electronics Inc...
SE3362 SEAWARD-SE3362 Datasheet
329Kb / 8P
   4-Channel Regulated Charge Pump White LED Driver
logo
Catalyst Semiconductor
CAT3604 CATALYST-CAT3604_08 Datasheet
411Kb / 12P
   4-Channel Regulated Charge Pump White LED Driver
logo
Power Analog Micoelectr...
PAM2701 PAM-PAM2701 Datasheet
387Kb / 14P
   4-Channel Regulated Charge Pump White LED Driver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com