Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TLED2043 Datasheet(PDF) 10 Page - Texas Instruments

Part # TLED2043
Description  4-CHANNEL WHITE LED DRIVER
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TLED2043 Datasheet(HTML) 10 Page - Texas Instruments

Back Button TLED2043 Datasheet HTML 6Page - Texas Instruments TLED2043 Datasheet HTML 7Page - Texas Instruments TLED2043 Datasheet HTML 8Page - Texas Instruments TLED2043 Datasheet HTML 9Page - Texas Instruments TLED2043 Datasheet HTML 10Page - Texas Instruments TLED2043 Datasheet HTML 11Page - Texas Instruments TLED2043 Datasheet HTML 12Page - Texas Instruments TLED2043 Datasheet HTML 13Page - Texas Instruments TLED2043 Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 15 page
background image
TLED2043
4-CHANNEL WHITE LED DRIVER
SLDS147C – JUNE 2002 – REVISED NOVEMBER 2002
10
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
TYPICAL CHARACTERISTICS
DEVICE OPERATION/APPLICATION HINTS
Refer to the functional block diagram and typical application circuit (see Figure 8)
White LEDs commonly are used to produce the backlight for small color LCDs found in portable electronics,
such as cell phones and PDAs. Because the LED’s brightness and chromaticity are dependent on the LED’s
bias current, precise control of this current is necessary for proper illumination of the LCD. The TLED2043 is,
essentially, four voltage-controlled current sinks that are regulated in unison, with each current sink setting the
bias current for one white LED. The basic circuitry and operation of the TLED2043 can be divided into three main
operating blocks described below.
output FETs
The TLED2043 has four n-channel MOSFETs to drive four external LEDs. The FETs have a specified maximum
ron of 6 Ω, while delivering 20 mA of load current. To determine the biasing current for each LED, the gate of
each FET is driven by a buffer whose output is controlled by the current-control amplifier.
current control amplifier
The output of the Current Control Amplifier simultaneously drives four unity-gain amplifiers connected to the
gates of the output FETs. To determine the drain current of each FET (the LED current), the noninverting input
(IN+) of this amplifier typically is coupled to the battery voltage via Switch 1, while the inverting input (IN–)
typically is coupled to a fixed reference voltage that remains constant as battery voltage changes. Therefore,
the output of the Current Control Amplifier and the corresponding LED currents are proportional to the difference
between the battery and reference voltages. As battery voltage drops with use, so does the LED current,
allowing for lower power consumption to conserve battery power.
switch 1, 2, 3
The TLED2042 has three switches that are opened/closed in unison via an active-low switch-enable (SW) pin;
the switches are closed with a low input applied and opened with a high input. Each switch has a maximum loss
of 0.1 V across it; thus, the output of each switch is specified to be (VIN – 0.1 V) < VOUT < VIN.
During periods of inactivity when the LEDs are not needed, significant power savings can be achieved (from
a maximum of 1 mA to 1
µA) by opening the switches. The purpose of each switch is described below:
Switch 1: used to remove power to the TLED2043 when the LEDs are not needed.
Switch 2 (or 3): used to remove power to the series voltage reference (V
REF in the typical application
Circuit). Without this switch, VREF current flows continuously (through R1 and R2), even when power is
removed from the TLED2043. (Note that, if a shunt reference like the TLV431 is used, current still flows
through the reference, even if Switch 2 is open).
Switch 3: Though not used in the typical application circuit here, this switch can be used to connect
various external circuitries to the current-control amplifier. One example is to connect an external
voltage to either input of the current-control amplifier to implement an analog LED brightness control
(see next section).


Similar Part No. - TLED2043

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
TLED40W-054-C0700-D ETC2-TLED40W-054-C0700-D Datasheet
681Kb / 3P
   Switch Mode LED Driver
More results

Similar Description - TLED2043

ManufacturerPart #DatasheetDescription
logo
Rohm
BD6586MUV ROHM-BD6586MUV_12 Datasheet
626Kb / 24P
   4-Channel White LED Driver
BD65D00MUV ROHM-BD65D00MUV Datasheet
985Kb / 40P
   4-Channel White LED Driver
logo
Lowpower Semiconductor ...
LP3164 POWER-LP3164 Datasheet
131Kb / 5P
   4-Channel Current Source White LED Driver
logo
Sipex Corporation
SP6687 SIPEX-SP6687 Datasheet
246Kb / 12P
   4 Channel Charge Pump White LED Driver
logo
Lowpower Semiconductor ...
LP3360 POWER-LP3360 Datasheet
225Kb / 6P
   4-Channel Constant Current White LED Driver
logo
ON Semiconductor
CAT3604AHV4-T2 ONSEMI-CAT3604AHV4-T2 Datasheet
238Kb / 11P
   4-Channel Regulated Charge Pump White LED Driver
November, 2010 ??Rev. 0
CAT3604HV4-T2 ONSEMI-CAT3604HV4-T2 Datasheet
388Kb / 12P
   4-Channel Regulated Charge Pump White LED Driver
Doc. No. MD-5009 Rev. D
logo
Seaward Electronics Inc...
SE3362 SEAWARD-SE3362 Datasheet
329Kb / 8P
   4-Channel Regulated Charge Pump White LED Driver
logo
Catalyst Semiconductor
CAT3604 CATALYST-CAT3604_08 Datasheet
411Kb / 12P
   4-Channel Regulated Charge Pump White LED Driver
logo
Power Analog Micoelectr...
PAM2701 PAM-PAM2701 Datasheet
387Kb / 14P
   4-Channel Regulated Charge Pump White LED Driver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com