Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TLE6389GV Datasheet(PDF) 8 Page - Infineon Technologies AG

Part # TLE6389GV
Description  Step-Down DC/DC Controller
Download  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

TLE6389GV Datasheet(HTML) 8 Page - Infineon Technologies AG

Back Button TLE6389GV Datasheet HTML 4Page - Infineon Technologies AG TLE6389GV Datasheet HTML 5Page - Infineon Technologies AG TLE6389GV Datasheet HTML 6Page - Infineon Technologies AG TLE6389GV Datasheet HTML 7Page - Infineon Technologies AG TLE6389GV Datasheet HTML 8Page - Infineon Technologies AG TLE6389GV Datasheet HTML 9Page - Infineon Technologies AG TLE6389GV Datasheet HTML 10Page - Infineon Technologies AG TLE6389GV Datasheet HTML 11Page - Infineon Technologies AG TLE6389GV Datasheet HTML 12Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 23 page
background image
TLE 6389
Target Datasheet Rev. 1.7
8
2001-09-17
Current Consumption TLE6389-50
3.0.5
Supply current into
VS
I
S
50
µA
V
S = 13.5 V;
V
ENABLE = 5 V;
I
OUT = 0 mA;
T
J = 25 °C;
3.0.6
80
µA
V
S = 42 V;
V
ENABLE = 5 V;
I
OUT = 0 mA;
T
J = 25 °C;
3.0.7
2
µAV
ENABLE=0V
3.0.8
FB current
I
FB
50
µA
V
ENABLE = 5 V;
V
OUT = 5 V;
T
J = 25 °C;
Current Consumption TLE6389-33
3.0.9
Supply current into
VS
I
S
80
µA
V
S = 13.5 V;
V
ENABLE = 5 V;
I
OUT = 0 mA;
T
J = 25 °C;
3.0.10
110
µA
V
S = 42 V;
V
ENABLE = 5 V;
I
OUT = 0 mA;
T
J = 25 °C;
3.0.11
2
µAV
ENABLE=0V
Current Consumption TLE6389-50-1
3
Electrical Characteristics (cont’d)
5V<
V
S <48V; - 40°C< Tj <150 °C;
all voltages with respect to ground; positive current defined flowing into the pin; unless otherwise specified
Item
Parameter
Symbol
Limit Values
Unit
Test Condition
min. typ.
max.


Similar Part No. - TLE6389GV

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
TLE6389 INFINEON-TLE6389 Datasheet
1Mb / 38P
   Step-Down DC/DC Controller
Rev. 2.1 2007-08-13
TLE6389-2GV50 INFINEON-TLE6389-2GV50 Datasheet
1Mb / 38P
   Step-Down DC/DC Controller
2007-08-13 Rev 2.1
TLE6389 INFINEON-TLE6389_07 Datasheet
1Mb / 38P
   Step-Down DC/DC Controller
Rev. 2.1 2007-08-13
More results

Similar Description - TLE6389GV

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
IFX80471SK-V INFINEON-IFX80471SK-V Datasheet
1Mb / 32P
   Step-Down DC/DC Controller
Rev. 1.0, 2011-02-07
TLE6389 INFINEON-TLE6389_07 Datasheet
1Mb / 38P
   Step-Down DC/DC Controller
Rev. 2.1 2007-08-13
logo
Richtek Technology Corp...
RT2702 RICHTEK-RT2702 Datasheet
436Kb / 20P
   Step-Down DC-DC Controller
logo
SHANGHAI BELLING CO., L...
BL8501 BELLING-BL8501 Datasheet
340Kb / 10P
   Step down DC/DC controller
logo
Silicon Standard Corp.
SS6579 SSC-SS6579 Datasheet
537Kb / 8P
   Step-Down DC/DC Controller
logo
Infineon Technologies A...
TLE6389-2GV50 INFINEON-TLE6389-2GV50 Datasheet
1Mb / 38P
   Step-Down DC/DC Controller
2007-08-13 Rev 2.1
logo
Analog Devices
ADP1821 AD-ADP1821 Datasheet
543Kb / 24P
   Step-Down DC-to-DC Controller
REV. B
logo
Linear Technology
LTC1773 LINER-LTC1773_15 Datasheet
298Kb / 20P
   Synchronous Step-Down DC/DC Controller
logo
Analog Devices
ADP1821 AD-ADP1821_15 Datasheet
815Kb / 24P
   Step-Down DC-to-DC Controller
REV. C
logo
Unisonic Technologies
UC4601 UTC-UC4601 Datasheet
147Kb / 4P
   PWM STEP-DOWN DC-DC CONTROLLER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com