Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TLE6389GV Datasheet(PDF) 3 Page - Infineon Technologies AG

Part # TLE6389GV
Description  Step-Down DC/DC Controller
Download  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

TLE6389GV Datasheet(HTML) 3 Page - Infineon Technologies AG

  TLE6389GV Datasheet HTML 1Page - Infineon Technologies AG TLE6389GV Datasheet HTML 2Page - Infineon Technologies AG TLE6389GV Datasheet HTML 3Page - Infineon Technologies AG TLE6389GV Datasheet HTML 4Page - Infineon Technologies AG TLE6389GV Datasheet HTML 5Page - Infineon Technologies AG TLE6389GV Datasheet HTML 6Page - Infineon Technologies AG TLE6389GV Datasheet HTML 7Page - Infineon Technologies AG TLE6389GV Datasheet HTML 8Page - Infineon Technologies AG TLE6389GV Datasheet HTML 9Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 23 page
background image
TLE 6389
Target Datasheet Rev. 1.7
3
2001-09-17
1SI_ENA
BLE
SI Enable Input. SI_GND is switched to high impedance when SI_Enable
is low. High level at SI_Enable connects SI_GND to GND via a low
impedance path. SO is undefined when SI_Enable is low. (TLE6389G50-
1, TLE6389G33-1 only)
13
VS
Supply Input. Bypass with 0.47µF.
4GND
Ground. Analog signal ground.
6SI_GND
SI Ground. Ground connection for SI comparator resistor devider.
11
BDS
Buck Driver Supply Input. Connect ceramic capacitor between BDS and
VS to generate clamped gate-source voltage to drive the PMOS power
stage.
14
CS
Current-Sense Input. Connect current-sense resistor between VS and
CS. External MOSFET is turned off when the voltage across the resistor
equals the current-limit trip level.
12
GDRV
Gate Drive Output for External P-Channel MOSFET. GDRV swings
between VS and BDS.
10
RO
Reset Output. Open drain output from reset comparator with an internal
pull up resistor.
8RD
Reset Delay. Connect a capacitor to ground for delay time adjustment.
9SO
Sense Output Comparator. Open drain output from SI comparator with
an internal pull up resistor.
7SI
Sense Input Comparator. Input to the Low-Battery Comparator. This
input is compared to an internal 1.25V reference.
5SYNC
Input for external synchronization. An external clock signal connected
to this pin allows for GDRV switching synchronization.
Pin No
SO-14
Symbol
Function


Similar Part No. - TLE6389GV

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
TLE6389 INFINEON-TLE6389 Datasheet
1Mb / 38P
   Step-Down DC/DC Controller
Rev. 2.1 2007-08-13
TLE6389-2GV50 INFINEON-TLE6389-2GV50 Datasheet
1Mb / 38P
   Step-Down DC/DC Controller
2007-08-13 Rev 2.1
TLE6389 INFINEON-TLE6389_07 Datasheet
1Mb / 38P
   Step-Down DC/DC Controller
Rev. 2.1 2007-08-13
More results

Similar Description - TLE6389GV

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
IFX80471SK-V INFINEON-IFX80471SK-V Datasheet
1Mb / 32P
   Step-Down DC/DC Controller
Rev. 1.0, 2011-02-07
TLE6389 INFINEON-TLE6389_07 Datasheet
1Mb / 38P
   Step-Down DC/DC Controller
Rev. 2.1 2007-08-13
logo
Richtek Technology Corp...
RT2702 RICHTEK-RT2702 Datasheet
436Kb / 20P
   Step-Down DC-DC Controller
logo
SHANGHAI BELLING CO., L...
BL8501 BELLING-BL8501 Datasheet
340Kb / 10P
   Step down DC/DC controller
logo
Silicon Standard Corp.
SS6579 SSC-SS6579 Datasheet
537Kb / 8P
   Step-Down DC/DC Controller
logo
Infineon Technologies A...
TLE6389-2GV50 INFINEON-TLE6389-2GV50 Datasheet
1Mb / 38P
   Step-Down DC/DC Controller
2007-08-13 Rev 2.1
logo
Analog Devices
ADP1821 AD-ADP1821 Datasheet
543Kb / 24P
   Step-Down DC-to-DC Controller
REV. B
logo
Linear Technology
LTC1773 LINER-LTC1773_15 Datasheet
298Kb / 20P
   Synchronous Step-Down DC/DC Controller
logo
Analog Devices
ADP1821 AD-ADP1821_15 Datasheet
815Kb / 24P
   Step-Down DC-to-DC Controller
REV. C
logo
Unisonic Technologies
UC4601 UTC-UC4601 Datasheet
147Kb / 4P
   PWM STEP-DOWN DC-DC CONTROLLER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com