Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

APW6020C-TU Datasheet(PDF) 5 Page - Anpec Electronics Coropration

Part # APW6020C-TU
Description  Advanced Dual PWM and Dual Linear Power Controllers
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ANPEC [Anpec Electronics Coropration]
Direct Link  http://www.anpec.com.tw
Logo ANPEC - Anpec Electronics Coropration

APW6020C-TU Datasheet(HTML) 5 Page - Anpec Electronics Coropration

  APW6020C-TU Datasheet HTML 1Page - Anpec Electronics Coropration APW6020C-TU Datasheet HTML 2Page - Anpec Electronics Coropration APW6020C-TU Datasheet HTML 3Page - Anpec Electronics Coropration APW6020C-TU Datasheet HTML 4Page - Anpec Electronics Coropration APW6020C-TU Datasheet HTML 5Page - Anpec Electronics Coropration APW6020C-TU Datasheet HTML 6Page - Anpec Electronics Coropration APW6020C-TU Datasheet HTML 7Page - Anpec Electronics Coropration APW6020C-TU Datasheet HTML 8Page - Anpec Electronics Coropration APW6020C-TU Datasheet HTML 9Page - Anpec Electronics Coropration Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 13 page
background image
Copyright
 ANPEC Electronics Corp.
Rev. A.2 - May, 2001
APW6020
www.anpec.com.tw
5
Functional Pin Description
UGATE2 (Pin 1)
Connect UGATE2 pin to the standard BUCK PWM
converter’s MOSFET gate. This pin provides the gate
drive for the MOSFET.
PHASE2 (Pin 2)
Connect the PHASE2 pin to the standard BUCK PWM
converter’s MOSFET source. This pin is used to
monitor the voltage drop across the MOSFET for
over-current protection.
VID0 , VID1 , VID2 , VID3 , VID4 (Pins 7, 6 , 5 , 4 and
3)
VID0-4 are the TTL-compatible input pins to the 5-bit
DAC. The logic states of these five pins program the
internal voltage reference (DACOUT). The level of
DACOUT sets the microprocessor core converter
output voltage , as well as the coresponding PGOOD
and OVP thresholds.
PGOOD (Pin 8)
PGOOD is an open drain output used to indicate the
status of the output voltages. This pin is pulled low
when the synchronous regulator output is not within
10% of the DACOUT reference voltage or when any
of the other outputs are below their under-voltage
thresholds.
The PGOOD output is open for ‘11111’ VID code.
OCSET2 (Pin 9)
Connect a resistor (R
OCSET ) from this pin to the drain
of the standard BUCK converter’s MOSFET. R
OCSET ,
an internal 200
µA current source (I
OCSET ) , and the
MOSFET’s on-resistance(r
DS(ON)) set the converter
over-current (OC) trip point according to the follow-
ing equation :
I
PEAK
=
An over-current trip cycles the soft-start function.
VSEN2 (Pin 10)
Connect this pin to the output of the standard Buck
PWM converter. The voltage at this pin is regulated
to the level predetermined by the logic-level status of
the SELECT pin. This pin is also monitored by the
PGOOD comparator circuit.
SELECT (Pin 11)
This pin determines the output voltage of the AGP
bus switching regulator. A low TTL input sets the
output voltage to 1.5V , while a high input sets the
output voltage to 3.3V.
SS (Pin 12)
Connect a capacitor from this pin to ground. This
capacitor , along with an internal 28
µA current source
, sets the soft-start interval of the converter.
FAULT / RT (Pin 13)
This pin provides oscillator switching frequency
adjustment. By placing a resistor (R
T ) from this pin
to GND , the nominal 200kHz switching frequency is
increased. Conversely , connecting a pull-up resis-
tor (R
T ) from this pin to VCC reduces the switching
frequency.
Nominally , the voltage at this pin is 1.26V. In the
event of an over-voltage or over-current condition ,
this pin is internally pulled to VCC.
VSEN4 (Pin 14)
Connect this pin to the output of the linear 1.8V
regulator. This pin is monitored for under-voltage
events.
DRIVE4 (Pin 15)
Connect this pin to the gate of an external MOSFET.
This pin provides the drive for the 1.8V regulator’s
pass transistor.
VAUX (Pin 16)
The +3.3V input voltage at this pin is monitored for
I
OCSET * ROCSET
r
DS(ON)


Similar Part No. - APW6020C-TU

ManufacturerPart #DatasheetDescription
logo
Anpec Electronics Corop...
APW6021 ANPEC-APW6021 Datasheet
139Kb / 13P
   Advanced PWM and Triple Linear Power Controllers
APW6021A ANPEC-APW6021A Datasheet
139Kb / 13P
   Advanced PWM and Triple Linear Power Controllers
APW6021AKC-TR ANPEC-APW6021AKC-TR Datasheet
139Kb / 13P
   Advanced PWM and Triple Linear Power Controllers
APW6021AKC-TRL ANPEC-APW6021AKC-TRL Datasheet
139Kb / 13P
   Advanced PWM and Triple Linear Power Controllers
APW6021AKC-TU ANPEC-APW6021AKC-TU Datasheet
139Kb / 13P
   Advanced PWM and Triple Linear Power Controllers
More results

Similar Description - APW6020C-TU

ManufacturerPart #DatasheetDescription
logo
Anpec Electronics Corop...
APW7026 ANPEC-APW7026 Datasheet
138Kb / 11P
   Advanced PWM and Dual Linear Power Controllers
logo
Intersil Corporation
HIP6019 INTERSIL-HIP6019 Datasheet
152Kb / 15P
   Advanced Dual PWM and Dual Linear Power Control
logo
Renesas Technology Corp
HIP6019 RENESAS-HIP6019 Datasheet
824Kb / 15P
   Advanced Dual PWM and Dual Linear Power Control
April 1998
HIP6020 RENESAS-HIP6020 Datasheet
801Kb / 15P
   Advanced Dual PWM and Dual Linear Power Controller
February 1999
logo
Intersil Corporation
HIP6019B INTERSIL-HIP6019B Datasheet
362Kb / 15P
   Advanced Dual PWM and Dual Linear Power Control
HIP6020 INTERSIL-HIP6020 Datasheet
139Kb / 15P
   Advanced Dual PWM and Dual Linear Power Controller
logo
Renesas Technology Corp
HIP6020A RENESAS-HIP6020A Datasheet
860Kb / 16P
   Advanced Dual PWM and Dual Linear Power Controller
September 2001
logo
Anpec Electronics Corop...
APW3007 ANPEC-APW3007 Datasheet
133Kb / 12P
   Advanced Dual PWM and Dual Linear Power Controller
logo
Intersil Corporation
HIP6019B INTERSIL-HIP6019B_05 Datasheet
481Kb / 15P
   Advanced Dual PWM and Dual Linear Power Control
HIP6020A INTERSIL-HIP6020A Datasheet
192Kb / 16P
   Advanced Dual PWM and Dual Linear Power Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com