Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

P6KE43A Datasheet(PDF) 2 Page - Shanghai Shunye Electronics Co.,Ltd.

Part # P6KE43A
Description  GLASS PASSIVAED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SHUNYE [Shanghai Shunye Electronics Co.,Ltd.]
Direct Link  http://www.shunyegroup.com.cn/
Logo SHUNYE - Shanghai Shunye Electronics Co.,Ltd.

P6KE43A Datasheet(HTML) 2 Page - Shanghai Shunye Electronics Co.,Ltd.

  P6KE43A Datasheet HTML 1Page - Shanghai Shunye Electronics Co.,Ltd. P6KE43A Datasheet HTML 2Page - Shanghai Shunye Electronics Co.,Ltd. P6KE43A Datasheet HTML 3Page - Shanghai Shunye Electronics Co.,Ltd. P6KE43A Datasheet HTML 4Page - Shanghai Shunye Electronics Co.,Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
s
c
i
t
s
i
r
e
t
c
a
r
a
h
C
l
a
c
i
r
t
c
e
l
E
(Ratings at 25oC ambient temperature unless otherwise specified.)
e
p
y
t
e
c
i
v
e
D
e
g
a
t
l
o
v
n
w
o
d
k
a
e
r
B
V
)
R
B
(
)
s
t
l
o
V
(
)
1
(
t
s
e
T
t
n
e
r
r
u
c
I
t
a
T
)
A
m
(
f
f
o
-
d
n
a
t
S
e
g
a
t
l
o
v
V
M
W
)
s
t
l
o
V
(
m
u
m
i
x
a
M
e
s
r
e
v
e
r
e
g
a
k
a
e
l
V
t
a
M
W
I
D
)
3
(
(u )
A
m
u
m
i
x
a
M
e
s
l
u
p
k
a
e
p
t
n
e
r
r
u
c
I
M
P
P
)
2
(
)
A
(
m
u
m
i
x
a
M
g
n
i
p
m
a
l
c
t
a
e
g
a
t
l
o
v
I
M
P
P
V
C
)
s
t
l
o
V
(
m
u
m
i
x
a
M
e
r
u
t
a
r
e
p
m
e
t
t
n
e
i
c
i
f
f
e
o
c
V
f
o
)
R
B
(
/
%
(
o
)
C
.
n
i
M.
x
a
M
8
.
6
E
K
6
P2
1
.
68
4
.
70
10
5
.
50
0
0
16
.
5
58
.
0
17
5
0
.
0
A
8
.
6
E
K
6
P5
4
.
64
1
.
70
10
8
.
50
0
0
11
.
7
55
.
0
17
5
0
.
0
5
.
7
E
K
6
P5
7
.
65
2
.
80
15
0
.
60
0
53
.
1
57
.
1
11
6
0
.
0
A
5
.
7
E
K
6
P3
1
.
78
8
.
70
10
4
.
60
0
51
.
3
53
.
1
11
6
0
.
0
2
.
8
E
K
6
P8
3
.
72
0
.
90
13
6
.
60
0
20
.
8
45
.
2
15
6
0
.
0
A
2
.
8
E
K
6
P9
7
.
71
6
.
80
12
0
.
70
0
26
.
9
41
.
2
15
6
0
.
0
1
.
9
E
K
6
P9
1
.
80
.
0
10
.
17
3
.
70
55
.
3
48
.
3
18
6
0
.
0
A
1
.
9
E
K
6
P5
6
.
85
5
.
90
.
18
7
.
70
58
.
4
44
.
3
18
6
0
.
0
0
1
E
K
6
P0
0
.
90
.
1
10
.
10
1
.
80
10
.
0
40
.
5
13
7
0
.
0
A
0
1
E
K
6
P0
5
.
95
.
0
10
.
15
5
.
80
14
.
1
45
.
4
13
7
0
.
0
1
1
E
K
6
P0
9
.
91
.
2
10
.
12
9
.
80
.
50
.
7
32
.
6
15
7
0
.
0
A
1
1
E
K
6
P5
.
0
16
.
1
10
.
10
4
.
90
.
55
.
8
36
.
5
15
7
0
.
0
2
1
E
K
6
P8
.
0
12
.
3
10
.
12
7
.
90
.
57
.
4
33
.
7
16
7
0
.
0
A
2
1
E
K
6
P4
.
1
16
.
2
10
.
12
.
0
10
.
59
.
5
37
.
6
18
7
0
.
0
3
1
E
K
6
P7
.
1
13
.
4
10
.
15
.
0
10
.
56
.
1
30
.
9
11
8
0
.
0
A
3
1
E
K
6
P4
.
2
17
.
3
10
.
11
.
1
10
.
50
.
3
32
.
8
11
8
0
.
0
5
1
E
K
6
P5
.
3
15
.
6
10
.
11
.
2
10
.
13
.
7
20
.
2
24
8
0
.
0
A
5
1
E
K
6
P3
.
4
18
.
5
10
.
18
.
2
10
.
13
.
8
22
.
1
24
8
0
.
0
6
1
E
K
6
P4
.
4
16
.
7
10
.
19
.
2
10
.
15
.
5
25
.
3
26
8
0
.
0
A
6
1
E
K
6
P2
.
5
18
.
6
10
.
16
.
3
10
.
17
.
6
25
.
2
26
8
0
.
0
8
1
E
K
6
P2
.
6
18
.
9
10
.
15
.
4
10
.
16
.
2
25
.
6
28
8
0
.
0
A
8
1
E
K
6
P1
.
7
19
.
8
10
.
13
.
5
10
.
18
.
3
22
.
5
28
8
0
.
0
0
2
E
K
6
P0
.
8
10
.
2
20
.
12
.
6
10
.
16
.
0
21
.
9
20
9
0
.
0
A
0
2
E
K
6
P0
.
9
10
.
1
20
.
11
.
7
10
.
17
.
1
27
.
7
20
9
0
.
0
2
2
E
K
6
P8
.
9
12
.
4
20
.
18
.
7
10
.
18
.
8
19
.
1
32
9
0
.
0
A
2
2
E
K
6
P9
.
0
21
.
3
20
.
18
.
8
10
.
16
.
9
16
.
0
32
9
0
.
0
4
2
E
K
6
P6
.
1
24
.
6
20
.
14
.
9
10
.
13
.
7
17
.
4
34
9
0
.
0
A
4
2
E
K
6
P8
.
2
22
.
5
20
.
15
.
0
20
.
11
.
8
12
.
3
34
9
0
.
0
7
2
E
K
6
P3
.
4
27
.
9
20
.
18
.
1
20
.
13
.
5
11
.
9
36
9
0
.
0
A
7
2
E
K
6
P7
.
5
24
.
8
20
.
11
.
3
20
.
10
.
6
15
.
7
36
9
0
.
0
0
3
E
K
6
P0
.
7
20
.
3
30
.
13
.
4
20
.
18
.
3
15
.
3
47
9
0
.
0
A
0
3
E
K
6
P5
.
8
25
.
1
30
.
16
.
5
20
.
15
.
4
14
.
1
47
9
0
.
0
3
3
E
K
6
P7
.
9
23
.
6
30
.
18
.
6
20
.
16
.
2
17
.
7
48
9
0
.
0
A
3
3
E
K
6
P4
.
1
37
.
4
30
.
12
.
8
20
.
11
.
3
17
.
5
48
9
0
.
0
6
3
E
K
6
P4
.
2
36
.
9
30
.
11
.
9
20
.
15
.
1
10
.
2
59
9
0
.
0
A
6
3
E
K
6
P2
.
4
38
.
7
30
.
18
.
0
30
.
10
.
2
19
.
9
49
9
0
.
0
9
3
E
K
6
P1
.
5
39
.
2
40
.
16
.
1
30
.
16
.
0
14
.
6
50
0
1
.
0
A
9
3
E
K
6
P1
.
7
30
.
1
40
.
13
.
3
30
.
11
.
1
19
.
3
50
0
1
.
0
3
4
E
K
6
P7
.
8
33
.
7
40
.
18
.
4
30
.
17
.
99
.
1
61
0
1
.
0
A
3
4
E
K
6
P9
.
0
42
.
5
40
.
18
.
6
30
.
11
.
0
13
.
9
51
0
1
.
0
7
4
E
K
6
P3
.
2
47
.
1
50
.
11
.
8
30
.
18
.
88
.
7
61
0
1
.
0
A
7
4
E
K
6
P7
.
4
44
.
9
40
.
12
.
0
40
.
13
.
98
.
4
61
0
1
.
0
1
5
E
K
6
P9
.
5
41
.
6
50
.
13
.
1
40
.
12
.
85
.
3
72
0
1
.
0
A
1
5
E
K
6
P5
.
8
46
.
3
50
.
16
.
3
40
.
16
.
81
.
0
72
0
1
.
0
6
5
E
K
6
P4
.
0
56
.
1
60
.
14
.
5
40
.
15
.
75
.
0
83
0
1
.
0
A
6
5
E
K
6
P2
.
3
58
.
8
50
.
18
.
7
40
.
18
.
70
.
7
73
0
1
.
0
www.shunyegroup.com


Similar Part No. - P6KE43A

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
P6KE43A MOTOROLA-P6KE43A Datasheet
81Kb / 7P
   ZENER OVERVOLTAGE TRANSIENTSUPPRESSORS
logo
UN Semiconducctor INC
P6KE43A UNSEMI-P6KE43A Datasheet
3Mb / 7P
   6.8 To 600V 600W Axial Lead Transient Voltage Suppressors (TVS)
Revision March 1,2022
logo
Vishay Siliconix
P6KE43A VISHAY-P6KE43A Datasheet
93Kb / 6P
   TRANSZORB® Transient Voltage Suppressors
Revision: 18-Sep-12
logo
UNIOHM CORPORATION
P6KE43A UNIOHM-P6KE43A Datasheet
88Kb / 4P
   600 WATT PEAK POWER TRANSIENT VOLTAGE SUPPRESSORS
logo
SUNMATE electronic Co.,...
P6KE43A SUNMATE-P6KE43A Datasheet
648Kb / 5P
   AXIAL LEADED TRANSIENT VOLTAGE SUPPERSSOR
More results

Similar Description - P6KE43A

ManufacturerPart #DatasheetDescription
logo
Shanghai Shunye Electro...
SA5.0 SHUNYE-SA5.0 Datasheet
659Kb / 4P
   GLASS PASSIVAED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR
P4KE SHUNYE-P4KE Datasheet
877Kb / 4P
   GLASS PASSIVAED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR
P4KE6.8 SHUNYE-P4KE6.8 Datasheet
661Kb / 4P
   GLASS PASSIVAED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR
P6KE SHUNYE-P6KE Datasheet
937Kb / 4P
   GLASS PASSIVAED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR
logo
Microdiode Electronics ...
P4KE6.8 CHENDA-P4KE6.8_V01 Datasheet
558Kb / 4P
   GLASS PASSIVAED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR
P4KE6.8 CHENDA-P4KE6.8_V02 Datasheet
602Kb / 4P
   GLASS PASSIVAED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR
SA5.0A CHENDA-SA5.0A_V01 Datasheet
479Kb / 3P
   GLASS PASSIVAED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR
logo
Shanghai Shunye Electro...
P4KE6.8 SY-P4KE6.8 Datasheet
662Kb / 4P
   GLASS PASSIVAED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR
SA5.0 SY-SA5.0 Datasheet
660Kb / 4P
   GLASS PASSIVAED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR
logo
Microdiode Electronics ...
SA5.0 CHENDA-SA5.0 Datasheet
840Kb / 4P
   GLASS PASSIVAED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR
1.5KE6.8 CHENDA-1.5KE6.8_V01 Datasheet
599Kb / 4P
   GLASS PASSIVAED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com