Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

3518132100 Datasheet(PDF) 4 Page - Delta Electronics, Inc.

Part # 3518132100
Description  THIS SPECIFICATION DEFINES THE ELECTRICAL AND MECHANICAL CHARACTERISTICS OF THE HEATSINK
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DELTA [Delta Electronics, Inc.]
Direct Link  http://www.deltaww.com
Logo DELTA - Delta Electronics, Inc.

3518132100 Datasheet(HTML) 4 Page - Delta Electronics, Inc.

  3518132100 Datasheet HTML 1Page - Delta Electronics, Inc. 3518132100 Datasheet HTML 2Page - Delta Electronics, Inc. 3518132100 Datasheet HTML 3Page - Delta Electronics, Inc. 3518132100 Datasheet HTML 4Page - Delta Electronics, Inc. 3518132100 Datasheet HTML 5Page - Delta Electronics, Inc. 3518132100 Datasheet HTML 6Page - Delta Electronics, Inc. 3518132100 Datasheet HTML 7Page - Delta Electronics, Inc. 3518132100 Datasheet HTML 8Page - Delta Electronics, Inc. 3518132100 Datasheet HTML 9Page - Delta Electronics, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 10 page
background image
Delta Electronics
Corp.
Form No.
tMP—D029
Form
Rev.
00
1. SPECIFICATION
1.1
Characters
Item
Description
Scope
THIS SPECIFICATION DEFINES THE ELECTRICAL AND
MECHANICAL CHARACTERISTICS OF THE HEATSINK
Application
INTEL LGA2011 CPU HEATSINK
Specification
a: Thermal Resistance
0.24 C/W)(REF.)
b: total weight
430 g (REF.)
c: clip force
29.5 Kgf (REF.)
1.2
BOM
Item
Part Name
Material
Part NO.
Q’TY
Remark
1
FIN
AL 1050
3346397700
1PCE
2
CU BASE
CU 1100
3346845100
1PCE
3
CAP
SUS 304
3462395200
4PCE
4
SCREW
SUS 304
3105359900
4PCE
5
SPRING
ASTM A228
3462028800
4PCE
6
E CLIP
SK7
3110264700
4PCE
7
SPACER
POM
3244747000
4PCE
8
GREASE
TC-1996
4021101500
0.308 g
9
EPE
EPE
3501524000
1PCE
10
BOX
PAPER
3518132100
1PCE
11
TRAY
PET
3503125100
1PCE
12
PAD PAPER
PAPER
3516261800
0.156PCE
13
CARTON
PAPER
3513701700
0.031PCE
14
DATECODE
POLYESTER
3265081000
1PCE
15
LABEL
PAPER
3261447400
0.031PCE


Similar Part No. - 3518132100

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
35181-0200 MOLEX11-35181-0200 Datasheet
38Kb / 1P
   1.78mm Tab Multiple Wire-to-Wire Female Housing, 2 Circuits, Vertical, Type A
35181-0210 MOLEX4-35181-0210 Datasheet
91Kb / 2P
   1.78mm (.070") Tab Multiple Wire-to-Wire Female Housing, 2 Circuits, Vertical, B-Type
35181-0210 MOLEX11-35181-0210 Datasheet
39Kb / 1P
   1.78mm Tab Multiple Wire-to-Wire Female Housing, 2 Circuits, Vertical, Type B
35181-0214 MOLEX11-35181-0214 Datasheet
39Kb / 1P
   1.78mm Tab Multiple Wire-to-Wire Female Housing, 2 Circuits, Vertical, Type B
35181-0220 MOLEX11-35181-0220 Datasheet
39Kb / 1P
   1.78mm Tab Multiple Wire-to-Wire Female Housing, 2 Circuits, Vertical, Type C
More results

Similar Description - 3518132100

ManufacturerPart #DatasheetDescription
logo
Delta Electronics, Inc.
DHS-B9090-11A DELTA-DHS-B9090-11A Datasheet
1Mb / 10P
   THIS SPECIFICATION DEFINES THE ELECTRICAL AND MECHANICAL CHARACTERISTICS OF THE HEATSINK
AFB1224LE DELTA-AFB1224LE Datasheet
1Mb / 8P
   THIS SPECIFICATION DEFINES THE ELECTRICAL AND MECHANICAL CHARACTERISTICS OF THE FAN HEATSINK
AFB1248VHE-TP18 DELTA-AFB1248VHE-TP18 Datasheet
855Kb / 9P
   THIS SPECIFICATION DEFINES THE ELECTRICAL AND MECHANICAL CHARACTERISTICS OF THE FAN HEATSINK
AFB1512H-A DELTA-AFB1512H-A Datasheet
1Mb / 8P
   THIS SPECIFICATION DEFINES THE ELECTRICAL AND MECHANICAL CHARACTERISTICS OF THE FAN HEATSINK
AFB0712SHX02 DELTA-AFB0712SHX02 Datasheet
484Kb / 10P
   THIS SPECIFICATION DEFINES THE ELECTRICAL AND MECHANICAL CHARACTERISTICS OF THE FAN HEATSINK
AFB0824HH-T500 DELTA-AFB0824HH-T500 Datasheet
793Kb / 8P
   THIS SPECIFICATION DEFINES THE ELECTRICAL AND MECHANICAL CHARACTERISTICS OF THE FAN HEATSINK
AFB0912H-TA50 DELTA-AFB0912H-TA50 Datasheet
784Kb / 8P
   THIS SPECIFICATION DEFINES THE ELECTRICAL AND MECHANICAL CHARACTERISTICS OF THE FAN HEATSINK
AFB0924VH-R00 DELTA-AFB0924VH-R00 Datasheet
872Kb / 9P
   THIS SPECIFICATION DEFINES THE ELECTRICAL AND MECHANICAL CHARACTERISTICS OF THE FAN HEATSINK
AFB1212SH-R00 DELTA-AFB1212SH-R00 Datasheet
863Kb / 9P
   THIS SPECIFICATION DEFINES THE ELECTRICAL AND MECHANICAL CHARACTERISTICS OF THE FAN HEATSINK
AFB0812SH-TP12 DELTA-AFB0812SH-TP12 Datasheet
1Mb / 9P
   THIS SPECIFICATION DEFINES THE ELECTRICAL AND MECHANICAL CHARACTERISTICS OF THE FAN HEATSINK
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com