Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DNS10S0A0S06PFD Datasheet(PDF) 5 Page - Delta Electronics, Inc.

Part # DNS10S0A0S06PFD
Description  Output Voltage tracking
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DELTA [Delta Electronics, Inc.]
Direct Link  http://www.deltaww.com
Logo DELTA - Delta Electronics, Inc.

DNS10S0A0S06PFD Datasheet(HTML) 5 Page - Delta Electronics, Inc.

  DNS10S0A0S06PFD Datasheet HTML 1Page - Delta Electronics, Inc. DNS10S0A0S06PFD Datasheet HTML 2Page - Delta Electronics, Inc. DNS10S0A0S06PFD Datasheet HTML 3Page - Delta Electronics, Inc. DNS10S0A0S06PFD Datasheet HTML 4Page - Delta Electronics, Inc. DNS10S0A0S06PFD Datasheet HTML 5Page - Delta Electronics, Inc. DNS10S0A0S06PFD Datasheet HTML 6Page - Delta Electronics, Inc. DNS10S0A0S06PFD Datasheet HTML 7Page - Delta Electronics, Inc. DNS10S0A0S06PFD Datasheet HTML 8Page - Delta Electronics, Inc. DNS10S0A0S06PFD Datasheet HTML 9Page - Delta Electronics, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 15 page
background image
DS_DNS10SMD06_05252012
5
ELECTRICAL CHARACTERISTICS CURVES
Figure 12: Turn on Using Remote On/Off with external
capacitors (Co= 3000 µF), 5.0V/6A out
Figure 13: Typical transient response to step load change at
2.5A/μS from 100% to 50% of Io, max at 12Vin,
5.0V out
(Cout = 1uF ceramic,
10μF tantalum)
Io:2A/DIV
Figure 14: Typical transient response to step load change at
2.5A/μS from 50% to 100% of Io, max at 12Vin,
5.0V out (Cout = 1uF ceramic,
10μF tantalum)
Io:2A/DIV
Figure 15: Output short circuit current 12Vin, 0.75Vout
(5A/div)
Figure 16: Turn on with Prebias 12Vin, 5V/0A out, Vbias
=3.3Vdc
Vo
Remote no/off


Similar Part No. - DNS10S0A0S06PFD

ManufacturerPart #DatasheetDescription
logo
Delta Electronics, Inc.
DNS10S0A0S06PFD DELTA-DNS10S0A0S06PFD Datasheet
780Kb / 15P
   Delphi DNL, Non-Isolated Point of Load DC/DC Power Modules: 8.3-14Vin, 0.75-5.0V/16A out
DNS10S0A0S06PFD DELTA-DNS10S0A0S06PFD Datasheet
899Kb / 17P
   Delphi DNS, Non-Isolated Point of Load DC/DC Power Modules: 2.8-5.5Vin, 0.75-3.3V/6Aout
DNS10S0A0S06PFD DELTA-DNS10S0A0S06PFD Datasheet
779Kb / 16P
   Non-Isolated Point of Load DC/DC Power Modules: 2.8-5.5Vin, 0.75-3.3V/16A out
DNS10S0A0S06PFD DELTA-DNS10S0A0S06PFD Datasheet
667Kb / 15P
   Non-Isolated Point of Load DC/DC Power Modules: 8.3-14Vin, 0.75-5.0V/16A out
DNS10S0A0S06PFD DELTA-DNS10S0A0S06PFD Datasheet
764Kb / 16P
   Non-Isolated Point of Load DC/DC Power Modules: 8.3-14Vin, 0.75-5.0V/20A out
More results

Similar Description - DNS10S0A0S06PFD

ManufacturerPart #DatasheetDescription
logo
Delta Electronics, Inc.
DNK12 DELTA-DNK12 Datasheet
1,008Kb / 15P
   Output voltage tracking
logo
Mitsubishi Electric Sem...
M5230L MITSUBISHI-M5230L Datasheet
258Kb / 7P
   VARIABLE OUTPUT VOLTAGE REGULATOR(DUAL TRACKING TYPE)
logo
NTE Electronics
NTE7090 NTE-NTE7090 Datasheet
20Kb / 2P
   Variable Output Voltage Regulator (Dual Tracking Type)
logo
List of Unclassifed Man...
SG4501A ETC1-SG4501A Datasheet
378Kb / 6P
   DUAL VOLTAGE TRACKING REGULATOR
logo
Fairchild Semiconductor
RC4194 FAIRCHILD-RC4194 Datasheet
108Kb / 15P
   Dual Tracking Voltage Regulators
logo
Artesyn Technologies
DDR12 ARTESYN-DDR12 Datasheet
310Kb / 11P
   Tracking Dual Output DC-DC Converters
logo
Texas Instruments
TPS7B4253-Q1 TI1-TPS7B4253-Q1_16 Datasheet
1Mb / 32P
[Old version datasheet]   Low-Dropout Voltage-Tracking LDO With 4-mV Tracking Tolerance
TPS7B4250-Q1 TI1-TPS7B4250-Q1 Datasheet
316Kb / 17P
[Old version datasheet]   Low-Dropout Voltage-Tracking LDO
logo
Infineon Technologies A...
TLE4253 INFINEON-TLE4253 Datasheet
426Kb / 22P
   Low Dropout Voltage Tracking Regulator
Rev. 1.2, November 2009
TLE4250-2 INFINEON-TLE4250-2 Datasheet
314Kb / 17P
   Low Dropout Voltage Tracking Regulator
Rev. 1.0, July 2007
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com