Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DIM Datasheet(PDF) 3 Page - Delta Electronics, Inc.

Part # DIM
Description  Industry standard pin out
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DELTA [Delta Electronics, Inc.]
Direct Link  http://www.deltaww.com
Logo DELTA - Delta Electronics, Inc.

DIM Datasheet(HTML) 3 Page - Delta Electronics, Inc.

  DIM Datasheet HTML 1Page - Delta Electronics, Inc. DIM Datasheet HTML 2Page - Delta Electronics, Inc. DIM Datasheet HTML 3Page - Delta Electronics, Inc. DIM Datasheet HTML 4Page - Delta Electronics, Inc. DIM Datasheet HTML 5Page - Delta Electronics, Inc. DIM Datasheet HTML 6Page - Delta Electronics, Inc. DIM Datasheet HTML 7Page - Delta Electronics, Inc. DIM Datasheet HTML 8Page - Delta Electronics, Inc. DIM Datasheet HTML 9Page - Delta Electronics, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 13 page
background image
DATASHEET
DS_DIM3R3_09102010
3
TECHNICAL SPECIFICATIONS
(TA=25°C, airflow rate=300 LFM, Vin=48Vdc, nominal Vout unless otherwise noted;)
PARAMETER
NOTES and CONDITIONS
DIM3R3300 (Standard)
Min.
Typ.
Max.
Units
MANAGEMENT POWER
Operating Input Voltage
Continuous
-36
-48
-75
Output Voltage Set-point
I(MGMT_PWR)=1.25A
-1.5
+1.5
%Vo
Output Voltage (total)
Over Vin, load, temperature
-3
+3
%Vo
Output Regulation
Line Regulation
Vi= Vi,min to Vi,max
0.05
0.2
%Vo
Load Regulation
Io=Io,min to Io,max
0.05
0.2
%Vo
Temperature Regulation
Ta=Ta,min to Ta,max
1
%Vo
Output Voltage Overshoot
3
%Vo
Back-Drive Current
NA
0
mA
Switching Frequency
450
KHz
MANAGEMENT POWER (3.3V)
Output Ripple and Noise
10
F Tan cap and 1F ceramic cap
RMS
5Hz to 20 MHz bandwidth
20
mV
Peak-to-peak
5Hz to 20MHz bandwidth
70
mV
Output Current
0
2.4
A
Over Current Protection
Hiccup mode
3
6.5
A
Output Short-circuit Current (RMS)
2.2
A
Hiccup Mode Restart Time
10
mS
Output Over Voltage Protection
Voltage limitation mode
5
5.4
V
Dynamic Response (20 MHz bandwidth)
load step is 50%~100%~50%, slew rate is 0.1A/
S
Peak Deviation
3
5
%Vo
Settling Time
800
S
Turn-On Delay Times
I(MGMT_PWR)=2.5A
25
mS
Turn-On Rising Times
I(MGMT_PWR)=2.5A
5
mS
External Load Capacitance
Io=Io,min to Io,max
1000
F
BLUE LED POWER 5V
Operating Input Voltage
Continuous
-36
-48
-75
Vdc
Total Output Voltage Range
4.9
5
5.1
Vdc
Output Regulation
-3
3
%Vo
Output Ripple and Noise
5
mV
Operating Output Current Range
0
0.1
A


Similar Part No. - DIM

ManufacturerPart #DatasheetDescription
logo
Delta Electronics, Inc.
DIM050300SFA DELTA-DIM050300SFA Datasheet
376Kb / 13P
   Delphi Series DIM, 300W Dual Input Power Processing DC/DC Power Modules
DIM050300SFA DELTA-DIM050300SFA Datasheet
378Kb / 13P
   300W Dual Input Power Processing DC/DC Power Modules
DIM050300SFA DELTA-DIM050300SFA Datasheet
379Kb / 14P
   Delphi Series DIM, 300W Dual Input Power Processing DC/DC Power Modules
logo
Dynex Semiconductor
DIM1000ACM33-TL001 DYNEX-DIM1000ACM33-TL001 Datasheet
419Kb / 8P
   IGBT Chopper Module
DIM1000ECM33-TL000 DYNEX-DIM1000ECM33-TL000 Datasheet
418Kb / 8P
   IGBT Chopper Module
More results

Similar Description - DIM

ManufacturerPart #DatasheetDescription
logo
Delta Electronics, Inc.
E48SC12005 DELTA-E48SC12005 Datasheet
449Kb / 15P
   Industry standard pin out
E48SH DELTA-E48SH Datasheet
1Mb / 17P
   Industry standard pin out
E48SC3R325 DELTA-E48SC3R325 Datasheet
486Kb / 15P
   Industry standard pin out
E36SR DELTA-E36SR Datasheet
824Kb / 15P
   Industry standard pin out
E48SC DELTA-E48SC Datasheet
486Kb / 15P
   Industry standard pin out
H48SC3R325 DELTA-H48SC3R325 Datasheet
400Kb / 12P
   Industry standard pin out
E48SC05015 DELTA-E48SC05015 Datasheet
471Kb / 15P
   Industry standard pin out
H48SA53010 DELTA-H48SA53010 Datasheet
1Mb / 13P
   Industry standard pin out
logo
SynQor Worldwide Headqu...
PQ24018QGX25 SYNQOR-PQ24018QGX25 Datasheet
2Mb / 16P
   Industry standard pin-out configuration
SQ60120HZA50 SYNQOR-SQ60120HZA50 Datasheet
2Mb / 14P
   Industry standard pin-out configuration
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com