Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DCT Datasheet(PDF) 1 Page - Delta Electronics, Inc.

Part # DCT
Description  Standard footprint
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DELTA [Delta Electronics, Inc.]
Direct Link  http://www.deltaww.com
Logo DELTA - Delta Electronics, Inc.

DCT Datasheet(HTML) 1 Page - Delta Electronics, Inc.

  DCT Datasheet HTML 1Page - Delta Electronics, Inc. DCT Datasheet HTML 2Page - Delta Electronics, Inc. DCT Datasheet HTML 3Page - Delta Electronics, Inc. DCT Datasheet HTML 4Page - Delta Electronics, Inc. DCT Datasheet HTML 5Page - Delta Electronics, Inc. DCT Datasheet HTML 6Page - Delta Electronics, Inc. DCT Datasheet HTML 7Page - Delta Electronics, Inc. DCT Datasheet HTML 8Page - Delta Electronics, Inc. DCT Datasheet HTML 9Page - Delta Electronics, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 20 page
background image
DATASHEET
DS_DCT12S0A0S03NFA_11142013
FEATURES
High efficiency: 94. 9% @ 12Vin, 5V/3A out
Small size and low profile:
12.2x 12.2x 7.45mm (0.48
”x 0.48”x 0.293”)
Surface mount packaging
Standard footprint
Voltage and resistor-based trim
Pre-bias startup
Output voltage tracking
No minimum load required
Output voltage programmable from
0.59Vdc to 5.0Vdc via external resistor
Fixed frequency operation
Input UVLO, output OCP
Remote on/off
ISO 9001, TL 9000, ISO 14001, QS9000,
OHSAS18001 certified manufacturing
facility
UL/cUL 60950-1 (US & Canada)
CE mark meets 73/23/EEC and 93/68/EEC
directives
APPLICATIONS
Telecom / DataCom
Distributed power architectures
Servers and workstations
LAN / WAN applications
Data processing applications
OPTIONS
Negative/Positive on/off logic
Tracking feature
Delphi DCT, Non-Isolated Point of Load
DC/DC Power Modules: 4.5~14Vin, 0.59-5.0V/3Aout
The Delphi Series DCT, 4.5-14V input, single output, non-isolated
Point of Load DC/DC converters are the latest offering from a world
leader in power systems technology and manufacturing -- Delta
Electronics, Inc. The DCT series provides a programmable output
voltage from 0.59 V to 5.0V using an external resistor and has flexible
and programmable tracking features to enable a variety of startup
voltages as well as tracking between power modules. This product
family is available in surface mount and provides up to 3A of output
current in an industry standard footprint. With creative design
technology
and
optimization
of
component
placement,
these
converters possess outstanding electrical and thermal performance,
as well as extremely high reliability under highly stressful operating
conditions.


Similar Part No. - DCT

ManufacturerPart #DatasheetDescription
logo
PREMO CORPORATION S.L
DCT-200A PREMO-DCT-200A Datasheet
439Kb / 4P
   DC Current Transducer
logo
SL Power Electronics
DCT-250 SLPOWER-DCT-250 Datasheet
90Kb / 2P
   250, 275, 350 WATTS MULTIPLE OUTPUT 24/28 AND 48 VDC INPUT
DCT-253-0512 SLPOWER-DCT-253-0512 Datasheet
90Kb / 2P
   250, 275, 350 WATTS MULTIPLE OUTPUT 24/28 AND 48 VDC INPUT
DCT-350 SLPOWER-DCT-350 Datasheet
90Kb / 2P
   250, 275, 350 WATTS MULTIPLE OUTPUT 24/28 AND 48 VDC INPUT
DCT-353-0512 SLPOWER-DCT-353-0512 Datasheet
90Kb / 2P
   250, 275, 350 WATTS MULTIPLE OUTPUT 24/28 AND 48 VDC INPUT
More results

Similar Description - DCT

ManufacturerPart #DatasheetDescription
logo
Delta Electronics, Inc.
H48SA DELTA-H48SA Datasheet
569Kb / 13P
   Standard footprint
E48SC12008 DELTA-E48SC12008 Datasheet
930Kb / 17P
   Standard footprint
Q48SQ DELTA-Q48SQ Datasheet
729Kb / 13P
   Standard footprint
E48SC3R315 DELTA-E48SC3R315 Datasheet
538Kb / 15P
   Standard footprint
E48SC05012 DELTA-E48SC05012 Datasheet
760Kb / 15P
   Standard footprint
DNM04SMD10 DELTA-DNM04SMD10 Datasheet
994Kb / 17P
   Standard footprint
DNL10SMD DELTA-DNL10SMD Datasheet
936Kb / 15P
   Standard footprint
logo
Emerson Network Power
BXB100 EMERSON-NETWORKPOWER-BXB100 Datasheet
593Kb / 3P
   Industry standard footprint
logo
MMD Components
MVAH5 MMD-MVAH5 Datasheet
88Kb / 2P
   Industry Standard Footprint
logo
Delta Electronics, Inc.
DNT12 DELTA-DNT12 Datasheet
625Kb / 13P
   Standard footprint and pinout
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com