Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CP10641 Datasheet(PDF) 1 Page - Cree, Inc

Part # CP10641
Description  Lisa series
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CREE [Cree, Inc]
Direct Link  http://www.cree.com/
Logo CREE - Cree, Inc

CP10641 Datasheet(HTML) 1 Page - Cree, Inc

  CP10641 Datasheet HTML 1Page - Cree, Inc CP10641 Datasheet HTML 2Page - Cree, Inc CP10641 Datasheet HTML 3Page - Cree, Inc CP10641 Datasheet HTML 4Page - Cree, Inc CP10641 Datasheet HTML 5Page - Cree, Inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
PRODUCT DATASHEET
Lisa series
last update 20/9/2016
DETAILS
Product Number
CP10641_LISA-SS
Family
Lisa
Type
Assembly
Color
white
Diameter
10,8 mm
Height
7,3 mm
Style
round
Optic Material
PMMA
Holder Material
Fastening
glue
Status
production ready
ROHS Comliant
Yes
Date Updated
20/09/2016
OPTICAL PROPERTIES
Viewing
Light
Effi-
LED
Angle
Beam
ciency
cd/lm
Connector
XP-E
22 deg
Smooth spo...86 %
3.800
-
XP-G
30 deg
Smooth spo...87 %
2.900
-
Z5
sim: 19
Smooth spo...86 %
-
-
June 16th 2017 3:47 Copyright Ledil Oy - Subject to change without prior notice - Page 1/1
Ledil Oy
Salorankatu 10
24240 SALO, Finland
http://www.ledil.com
email: ledil@ledil.com
FAX: +358-2-733 8001


Similar Part No. - CP10641

ManufacturerPart #DatasheetDescription
logo
Ledil, Inc.
CP10641 LEDIL-CP10641 Datasheet
1Mb / 5P
   ~20째 smooth spot beam optimized for CREE XP-E
More results

Similar Description - CP10641

ManufacturerPart #DatasheetDescription
logo
Ledil, Inc.
C12469-LISA2-R-PIN LEDIL-C12469-LISA2-R-PIN Datasheet
1Mb / 28P
   Lisa series
logo
Cree, Inc
FP13028 CREE-FP13028 Datasheet
1Mb / 30P
   Lisa series
FP10996 CREE-FP10996 Datasheet
624Kb / 10P
   Lisa series
FP11121 CREE-FP11121 Datasheet
397Kb / 7P
   Lisa series
FP10995 CREE-FP10995 Datasheet
725Kb / 12P
   Lisa series
CP11626 CREE-CP11626 Datasheet
160Kb / 3P
   Lisa series
FP11851 CREE-FP11851 Datasheet
234Kb / 4P
   Lisa series
FP13026 CREE-FP13026 Datasheet
1Mb / 30P
   Lisa series
FP10997 CREE-FP10997 Datasheet
763Kb / 12P
   Lisa series
FP11075 CREE-FP11075 Datasheet
273Kb / 6P
   Lisa series
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com