Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CN12351 Datasheet(PDF) 1 Page - Cree, Inc

Part # CN12351
Description  Brooke series
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CREE [Cree, Inc]
Direct Link  http://www.cree.com/
Logo CREE - Cree, Inc

CN12351 Datasheet(HTML) 1 Page - Cree, Inc

  CN12351 Datasheet HTML 1Page - Cree, Inc CN12351 Datasheet HTML 2Page - Cree, Inc CN12351 Datasheet HTML 3Page - Cree, Inc CN12351 Datasheet HTML 4Page - Cree, Inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
PRODUCT DATASHEET
Brooke series
last update 17/3/2014
DETAILS
Product Number
CN12351_BROOKE-SCR-W
Family
Brooke
Type
RefPack
Color
metal
Diameter
45 mm
Height
20,2 mm
Style
round
Optic Material
Holder Material
Fastening
glue, screw
Status
production ready
ROHS Comliant
Yes
Date Updated
17/03/2014
OPTICAL PROPERTIES
Viewing
Light
Effi-
LED
Angle
Beam
ciency
cd/lm
Connector
CL-L230
35 deg
Wide
90 %
1.300
-
June 16th 2017 4:29 Copyright Ledil Oy - Subject to change without prior notice - Page 1/1
Ledil Oy
Salorankatu 10
24240 SALO, Finland
http://www.ledil.com
email: ledil@ledil.com
FAX: +358-2-733 8001


Similar Part No. - CN12351

ManufacturerPart #DatasheetDescription
logo
Cree, Inc
CN12352 CREE-CN12352 Datasheet
111Kb / 2P
   Brooke series
More results

Similar Description - CN12351

ManufacturerPart #DatasheetDescription
logo
Cree, Inc
C12083 CREE-C12083 Datasheet
415Kb / 5P
   Brooke series
C12084 CREE-C12084 Datasheet
414Kb / 5P
   Brooke series
F14738 CREE-F14738 Datasheet
1Mb / 17P
   Brooke series
F14739 CREE-F14739 Datasheet
1Mb / 17P
   Brooke series
F14740 CREE-F14740 Datasheet
1Mb / 17P
   Brooke series
CN12352 CREE-CN12352 Datasheet
111Kb / 2P
   Brooke series
logo
Ledil, Inc.
CA11182-BROOKE-M LEDIL-CA11182-BROOKE-M Datasheet
440Kb / 9P
   Brooke series
CA11183-BROOKE-W LEDIL-CA11183-BROOKE-W Datasheet
217Kb / 4P
   Brooke series
FN14883 LEDIL-FN14883 Datasheet
1Mb / 27P
   Brooke RefPack
FN14836 LEDIL-FN14836 Datasheet
1Mb / 25P
   Brooke RefPack
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com