Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HEDL-6402-AT11 Datasheet(PDF) 7 Page - Agilent(Hewlett-Packard)

Part # HEDL-6402-AT11
Description  Incremental Housed Encoders
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HP [Agilent(Hewlett-Packard)]
Direct Link  http://www.home.agilent.com
Logo HP - Agilent(Hewlett-Packard)

HEDL-6402-AT11 Datasheet(HTML) 7 Page - Agilent(Hewlett-Packard)

  HEDL-6402-AT11 Datasheet HTML 1Page - Agilent(Hewlett-Packard) HEDL-6402-AT11 Datasheet HTML 2Page - Agilent(Hewlett-Packard) HEDL-6402-AT11 Datasheet HTML 3Page - Agilent(Hewlett-Packard) HEDL-6402-AT11 Datasheet HTML 4Page - Agilent(Hewlett-Packard) HEDL-6402-AT11 Datasheet HTML 5Page - Agilent(Hewlett-Packard) HEDL-6402-AT11 Datasheet HTML 6Page - Agilent(Hewlett-Packard) HEDL-6402-AT11 Datasheet HTML 7Page - Agilent(Hewlett-Packard) HEDL-6402-AT11 Datasheet HTML 8Page - Agilent(Hewlett-Packard)  
Zoom Inzoom in Zoom Outzoom out
 7 / 8 page
background image
7
APPLICATION NOTES
Mares Mounting Recommendation
Motor
It is recommended that
anaerobic glue (thread lock glue
such as Hernon 823 or
equivalent) be applied to the
mounting screws as the encoder
is tightened to the motor base if
the encoder will be operating
under prolonged vibration or
shock environment.
The use of gluing tool is highly
recommended. Insert the tool
into motor shaft and apply glue
around the shaft as shown
below. This will help to control
the glue thickness. The tool will
scrape the excess glue as it is
being removed from motor
shaft. This will prevent the glue
from overflowing into motor or
encoder bearing as the motor
shaft is inserted into encoder.
Recommended gluing tool design
Specifications
Table 1
Material
Application specific,
stainless steel shim
plate in general
Thickness
Application specific,
~0.3mm in general
Size
Application specific
Motor shaft
diameter,
± 0.01mm
Recommended
∅X, +0.02/-0mm
2.00
2.02
3.00
3.02
4.00
4.02


Similar Part No. - HEDL-6402-AT11

ManufacturerPart #DatasheetDescription
logo
Agilent(Hewlett-Packard...
HEDL-6402-AT11 HP-HEDL-6402-AT11 Datasheet
464Kb / 8P
   Optical Incremental Housed Encoders
More results

Similar Description - HEDL-6402-AT11

ManufacturerPart #DatasheetDescription
logo
Agilent(Hewlett-Packard...
HEDL-64 HP-HEDL-64 Datasheet
464Kb / 8P
   Optical Incremental Housed Encoders
logo
Baumer IVO GmbH & Co. K...
G1I0H IVO-G1I0H Datasheet
566Kb / 4P
   Incremental encoders
GI320 IVO-GI320 Datasheet
323Kb / 2P
   Incremental encoders
GI341 IVO-GI341 Datasheet
576Kb / 4P
   Incremental encoders
X700.I113249 IVO-X700.I113249 Datasheet
415Kb / 2P
   Incremental encoders
GE355 IVO-GE355 Datasheet
526Kb / 4P
   Incremental encoders
GI321 IVO-GI321 Datasheet
366Kb / 2P
   Incremental encoders
logo
List of Unclassifed Man...
P4111-AQ120 ETC1-P4111-AQ120 Datasheet
31Kb / 2P
   Incremental Encoders
logo
Baumer IVO GmbH & Co. K...
GE333 IVO-GE333 Datasheet
537Kb / 4P
   Incremental encoders
GI331 IVO-GI331 Datasheet
592Kb / 4P
   Incremental encoders
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com