Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HEDL-6403-IP11 Datasheet(PDF) 8 Page - Agilent(Hewlett-Packard)

Part # HEDL-6403-IP11
Description  Incremental Housed Encoders
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HP [Agilent(Hewlett-Packard)]
Direct Link  http://www.home.agilent.com
Logo HP - Agilent(Hewlett-Packard)

HEDL-6403-IP11 Datasheet(HTML) 8 Page - Agilent(Hewlett-Packard)

  HEDL-6403-IP11 Datasheet HTML 1Page - Agilent(Hewlett-Packard) HEDL-6403-IP11 Datasheet HTML 2Page - Agilent(Hewlett-Packard) HEDL-6403-IP11 Datasheet HTML 3Page - Agilent(Hewlett-Packard) HEDL-6403-IP11 Datasheet HTML 4Page - Agilent(Hewlett-Packard) HEDL-6403-IP11 Datasheet HTML 5Page - Agilent(Hewlett-Packard) HEDL-6403-IP11 Datasheet HTML 6Page - Agilent(Hewlett-Packard) HEDL-6403-IP11 Datasheet HTML 7Page - Agilent(Hewlett-Packard) HEDL-6403-IP11 Datasheet HTML 8Page - Agilent(Hewlett-Packard)  
Zoom Inzoom in Zoom Outzoom out
 8 / 8 page
background image
www.agilent.com/semiconductors
For product information and a complete list of
distributors, please go to our web site.
Data subject to change.
Copyright 2003 Agilent Technologies, Inc.
October 03, 2003
5989-0101EN
Ordering Information
* 4mm shaft size is not available for 3 channel devices.
H E D L - 6 4
-
Channels
0
4
2 channel
3 channel
-
-
Resolution
A
I
500 CPR
512 CPR
Mounting
P
T
Coupling plate
Tab Hole
Ribbon cable connection
2
3
Pigtail
Connector
-
-
-
-
-
-
Shaft Size
01
02
2mm
3mm
-
-
11
4mm
-


Similar Part No. - HEDL-6403-IP11

ManufacturerPart #DatasheetDescription
logo
Agilent(Hewlett-Packard...
HEDL-6403-IP11 HP-HEDL-6403-IP11 Datasheet
464Kb / 8P
   Optical Incremental Housed Encoders
More results

Similar Description - HEDL-6403-IP11

ManufacturerPart #DatasheetDescription
logo
Agilent(Hewlett-Packard...
HEDL-64 HP-HEDL-64 Datasheet
464Kb / 8P
   Optical Incremental Housed Encoders
logo
Baumer IVO GmbH & Co. K...
G1I0H IVO-G1I0H Datasheet
566Kb / 4P
   Incremental encoders
GI320 IVO-GI320 Datasheet
323Kb / 2P
   Incremental encoders
GI341 IVO-GI341 Datasheet
576Kb / 4P
   Incremental encoders
X700.I113249 IVO-X700.I113249 Datasheet
415Kb / 2P
   Incremental encoders
GE355 IVO-GE355 Datasheet
526Kb / 4P
   Incremental encoders
GI321 IVO-GI321 Datasheet
366Kb / 2P
   Incremental encoders
logo
List of Unclassifed Man...
P4111-AQ120 ETC1-P4111-AQ120 Datasheet
31Kb / 2P
   Incremental Encoders
logo
Baumer IVO GmbH & Co. K...
GE333 IVO-GE333 Datasheet
537Kb / 4P
   Incremental encoders
GI331 IVO-GI331 Datasheet
592Kb / 4P
   Incremental encoders
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com