Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

G1961M Datasheet(PDF) 3 Page - EPCOS

Part # G1961M
Description  SAW Components
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPCOS [EPCOS]
Direct Link  http://www.epcos.com
Logo EPCOS - EPCOS

G1961M Datasheet(HTML) 3 Page - EPCOS

  G1961M Datasheet HTML 1Page - EPCOS G1961M Datasheet HTML 2Page - EPCOS G1961M Datasheet HTML 3Page - EPCOS G1961M Datasheet HTML 4Page - EPCOS G1961M Datasheet HTML 5Page - EPCOS G1961M Datasheet HTML 6Page - EPCOS  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
3
Dec 02, 1999
SAW Components
G 1961 M
38,90 MHz
IF Filter for Intercarrier Applications
Data Sheet
Characteristics
Reference temperature:
TA = 25 ˚C
Terminating source impedance:
ZS = 50 Ω
Terminating load impedance:
ZL = 2 kΩ || 3 pF
min.
typ.
max.
Insertion attenuation
α
Reference level for the
37,40 MHz
13,6
15,1
16,6
dB
following data
Relative attenuation
α
rel
Picture carrier
38,90 MHz
5,6
6,6
7,6
dB
Color carrier
34,47 MHz
2,3
3,3
4,3
dB
Sound carrier
33,40 MHz
19,3
20,3
21,3
dB
Adjacent picture carrier UHF
30,90 MHz
46,0
58,0
dB
Adjacent picture carrier VHF
31,90 MHz
48,0
64,0
dB
32,40 MHz
50,0
65,0
dB
40,15 MHz
40,0
49,0
dB
Adjacent sound carrier VHF
40,40 MHz
46,0
59,0
dB
Adjacent sound carrier UHF
41,40 MHz
42,0
53,0
dB
Lower sidelobe
25,00
... 32,40 MHz
37,0
46,0
dB
Upper sidelobe
40,40
... 45,00 MHz
36,0
44,0
dB
Reflected wave signal suppression
1,3
µs ... 6,0 µs after main pulse
44,0
54,0
dB
(test pulse 250 ns,
carrier frequency 37,40 MHz)
Feedthrough signal suppression
1,2
µs ... 1,1 µs before main pulse
50,0
56,0
dB
(test pulse 250 ns,
carrier frequency 37,40 MHz)
Group delay predistortion
∆τ
(reference frequency 38,90 MHz)
36,90 MHz
–90
ns
34,47 MHz
95
ns
Impedance at 37,40 MHz
Input:
ZIN
=
RIN
||
CIN
1,7 ||13,0
k
Ω || pF
Output:
ZOUT = ROUT || COUT
1,4 || 4,6
—k
Ω || pF
Temperature coefficient of frequency
TCf
–72
ppm/K


Similar Part No. - G1961M

ManufacturerPart #DatasheetDescription
logo
Hamamatsu Corporation
G1961 HAMAMATSU-G1961 Datasheet
158Kb / 4P
   GaP photodiode
More results

Similar Description - G1961M

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
G3355K ETC-G3355K Datasheet
98Kb / 8P
   SAW COMPONENTS
logo
EPCOS
B5155 EPCOS-B5155 Datasheet
233Kb / 8P
   SAW Components
B39212B7750C810 EPCOS-B39212B7750C810 Datasheet
85Kb / 8P
   SAW Components
B39421R2702U310 EPCOS-B39421R2702U310 Datasheet
45Kb / 4P
   SAW Components
B39401R983U410 EPCOS-B39401R983U410 Datasheet
40Kb / 4P
   SAW Components
logo
TDK Electronics
B39182B9855P810 TDK-B39182B9855P810 Datasheet
136Kb / 8P
   SAW Components
B39901B8746P810 TDK-B39901B8746P810 Datasheet
98Kb / 7P
   SAW Components
logo
EPCOS
B3529 EPCOS-B3529 Datasheet
99Kb / 8P
   SAW Components
B3513 EPCOS-B3513 Datasheet
68Kb / 6P
   SAW Components
B3525 EPCOS-B3525 Datasheet
63Kb / 7P
   SAW Components
B7683 EPCOS-B7683 Datasheet
156Kb / 13P
   SAW Components
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com