Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HDSP-315X Datasheet(PDF) 1 Page - Agilent(Hewlett-Packard)

Part # HDSP-315X
Description  10 mm and 13 mm Slim Font Seven Segment Displays
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HP [Agilent(Hewlett-Packard)]
Direct Link  http://www.home.agilent.com
Logo HP - Agilent(Hewlett-Packard)

HDSP-315X Datasheet(HTML) 1 Page - Agilent(Hewlett-Packard)

  HDSP-315X Datasheet HTML 1Page - Agilent(Hewlett-Packard) HDSP-315X Datasheet HTML 2Page - Agilent(Hewlett-Packard) HDSP-315X Datasheet HTML 3Page - Agilent(Hewlett-Packard) HDSP-315X Datasheet HTML 4Page - Agilent(Hewlett-Packard) HDSP-315X Datasheet HTML 5Page - Agilent(Hewlett-Packard) HDSP-315X Datasheet HTML 6Page - Agilent(Hewlett-Packard) HDSP-315X Datasheet HTML 7Page - Agilent(Hewlett-Packard) HDSP-315X Datasheet HTML 8Page - Agilent(Hewlett-Packard) HDSP-315X Datasheet HTML 9Page - Agilent(Hewlett-Packard) Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
Devices
AlGaAs
HER
HER
Yellow
Green
Red Low
Std.
Low
Std.
Std.
Current
Current
Current
Current
Current
Package
HDSP-
HDSP-
HDSP-
HDSP-
HDSP-
Description
Drawing
315H
315E
315L
315Y
315G
Common Anode,
A
10 mm Display
316H
316E
316L
316Y
316G
Common Cathode,
B
10 mm Display
515H
515E
515L
515Y
515G
Common Anode,
A
13 mm Display
516H
516E
516L
516Y
516G
Common Cathode,
B
13 mm Display
10 mm and 13 mm Slim Font
Seven Segment Displays
Technical Data
Features
• Excellent Appearance
• Slim Font Design
• Mitered Corners, Evenly
Illuminated Segments
• Gray Face for Optimum
On/Off Contrast
• Choice of Colors: DH AlGaAs
Red, High Efficiency Red
(HER), Yellow, and Green
• Low Current Available,
AlGaAs Red and HER Choice
of Character Size: 10 mm
and 13 mm
± 50° Viewing Angle
• Characterized for Luminous
Intensity
HDSP-315x Series
HDSP-316x Series
HDSP-515x Series
HDSP-516x Series
Description
The HDSP-31xx-51xx Series of
displays incorporates a new slim
font character design. This slim
font features narrow width,
specially mitered segments to give
a fuller appearance to the
illuminated character. Faces of
these displays are painted a
neutral gray for enhanced on/off
contrast.
All devices are available in either
common anode or common
cathode configuration with right
hand decimal point. Low current
versions are available in either
AlGaAs red or HER.


Similar Part No. - HDSP-315X

ManufacturerPart #DatasheetDescription
logo
AVAGO TECHNOLOGIES LIMI...
HDSP-315X AVAGO-HDSP-315X Datasheet
175Kb / 8P
   10 mm and 13 mm Slim Font Seven Segment Displays
More results

Similar Description - HDSP-315X

ManufacturerPart #DatasheetDescription
logo
AVAGO TECHNOLOGIES LIMI...
HDSP-301E AVAGO-HDSP-301E_07 Datasheet
176Kb / 9P
   10 mm and 13 mm Slim Font Seven Segment Displays
logo
Agilent(Hewlett-Packard...
HDSP-301X HP-HDSP-301X Datasheet
101Kb / 10P
   10 mm and 13 mm Slim Font Seven Segment Displays
HDSP-301 HP-HDSP-301 Datasheet
88Kb / 10P
   10 mm and 13 mm Slim Font Seven Segment Displays
logo
AVAGO TECHNOLOGIES LIMI...
HDSP-315H AVAGO-HDSP-315H_11 Datasheet
315Kb / 9P
   10 mm and 13 mm Slim Font Seven Segment Displays
logo
Agilent(Hewlett-Packard...
HDSP-315 HP-HDSP-315 Datasheet
87Kb / 10P
   10 mm and 13 mm Slim Font Seven Segment Displays
logo
AVAGO TECHNOLOGIES LIMI...
HDSP-315X AVAGO-HDSP-315X Datasheet
175Kb / 8P
   10 mm and 13 mm Slim Font Seven Segment Displays
HDSP-56XC AVAGO-HDSP-56XC Datasheet
321Kb / 6P
   13 mm Slim Font Seven Segment Displays
HDSP-301X AVAGO-HDSP-301X Datasheet
37Kb / 1P
   10 mm Slim Font Seven Segment Displays
HDSP-431G AVAGO-HDSP-431G Datasheet
356Kb / 6P
   10 mm Three Digit Slim Font with 2-Colons Seven Segment Displays
logo
Agilent(Hewlett-Packard...
HDSP-431G HP-HDSP-431G Datasheet
87Kb / 6P
   10 mm Three Digit Slim Font with 2-Colons Seven Segment Displays
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com