Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ADM8211 Datasheet(PDF) 7 Page - List of Unclassifed Manufacturers

Part # ADM8211
Description  IEEE802.11b WLAN NIC Solution
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

ADM8211 Datasheet(HTML) 7 Page - List of Unclassifed Manufacturers

Back Button ADM8211 Datasheet HTML 3Page - List of Unclassifed Manufacturers ADM8211 Datasheet HTML 4Page - List of Unclassifed Manufacturers ADM8211 Datasheet HTML 5Page - List of Unclassifed Manufacturers ADM8211 Datasheet HTML 6Page - List of Unclassifed Manufacturers ADM8211 Datasheet HTML 7Page - List of Unclassifed Manufacturers ADM8211 Datasheet HTML 8Page - List of Unclassifed Manufacturers ADM8211 Datasheet HTML 9Page - List of Unclassifed Manufacturers ADM8211 Datasheet HTML 10Page - List of Unclassifed Manufacturers ADM8211 Datasheet HTML 11Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 17 page
background image
7
ADMtek
Partnership Now & Future
Randomly generated IV (Initialization Vector) for TX.
ICV (Integrity Check Value) generation and check.
4 default shared key supported.
TA/RA WEP individual key management with a 20-entry table.
2.5
WLAN TX/RX FIFO
Provides two independent long FIFOs with 4k bytes each for transmission and receiving
Bus master descriptor based host memory access
Pre-fetch up to two transmit packets to guarantee standard inter frame space (IFS)
Re-transmits no-ACKed packet without reloading from host memory.
Support two TX descriptors for DCF and PCF application
Automatically re-transmitting if TX under-run happened.
2.6
WLAN Synthesizer Interface
Support RFMD compatible interface
2.7
EEPROM Interface
Provides serial interface for read/write 93C46/93C66 EEPROM
Automatically loads device ID, vendor ID, subsystem ID, subsystem vendor ID,
Maximum-Latency, and Minimum-Grand from the 64 byte contents of 93C46/93C66 after
PCI reset de-asserted in PCI environment.
CIS data is recalled from 93C66 through ADM8211 in CARDBUS environment.
2.8
LED Display
Power: Power on indication
Link: Keep on while link
Activity: Blinking at 10Hz while activity
2.9
Miscellaneous
Low power application
Support 3 GPIO pins
CMOS .25um Process
Provides 156/BGA package
On chip 3.3V ~ 2.5V regulator
3.3V power supply with 5V/3.3V I/O tolerance


Similar Part No. - ADM8211

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADM823 AD-ADM823 Datasheet
180Kb / 10P
   Supervisory Circuits with Watchdog and Manual Reset in 5-Lead SC70 and SOT-23
Rev.PrB
ADM823 AD-ADM823 Datasheet
197Kb / 12P
   Supervisory Circuits with Watchdog and Manual Reset in 5-Lead SC70 and SOT-23
Rev. C
ADM823 AD-ADM823 Datasheet
206Kb / 12P
   Supervisory Circuits with Watchdog and Manual Reset in 5-Lead SC70 and SOT-23
REV. D
ADM823 AD-ADM823 Datasheet
206Kb / 12P
   aSupervisory Circuits with Watchdog and
REV. D
ADM823 AD-ADM823 Datasheet
206Kb / 12P
   Supervisory Circuits with Watchdog and Manual Reset in 5-Lead SC70 and SOT-23
Rev. D
More results

Similar Description - ADM8211

ManufacturerPart #DatasheetDescription
logo
Taiyo Yuden (U.S.A.), I...
WYSACVLXY-XX TAIYO-YUDEN-WYSACVLXY-XX Datasheet
782Kb / 30P
   Software Embedded WLAN Module IEEE802.11b/g/n
logo
Intersil Corporation
ISL38601M-EVAL INTERSIL-ISL38601M-EVAL Datasheet
23Kb / 1P
   ISL38601M PRISM GT??miniPCI IEEE 802.11g, 802.11b WLAN NIC
ISL38001M-EVAL INTERSIL-ISL38001M-EVAL Datasheet
24Kb / 1P
   ISL38001M PRISM GT??miniPCI IEEE 802.11g, 802.11b WLAN NIC
ISL38601C-EVAL INTERSIL-ISL38601C-EVAL Datasheet
55Kb / 1P
   ISL38601C PRISM GT??Cardbus32 IEEE 802.11g, 802.11b WLAN NIC
ISL38001C-EVAL INTERSIL-ISL38001C-EVAL Datasheet
48Kb / 1P
   ISL38001C PRISM GT??Cardbus32 IEEE 802.11g, 802.11b WLAN NIC
logo
Texas Instruments
DP8390D TI1-DP8390D Datasheet
943Kb / 58P
[Old version datasheet]   NIC Network Interface Controller
logo
NIC-Components Corp.
NLT NIC-NLT Datasheet
332Kb / 1P
   NIC Leaded Power Transformers
logo
National Semiconductor ...
DP8390D NSC-DP8390D Datasheet
689Kb / 56P
   NIC Network Interface Controller
logo
Samsung semiconductor
S5N8952X SAMSUNG-S5N8952X Datasheet
212Kb / 18P
   ADSL Transceiver for NIC
logo
List of Unclassifed Man...
IP1000ALF ETC2-IP1000ALF Datasheet
1Mb / 75P
   Gigabit Ethernet NIC Single Chip
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com