Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HMC215LP4 Datasheet(PDF) 6 Page - Hittite Microwave Corporation

Part # HMC215LP4
Description  GaAs MMIC MIXER w/ INTEGRATED LO AMPLIFIER, 1.7 - 4.0 GHz
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HITTITE [Hittite Microwave Corporation]
Direct Link  http://www.hittite.com
Logo HITTITE - Hittite Microwave Corporation

HMC215LP4 Datasheet(HTML) 6 Page - Hittite Microwave Corporation

  HMC215LP4 Datasheet HTML 1Page - Hittite Microwave Corporation HMC215LP4 Datasheet HTML 2Page - Hittite Microwave Corporation HMC215LP4 Datasheet HTML 3Page - Hittite Microwave Corporation HMC215LP4 Datasheet HTML 4Page - Hittite Microwave Corporation HMC215LP4 Datasheet HTML 5Page - Hittite Microwave Corporation HMC215LP4 Datasheet HTML 6Page - Hittite Microwave Corporation HMC215LP4 Datasheet HTML 7Page - Hittite Microwave Corporation HMC215LP4 Datasheet HTML 8Page - Hittite Microwave Corporation  
Zoom Inzoom in Zoom Outzoom out
 6 / 8 page
background image
8
8 - 83
For price, delivery, and to place orders, please contact Hittite Microwave Corporation:
20 Alpha Road, Chelmsford, MA 01824 Phone: 978-250-3343 Fax: 978-250-3373
Order On-line at www.hittite.com
Pin Number
Function
Description
Interface Schematic
1MIX LO
This pin is DC coupled and matched to 50 Ohms.
An off chip DC blocking capacitor is required.
2, 6 - 9,
11 - 17, 19 - 24
N/C
No connection. These pins may be connected to RF
ground. Performance will not be affected.
3BIAS
Power supply for the LO amplifier. Three external
bypass capacitors are recommended for optimum per-
formance, as illustrated in the application circuit.
4GND
Backside of package has exposed metal ground
paddle that must also be connected to ground.
5LO
This pin is DC coupled and matched to 50 Ohms from
1.7 to 4.0 GHz. An off chip DC blocking capacitor is
required.
10
IF
This pin is DC coupled. For applications not requiring
operation to DC, this port should be DC blocked exter-
nally using a series capacitor whose value has been
chosen to pass the necessary IF frequency range. For
operation to DC, this pin must not source/sink more
than 18 mA of current or die non-function and possible
die failure will result.
18
RF
This pin is DC coupled and matched to 50 Ohms.
Pin Descriptions
HMC215LP4 / 215LP4E
v00.0906
GaAs MMIC MIXER w/ INTEGRATED
LO AMPLIFIER, 1.7 - 4.0 GHz


Similar Part No. - HMC215LP4

ManufacturerPart #DatasheetDescription
logo
Hittite Microwave Corpo...
HMC210MS8 HITTITE-HMC210MS8 Datasheet
200Kb / 6P
   GaAs MMIC VOLTAGE-VARIABLE ATTENUATOR, 1.5 - 2.3 GHz
HMC210MS8 HITTITE-HMC210MS8 Datasheet
338Kb / 6P
   GaAs MMIC VOLTAGE-VARIABLE ATTENUATOR, 1.5 - 2.3 GHz
HMC210MS8 HITTITE-HMC210MS8_06 Datasheet
338Kb / 6P
   GaAs MMIC VOLTAGE-VARIABLE ATTENUATOR, 1.5 - 2.3 GHz
logo
DANFOSS POWER SOLUTIONS
HMC211-010 DANFOSS-HMC211-010 Datasheet
210Kb / 4P
   PLUS1® Controllers HMC 211-010 and HMC 211-012
June 2017
HMC211-012 DANFOSS-HMC211-012 Datasheet
210Kb / 4P
   PLUS1® Controllers HMC 211-010 and HMC 211-012
June 2017
More results

Similar Description - HMC215LP4

ManufacturerPart #DatasheetDescription
logo
Hittite Microwave Corpo...
HMC352MS8 HITTITE-HMC352MS8_01 Datasheet
242Kb / 8P
   GaAs MMIC MIXER w/ INTEGRATED LO AMPLIFIER, 1.7 - 2.5 GHz
HMC615LP4 HITTITE-HMC615LP4_11 Datasheet
543Kb / 6P
   GaAs MMIC MIXER w/ INTEGRATED LO AMPLIFIER, 2.3 - 4.0 GHz
HMC615LP4 HITTITE-HMC615LP4 Datasheet
230Kb / 8P
   GaAs MMIC MIXER w/ INTEGRATED LO AMPLIFIER, 2.3 - 4.0 GHz
HMC488MS8G HITTITE-HMC488MS8G Datasheet
199Kb / 6P
   GaAs MMIC MIXER W/ INTEGRATED LO AMPLIFIER, 4.0 - 7.0 GHz
HMC687LP4 HITTITE-HMC687LP4_10 Datasheet
731Kb / 10P
   BiCMOS MMIC MIXER W/ INTEGRATED LO AMPLIFIER, 1.7 - 2.2 GHz
HMC685LP4 HITTITE-HMC685LP4_10 Datasheet
743Kb / 10P
   BiCMOS MMIC MIXER W/ INTEGRATED LO AMPLIFIER, 1.7 - 2.2 GHz
HMC687LP4 HITTITE-HMC687LP4 Datasheet
367Kb / 10P
   BiCMOS MMIC MIXER W/ INTEGRATED LO AMPLIFIER, 1.7 - 2.2 GHz
HMC685LP4 HITTITE-HMC685LP4 Datasheet
371Kb / 10P
   BiCMOS MMIC MIXER W/ INTEGRATED LO AMPLIFIER, 1.7 - 2.2 GHz
HMC423MS8 HITTITE-HMC423MS8 Datasheet
216Kb / 6P
   GaAs MMIC MIXER w/ INTEGRATED LO AMPLIFIER, 2.0 - 2.8 GHz
HMC353MS8 HITTITE-HMC353MS8 Datasheet
242Kb / 8P
   GaAs MMIC MIXER w/ INTEGRATED LO AMPLIFIER, 0.8 - 1.2 GHz
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com