Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HMC215LP4 Datasheet(PDF) 4 Page - Hittite Microwave Corporation

Part # HMC215LP4
Description  GaAs MMIC MIXER w/ INTEGRATED LO AMPLIFIER, 1.7 - 4.0 GHz
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HITTITE [Hittite Microwave Corporation]
Direct Link  http://www.hittite.com
Logo HITTITE - Hittite Microwave Corporation

HMC215LP4 Datasheet(HTML) 4 Page - Hittite Microwave Corporation

  HMC215LP4 Datasheet HTML 1Page - Hittite Microwave Corporation HMC215LP4 Datasheet HTML 2Page - Hittite Microwave Corporation HMC215LP4 Datasheet HTML 3Page - Hittite Microwave Corporation HMC215LP4 Datasheet HTML 4Page - Hittite Microwave Corporation HMC215LP4 Datasheet HTML 5Page - Hittite Microwave Corporation HMC215LP4 Datasheet HTML 6Page - Hittite Microwave Corporation HMC215LP4 Datasheet HTML 7Page - Hittite Microwave Corporation HMC215LP4 Datasheet HTML 8Page - Hittite Microwave Corporation  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
8
8 - 81
For price, delivery, and to place orders, please contact Hittite Microwave Corporation:
20 Alpha Road, Chelmsford, MA 01824 Phone: 978-250-3343 Fax: 978-250-3373
Order On-line at www.hittite.com
Harmonics of LO
MxN Spurious @ IF Port
nLO
mRF
01234
0xx
-4
10
14
32
150
22
37
49
278
66
60
63
93
383
97
92
80
80
4
103
101
106
105
101
RF Freq. = 1.9 GHz @ -10 dBm
LO Freq. = 1.8 GHz @ 4 dBm
All values in dBc relative to the IF power level.
nLO Spur @ RF Port
LO Freq. (GHz)
1
2
3
4
1.0
32
40
27
40
1.4
28
19
25
30
1.8
29
16
30
42
2.2
33
18
27
44
2.6
35
23
34
41
3.0
34
20
41
44
LO = 4 dBm
All values in dBc below input LO level measured at RF port.
Typical Supply Current
Vcc
Icc (mA)
+5.0
56 mA
HMC215LP4 / 215LP4E
v00.0906
GaAs MMIC MIXER w/ INTEGRATED
LO AMPLIFIER, 1.7 - 4.0 GHz


Similar Part No. - HMC215LP4

ManufacturerPart #DatasheetDescription
logo
Hittite Microwave Corpo...
HMC210MS8 HITTITE-HMC210MS8 Datasheet
200Kb / 6P
   GaAs MMIC VOLTAGE-VARIABLE ATTENUATOR, 1.5 - 2.3 GHz
HMC210MS8 HITTITE-HMC210MS8 Datasheet
338Kb / 6P
   GaAs MMIC VOLTAGE-VARIABLE ATTENUATOR, 1.5 - 2.3 GHz
HMC210MS8 HITTITE-HMC210MS8_06 Datasheet
338Kb / 6P
   GaAs MMIC VOLTAGE-VARIABLE ATTENUATOR, 1.5 - 2.3 GHz
logo
DANFOSS POWER SOLUTIONS
HMC211-010 DANFOSS-HMC211-010 Datasheet
210Kb / 4P
   PLUS1® Controllers HMC 211-010 and HMC 211-012
June 2017
HMC211-012 DANFOSS-HMC211-012 Datasheet
210Kb / 4P
   PLUS1® Controllers HMC 211-010 and HMC 211-012
June 2017
More results

Similar Description - HMC215LP4

ManufacturerPart #DatasheetDescription
logo
Hittite Microwave Corpo...
HMC352MS8 HITTITE-HMC352MS8_01 Datasheet
242Kb / 8P
   GaAs MMIC MIXER w/ INTEGRATED LO AMPLIFIER, 1.7 - 2.5 GHz
HMC615LP4 HITTITE-HMC615LP4_11 Datasheet
543Kb / 6P
   GaAs MMIC MIXER w/ INTEGRATED LO AMPLIFIER, 2.3 - 4.0 GHz
HMC615LP4 HITTITE-HMC615LP4 Datasheet
230Kb / 8P
   GaAs MMIC MIXER w/ INTEGRATED LO AMPLIFIER, 2.3 - 4.0 GHz
HMC488MS8G HITTITE-HMC488MS8G Datasheet
199Kb / 6P
   GaAs MMIC MIXER W/ INTEGRATED LO AMPLIFIER, 4.0 - 7.0 GHz
HMC687LP4 HITTITE-HMC687LP4_10 Datasheet
731Kb / 10P
   BiCMOS MMIC MIXER W/ INTEGRATED LO AMPLIFIER, 1.7 - 2.2 GHz
HMC685LP4 HITTITE-HMC685LP4_10 Datasheet
743Kb / 10P
   BiCMOS MMIC MIXER W/ INTEGRATED LO AMPLIFIER, 1.7 - 2.2 GHz
HMC687LP4 HITTITE-HMC687LP4 Datasheet
367Kb / 10P
   BiCMOS MMIC MIXER W/ INTEGRATED LO AMPLIFIER, 1.7 - 2.2 GHz
HMC685LP4 HITTITE-HMC685LP4 Datasheet
371Kb / 10P
   BiCMOS MMIC MIXER W/ INTEGRATED LO AMPLIFIER, 1.7 - 2.2 GHz
HMC423MS8 HITTITE-HMC423MS8 Datasheet
216Kb / 6P
   GaAs MMIC MIXER w/ INTEGRATED LO AMPLIFIER, 2.0 - 2.8 GHz
HMC353MS8 HITTITE-HMC353MS8 Datasheet
242Kb / 8P
   GaAs MMIC MIXER w/ INTEGRATED LO AMPLIFIER, 0.8 - 1.2 GHz
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com