Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

W215B Datasheet(PDF) 1 Page - Cypress Semiconductor

Part # W215B
Description  Uses external 14.318-MHz crystal
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

W215B Datasheet(HTML) 1 Page - Cypress Semiconductor

  W215B Datasheet HTML 1Page - Cypress Semiconductor W215B Datasheet HTML 2Page - Cypress Semiconductor W215B Datasheet HTML 3Page - Cypress Semiconductor W215B Datasheet HTML 4Page - Cypress Semiconductor W215B Datasheet HTML 5Page - Cypress Semiconductor W215B Datasheet HTML 6Page - Cypress Semiconductor W215B Datasheet HTML 7Page - Cypress Semiconductor W215B Datasheet HTML 8Page - Cypress Semiconductor W215B Datasheet HTML 9Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 14 page
background image
PRELIMINARY
Notebook PC System Frequency Generator for K6 Processors
W215B
Cypress Semiconductor Corporation
3901 North First Street
San Jose
CA 95134
408-943-2600
Document #: 38-07222 Rev. *A*
Revised December 15, 2002
Features
• Generates system clocks for CPU, IOAPIC, SDRAM,
PCI, USB plus 14.318 MHz (REF0:1)
• MODE input pin selects optional power management
input control pins (reconfigures pins 26 and 27)
• Two fixed outputs separately selectable as 24-MHz or
48-MHz (default = 48-MHz)
•VDDQ3 = 3.3V±5%, VDDQ2 = 3.3V±5%
• Uses external 14.318-MHz crystal
• Available in 48-pin TSSOP (6.1-mm)
• 10
Ω CPU output impedance
Table 1. Pin Selectable Frequency
95/100_SEL
CPU, SDRAM
Clocks (MHz)
PCI Clocks
095.0
CPU/3
1
100.0
CPU/3
Pin Configuration
Block Diagram
VDDQ3
REF0
VDDQ2
IOAPIC
CPU0
CPU1
CPU2
CPU3
SDRAM0
SDRAM1
SDRAM2
SDRAM3
SDRAM4
SDRAM5
SDRAM6/CPUSTOP#
SDRAM7/PCISTOP#
PCI_F
PCI0
XTAL
PLL Ref Freq
PLL 1
95/100_SEL
MODE
X2
X1
REF1
VDDQ3
Stop
Output
Control
Stop
Output
Control
PCI1
PWR_DWN#
Power
Down
Control
PCI2
PCI3
PCI4
PCI5
48/24MHZ
48/24MHZ
PLL2
OSC
I/O
Control
VDDQ2
REF1
REF0
GND
X1
X2
MODE
VDDQ3
PCI_F
PCI0
GND
PCI1
PCI2
PCI3
PCI4
VDDQ3
PCI5
GND
95/100_SEL
Reserved
Reserved
VDDQ3
48/24MHZ
48/24MHZ
GND
VDDQ3
CPU_2.5#
VDDQ2
IOAPIC
PWR_DWN#
GND
CPU0
CPU1
VDDQ2
CPU2
CPU3
GND
SDRAM0
SDRAM1
VDDQ3
SDRAM2
SDRAM3
GND
SDRAM4
SDRAM5
VDDQ3
SDRAM6/CPU_STOP#
SDRAM7/PCI_STOP#
VDDQ3
48
47
46
45
44
43
42
41
40
39
38
37
36
35
34
33
32
31
30
29
28
27
26
25
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
17
18
19
20
21
22
23
24
CPU_2.5#


Similar Part No. - W215B

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
W215 ETC1-W215 Datasheet
100Kb / 2P
   Vitreous Enamelled Wirewound Resistors
logo
Welwyn Components Limit...
W215 WELWYN-W215 Datasheet
80Kb / 2P
   Vitreous Enamelled Wirewound Resistors
W215 WELWYN-W215 Datasheet
1Mb / 3P
   Vitreous Enamelled Wirewound Resistors
logo
TT Electronics.
W215 TTELEC-W215 Datasheet
597Kb / 3P
   Vitreous Enamelled Wirewound Resistors
06.18
W215-3K3FI TTELEC-W215-3K3FI Datasheet
597Kb / 3P
   Vitreous Enamelled Wirewound Resistors
06.18
More results

Similar Description - W215B

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
PCK2001M PHILIPS-PCK2001M Datasheet
79Kb / 13P
   14.318-150 MHz I2C 1:10 Clock Buffer
1999 Jul 06
PCK2001R PHILIPS-PCK2001R Datasheet
76Kb / 12P
   14.318 . 133 MHz I2C 1:6 clock buffer
2000 Jul 25
PCK2001 PHILIPS-PCK2001 Datasheet
80Kb / 13P
   14.318-150 MHz I2C 1:18 Clock Buffer
1999 Jul 06
logo
Gennum Corporation
GS2965 GENNUM-GS2965 Datasheet
3Mb / 41P
   Uses standard 27MHz crystal
GS2985 GENNUM-GS2985 Datasheet
3Mb / 45P
   Uses standard 27MHz crystal
logo
Silicon Laboratories
AN299 SILABS-AN299 Datasheet
1Mb / 4P
   EXTERNAL 32.768 KHZ CRYSTAL OSCILLATOR
logo
Integrated Device Techn...
8V41N010 IDT-8V41N010 Datasheet
697Kb / 26P
   Selectable external crystal or differential
8413S12 IDT-8413S12 Datasheet
739Kb / 33P
   Selectable external crystal or differential
logo
Maxim Integrated Produc...
MAX6620EVCMAXQU MAXIM-MAX6620EVCMAXQU Datasheet
667Kb / 11P
   Uses Four External Low-Cost PNP Pass Transistors
Rev 0; 3/08
logo
ECS, Inc.
ECS-200-CDX-0914 ECS-ECS-200-CDX-0914 Datasheet
306Kb / 1P
   20.000 MHz Crystal
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com