Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CBC2016T Datasheet(PDF) 5 Page - Advanced Analogic Technologies

Part # CBC2016T
Description  Dual 600mA Step-Down Converter with Synchronization
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ANALOGICTECH [Advanced Analogic Technologies]
Direct Link  http://www.analogictech.com
Logo ANALOGICTECH - Advanced Analogic Technologies

CBC2016T Datasheet(HTML) 5 Page - Advanced Analogic Technologies

  CBC2016T Datasheet HTML 1Page - Advanced Analogic Technologies CBC2016T Datasheet HTML 2Page - Advanced Analogic Technologies CBC2016T Datasheet HTML 3Page - Advanced Analogic Technologies CBC2016T Datasheet HTML 4Page - Advanced Analogic Technologies CBC2016T Datasheet HTML 5Page - Advanced Analogic Technologies CBC2016T Datasheet HTML 6Page - Advanced Analogic Technologies CBC2016T Datasheet HTML 7Page - Advanced Analogic Technologies CBC2016T Datasheet HTML 8Page - Advanced Analogic Technologies CBC2016T Datasheet HTML 9Page - Advanced Analogic Technologies Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 22 page
background image
Electrical Characteristics
Efficiency vs. Load
(VOUT = 1.8V; L = 2.2µH; LL Mode)
Output Current (mA)
20
30
40
50
60
70
80
90
100
0.1
1
10
100
1000
VIN = 2.7V
VIN = 4.2V
VIN = 3.6V
VIN = 5.0V
DC Regulation
(VOUT = 1.8V; L = 2.2µH; LL Mode)
Output Current (mA)
-0.8
-1.0
-0.6
-0.4
-0.2
0.2
0.0
0.4
0.6
0.8
1.0
0.1
1
10
100
1000
VIN = 5.0V
VIN = 4.2V
VIN = 3.3V
Efficiency vs. Load
(VOUT = 2.5V; L = 3.3µH; LL Mode)
Output Current (mA)
30
40
50
60
70
80
90
100
0.1
1
10
100
1000
VIN = 2.7V
VIN = 4.2V
VIN = 3.6V
VIN = 5.0V
DC Regulation
(VIN = 3.3V to 5.5V; VOUT = 2.5V; L = 3.3µH; LL Mode)
Output Current (mA)
-2.0
-1.5
-1.0
-0.5
0.0
0.5
1.0
1.5
2.0
0.1
1
10
100
1000
Efficiency vs. Load
(VOUT = 3.3V; L = 4.7µH; LL Mode)
Output Current (mA)
30
40
50
60
70
80
90
100
0.1
1
10
100
1000
VIN = 3.6V
VIN = 4.2V
VIN = 5.0V
DC Regulation
(VIN = 5.0V; VOUT = 3.3V; L = 4.7µH; LL Mode)
Output Current (mA)
-1.00
-0.75
-0.50
-0.25
0.00
0.25
0.50
0.75
1.00
0.1
1
10
100
1000
AAT2513
Dual 600mA Step-Down
Converter with Synchronization
2513.2007.04.1.1
5


Similar Part No. - CBC2016T

ManufacturerPart #DatasheetDescription
logo
Taiyo Yuden (U.S.A.), I...
CBC2016T100 TAIYO-YUDEN-CBC2016T100 Datasheet
2Mb / 47P
   WOUND CHIP INDUCTORS
CBC2016T100K TAIYO-YUDEN-CBC2016T100K Datasheet
137Kb / 1P
   Wire-wound Chip Power Inductors
CBC2016T100K TAIYO-YUDEN-CBC2016T100K Datasheet
283Kb / 3P
   Wire-wound Chip Power Inductors (CB series)[CBC]
CBC2016T100K TAIYO-YUDEN-CBC2016T100K Datasheet
362Kb / 3P
   Wire-wound Ferrite Power Inductors LSQN/LSQPA series for General Electronic Equipment
2021/8/3
CBC2016T100K8 TAIYO-YUDEN-CBC2016T100K8 Datasheet
277Kb / 2P
   Wire-wound Chip Power Inductors for Telecommunications Infrastructure and Industrial Equipment / Medical Devices (CB series)[CBC]
More results

Similar Description - CBC2016T

ManufacturerPart #DatasheetDescription
logo
Advanced Analogic Techn...
AAT2315 ANALOGICTECH-AAT2315_07 Datasheet
700Kb / 22P
   Dual 600mA Step-Down Converter with Synchronization
AAT2713 ANALOGICTECH-AAT2713 Datasheet
1Mb / 23P
   Low Noise Dual 600mA Step-Down Converter with Synchronization
logo
Skyworks Solutions Inc.
AAT2514 SKYWORKS-AAT2514 Datasheet
1Mb / 14P
   Dual Channel, 600mA Step-Down Converter
logo
Advanced Analogic Techn...
AAT2514 ANALOGICTECH-AAT2514 Datasheet
311Kb / 16P
   Dual Channel 600mA Step-Down Converter
AAT2514 ANALOGICTECH-AAT2514_08 Datasheet
581Kb / 14P
   Dual Channel 600mA Step-Down Converter
logo
Skyworks Solutions Inc.
AAT1106 SKYWORKS-AAT1106 Datasheet
1Mb / 19P
   600mA Step-Down Converter
logo
Advanced Analogic Techn...
AAT1106 ANALOGICTECH-AAT1106_07 Datasheet
1Mb / 18P
   600mA Step-Down Converter
logo
SiGe Semiconductor, Inc...
AATIAN16 SIGE-AATIAN16 Datasheet
548Kb / 7P
   600mA Step-Down Converter
logo
Kinetic Technologies.
KTB851 KINETIC-KTB851 Datasheet
703Kb / 15P
   600mA Step-Down Converter
April 2019 - Revision 04c
logo
Kingbright Corporation
APW7134 KINGBRIGHT-APW7134 Datasheet
303Kb / 16P
   Dual 1.5MHz, 600mA Synchronous Step-Down Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com