Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AD9265-125EBZ Datasheet(PDF) 5 Page - Analog Devices

Part # AD9265-125EBZ
Description  16-Bit, 125 MSPS/105 MSPS/80 MSPS, 1.8 V Analog-to-Digital Converter
Download  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9265-125EBZ Datasheet(HTML) 5 Page - Analog Devices

  AD9265-125EBZ Datasheet HTML 1Page - Analog Devices AD9265-125EBZ Datasheet HTML 2Page - Analog Devices AD9265-125EBZ Datasheet HTML 3Page - Analog Devices AD9265-125EBZ Datasheet HTML 4Page - Analog Devices AD9265-125EBZ Datasheet HTML 5Page - Analog Devices AD9265-125EBZ Datasheet HTML 6Page - Analog Devices AD9265-125EBZ Datasheet HTML 7Page - Analog Devices AD9265-125EBZ Datasheet HTML 8Page - Analog Devices AD9265-125EBZ Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 45 page
background image
AD9265
Data Sheet
Rev. C | Page 4 of 44
SPECIFICATIONS
ADC DC SPECIFICATIONS
AVDD = 1.8 V, DRVDD = 1.8 V, SVDD = 1.8 V, maximum sample rate, VIN = −1.0 dBFS differential input, 1.0 V internal reference, DCS
enabled, unless otherwise noted.
Table 1.
Parameter
Temp
AD9265BCPZ-801
AD9265BCPZ-1051
AD9265BCPZ-1251
Unit
Min
Typ
Max
Min
Typ
Max
Min
Typ
Max
RESOLUTION
Full
16
16
16
Bits
ACCURACY
No Missing Codes
Full
Guaranteed
Guaranteed
Guaranteed
Offset Error
Full
±0.05
±0.25
±0.05
±0.25
±0.05
±0.25
% FSR
Gain Error
Full
±0.2
±2.5
±0.2
±2.5
±0.4
±2.5
% FSR
Differential Nonlinearity (DNL)2
Full
−1.0
+1.25
−1.0
+1.25
−1.0
+1.25
LSB
25°C
±0.6
±0.65
±0.7
LSB
Integral Nonlinearity (INL)2
Full
±2.5
±3.5
±4.5
LSB
25°C
±1.5
±2.0
±3.0
LSB
TEMPERATURE DRIFT
Offset Error
Full
±2
±2
±2
ppm/°C
Gain Error
Full
±15
±15
±15
ppm/°C
INTERNAL VOLTAGE REFERENCE
Output Voltage Error (1 V Mode)
Full
+8
±12
+8
±12
+8
±12
mV
Load Regulation at 1.0 mA
Full
3
3
3
mV
INPUT REFERRED NOISE
VREF = 1.0 V
25°C
2.17
2.26
2.17
LSB rms
ANALOG INPUT
Input Span, VREF = 1.0 V
Full
22
2
V p-p
Input Capacitance3
Full
88
8
pF
Input Common-Mode Voltage
Full
0.9
0.9
0.9
V
REFERENCE INPUT RESISTANCE
Full
66
6
POWER SUPPLIES
Supply Voltage
AVDD
Full
1.7
1.8
1.9
1.7
1.8
1.9
1.7
1.8
1.9
V
DRVDD
Full
1.7
1.8
1.9
1.7
1.8
1.9
1.7
1.8
1.9
V
SVDD
Full
1.7
3.5
1.7
3.5
1.7
3.5
V
Supply Current
IAVDD2
Full
126
131
169
176
194
202
mA
IDRVDD2
1.8 V CMOS
Full
14
20
24
mA
1.8 V LVDS
Full
43
46
49
mA
POWER CONSUMPTION
DC Input
Full
241
258
323
343
373
392
mW
Sine Wave Input2
DRVDD = 1.8 V
CMOS Output Mode
Full
254
341
394
mW
LVDS Output Mode
Full
308
391
439
mW
Standby Power4
Full
54
54
54
mW
Power-Down Power
Full
0.05
0.15
0.05
0.15
0.05
.015
mW
1 The suffix following the part number refers to the model found in the Ordering Guide section.
2 Measured with a low input frequency, full-scale sine wave, with approximately 5 pF loading on each output bit.
3 Input capacitance refers to the effective capacitance between one differential input pin and AGND.
4 Standby power is measured with a dc input, the CLK pins (CLK+, CLK−) inactive (set to AVDD or AGND).


Similar Part No. - AD9265-125EBZ

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD9265-125EBZ AD-AD9265-125EBZ Datasheet
2Mb / 44P
   16-Bit, 125 MSPS/105 MSPS/80 MSPS 1.8 V Analog-to-Digital Converter
REV. A
More results

Similar Description - AD9265-125EBZ

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD9265 AD-AD9265 Datasheet
2Mb / 44P
   16-Bit, 125 MSPS/105 MSPS/80 MSPS 1.8 V Analog-to-Digital Converter
REV. A
AD9233 AD-AD9233_15 Datasheet
1Mb / 44P
   12-Bit, 80 MSPS/105 MSPS/125 MSPS, 1.8 V Analog-to-Digital Converter
REV. A
AD9233 AD-AD9233 Datasheet
1Mb / 44P
   12-Bit, 80 MSPS/105 MSPS/125 MSPS, 1.8 V Analog-to-Digital Converter
REV. A
AD9246 AD-AD9246 Datasheet
1Mb / 44P
   14-Bit, 80 MSPS/105 MSPS/125 MSPS, 1.8 V Analog-to-Digital Converter
REV. A
AD9246 AD-AD9246_15 Datasheet
1Mb / 44P
   14-Bit, 80 MSPS/105 MSPS/125 MSPS, 1.8 V Analog-to-Digital Converter
REV. A
AD9268 AD-AD9268 Datasheet
2Mb / 44P
   16-Bit, 80 MSPS/105 MSPS/125 MSPS, 1.8 V Dual Analog-to-Digital Converter (ADC)
REV. A
AD9627ABCPZ-125 AD-AD9627ABCPZ-125 Datasheet
2Mb / 76P
   12-Bit, 80 MSPS/105 MSPS/125 MSPS/150 MSPS, 1.8 V Dual Analog-to-Digital Converter
REV. B
AD9258BCPZ-80 AD-AD9258BCPZ-80 Datasheet
2Mb / 44P
   14-Bit, 80 MSPS/105 MSPS/125 MSPS, 1.8 V Dual Analog-to-Digital Converter (ADC)
REV. A
AD9258BCPZRL7-105 AD-AD9258BCPZRL7-105 Datasheet
2Mb / 44P
   14-Bit, 80 MSPS/105 MSPS/125 MSPS, 1.8 V Dual Analog-to-Digital Converter (ADC)
REV. A
AD9650 AD-AD9650 Datasheet
1Mb / 44P
   16-Bit, 25 MSPS/65 MSPS/80 MSPS/105 MSPS, 1.8 V Dual Analog-to-Digital Converter (ADC)
REV. 0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com