Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AAT1154 Datasheet(PDF) 11 Page - Advanced Analogic Technologies

Part # AAT1154
Description  1MHz 3A Buck DC/DC Converter
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ANALOGICTECH [Advanced Analogic Technologies]
Direct Link  http://www.analogictech.com
Logo ANALOGICTECH - Advanced Analogic Technologies

AAT1154 Datasheet(HTML) 11 Page - Advanced Analogic Technologies

Back Button AAT1154 Datasheet HTML 7Page - Advanced Analogic Technologies AAT1154 Datasheet HTML 8Page - Advanced Analogic Technologies AAT1154 Datasheet HTML 9Page - Advanced Analogic Technologies AAT1154 Datasheet HTML 10Page - Advanced Analogic Technologies AAT1154 Datasheet HTML 11Page - Advanced Analogic Technologies AAT1154 Datasheet HTML 12Page - Advanced Analogic Technologies AAT1154 Datasheet HTML 13Page - Advanced Analogic Technologies AAT1154 Datasheet HTML 14Page - Advanced Analogic Technologies AAT1154 Datasheet HTML 15Page - Advanced Analogic Technologies Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 18 page
background image
3 Amp Surface Mount Schottky Diodes
Input Capacitor Selection
The primary function of the input capacitor is to pro-
vide a low impedance loop for the edges of pulsed
current drawn by the AAT1154. A low ESR/ESL
ceramic capacitor is ideal for this function. To mini-
mize the stray inductance the capacitor should be
placed as close as possible to the IC. This also
keeps the high frequency content of the input cur-
rent localized, minimizing the radiated and con-
ducted EMI while facilitating optimum performance
of the AAT1154. The proper placement of the input
capacitor C1 is shown in the layout in figure 1.
Ceramic X5R or X7R capacitors are ideal. The
size required will vary depending on the load, out-
put voltage, and input voltage source impedance
characteristics. Typical values range from 1µF to
10 µF. The input capacitor RMS current varies with
the input voltage and the output voltage. It is high-
est when the input voltage is double the output volt-
age where it is one half of the load current.
A high ESR tantalum with a value about 10 times
the input ceramic capacitor may also be required
when using a 10µF or smaller ceramic input bypass
capacitor. This dampens out any input oscillations
that may occur due to the source inductance res-
onating with the converter input impedance
Output Capacitor
With no external compensation components, the
output capacitor has a strong effect on the loop sta-
bility. Larger output capacitance will reduce the
crossover frequency with greater phase margin. A
200µF ceramic capacitor provides sufficient bulk
capacitance to stabilize the output during large load
transitions and has ESR and ESL characteristics
necessary for very low output ripple. The RMS rip-
ple current is given by
For a ceramic output capacitor the dissipation due
to the RMS current and output ripple associated
with are negligible.
Tantalum capacitors, with sufficiently low ESR to
meet output ripple requirements, generally have an
RMS current rating much greater than that actually
seen in this application. The maximum tantalum
output capacitor ESR is
Where
∆I is the peak to peak inductor ripple current.
Due to the ESR zero associated with the tantalum
capacitor, smaller values than those required with
ceramic capacitors provide more phase margin a
with greater loop crossover frequency.
Layout
Figures 1 and 2 display the suggested PCB layout
for the AAT1154. The following guidelines should
be used to help insure a proper layout.
1. The connection from the input capacitor to the
Schottky anode should be as short as possible.
2. The input capacitor should connect as closely as
possible to VPOWER (pins 5 and 8) and GND (pin 2).
3. C1, L1, and CR1 should be connected as
closely as possible. The connection from the cath-
ode of the Schottky to the LX node should be as
short as possible.
4. The feedback trace (pin 1) should be separate
from any power trace and connect as closely as
possible to the load point. Sensing along a high
current load trace can degrade DC load regulation.
5. The resistance of the trace from the load
return to the gnd (pin 2) should be kept to a mini-
mum. This will help to minimize any error in DC
regulation due to differences in the potential of the
internal reference ground and the load rtn.
6. R1 and C3 are required in order to provide
a cleaner power source for the AAT1154 control
circuitry.
RIPPLE
V
ESR
∆I
()
()
1
23
OUT
FWD
IN
OUT
RMS
IN
VV
V
V
I
LF V
-
··
·
1
O
O
O
RMS
IN
IN
VV
II
VV

=
·
·
-

Diodes Inc.
B340LA
0.45V@3A
ROHM
RB050L-40
0.45@3A
Micro Semi
5820SM
0.46V@3A
AAT1154
1MHz 3A Buck DC/DC Converter
1154.2003.08.0.91
11


Similar Part No. - AAT1154

ManufacturerPart #DatasheetDescription
logo
Advanced Analogic Techn...
AAT1154 ANALOGICTECH-AAT1154 Datasheet
562Kb / 16P
   1MHz 3A Step-Down DC/DC Converter
AAT1154 ANALOGICTECH-AAT1154 Datasheet
449Kb / 16P
   1MHz 3A Step-Down DC/DC Converter
AAT1154IAS-1.0-T1 ANALOGICTECH-AAT1154IAS-1.0-T1 Datasheet
562Kb / 16P
   1MHz 3A Step-Down DC/DC Converter
AAT1154IAS-1.0-T1 ANALOGICTECH-AAT1154IAS-1.0-T1 Datasheet
449Kb / 16P
   1MHz 3A Step-Down DC/DC Converter
AAT1154IAS-1.8-T1 ANALOGICTECH-AAT1154IAS-1.8-T1 Datasheet
562Kb / 16P
   1MHz 3A Step-Down DC/DC Converter
More results

Similar Description - AAT1154

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
AP3441 DIODES-AP3441_V01 Datasheet
776Kb / 13P
   1MHZ, 3A STEP-DOWN DC-DC BUCK CONVERTER
Rev. 3 - 2 September 2019
logo
Advanced Analogic Techn...
AAT1157 ANALOGICTECH-AAT1157 Datasheet
394Kb / 14P
   1MHz 1.2A Buck DC/DC Converter
logo
SiGe Semiconductor, Inc...
AATIAN28 SIGE-AATIAN28 Datasheet
130Kb / 6P
   1MHz 2.5A Buck DC/DC Converter
logo
Advanced Analogic Techn...
AAT1154 ANALOGICTECH-AAT1154_07 Datasheet
449Kb / 16P
   1MHz 3A Step-Down DC/DC Converter
AAT1154 ANALOGICTECH-AAT1154_06 Datasheet
562Kb / 16P
   1MHz 3A Step-Down DC/DC Converter
logo
SiGe Semiconductor, Inc...
AATIAN27 SIGE-AATIAN27 Datasheet
97Kb / 4P
   1MHz 3A Buck DC/DC Switch Mode Regulator
logo
Taiwan Semiconductor Co...
TS2596 TSC-TS2596_13 Datasheet
272Kb / 9P
   3A / 150KHz Buck Dc-Dc Converter
logo
BCD Semiconductor Manuf...
AP3003 BCDSEMI-AP3003 Datasheet
258Kb / 16P
   150kHz 3A BUCK DC-DC CONVERTER
logo
ACE Technology Co., LTD...
ACE2596 ACE-ACE2596 Datasheet
241Kb / 11P
   150KHz 3A Buck DC-DC Converter
VER 1.2
logo
Diodes Incorporated
AP1506 DIODES-AP1506_17 Datasheet
449Kb / 14P
   3A PWM BUCK DC/DC CONVERTER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com