Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AD9261-10EBZ Datasheet(PDF) 8 Page - Analog Devices

Part # AD9261-10EBZ
Description  16-Bit, 10 MHz Bandwidth, 30 MSPS to 160 MSPS Continuous Time Sigma-Delta ADC
Download  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9261-10EBZ Datasheet(HTML) 8 Page - Analog Devices

Back Button AD9261-10EBZ Datasheet HTML 4Page - Analog Devices AD9261-10EBZ Datasheet HTML 5Page - Analog Devices AD9261-10EBZ Datasheet HTML 6Page - Analog Devices AD9261-10EBZ Datasheet HTML 7Page - Analog Devices AD9261-10EBZ Datasheet HTML 8Page - Analog Devices AD9261-10EBZ Datasheet HTML 9Page - Analog Devices AD9261-10EBZ Datasheet HTML 10Page - Analog Devices AD9261-10EBZ Datasheet HTML 11Page - Analog Devices AD9261-10EBZ Datasheet HTML 12Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 29 page
background image
AD9261
Rev. 0 | Page 7 of 28
ABSOLUTE MAXIMUM RATINGS
Table 6.
Parameter
Rating
Electrical
AVDD to AGND
−0.3 V to +2.0 V
DVDD to DGND
−0.3 V to +2.0 V
DRVDD to DGND
−0.3 V to +3.9 V
AGND to DGND
−0.3 V to +0.3 V
AVDD to DRVDD
−3.9 V to +2.0 V
CVDD to CGND
−0.3 V to +2.0 V
CGND to DGND
−0.3 V to +0.3 V
D0 to D15 to DGND
−0.3 V to +2.0 V
DCO to DGND
−0.3 V to +2.0 V
OR to DGND
−0.3 V to +2.0 V
PDWN to GND
−0.3 V to +2.0 V
PLLMULTx to DGND
−0.3 V to +2.0 V
SDIO to DGND
−0.3 V to +3.9 V
CSB to AGND
−0.3 V to +3.9 V
SCLK to AGND
−0.3 V to +3.9 V
VIN+, VIN− to AGND
−0.3 V to +2.5 V
CLK+, CLK− to CGND
−0.3 V to +2.0 V
Environmental
Storage Temperature Range
−65°C to +125°C
Operating Temperature Range
−40°C to +85°C
Lead Temperature (Soldering, 10 Sec)
300°C
Junction Temperature
150°C
Stresses above those listed under Absolute Maximum Ratings
may cause permanent damage to the device. This is a stress
rating only; functional operation of the device at these or any
other conditions above those indicated in the operational
section of this specification is not implied. Exposure to absolute
maximum rating conditions for extended periods may affect
device reliability.
THERMAL RESISTANCE
The exposed paddle must be soldered to the ground plane for
the LFCSP package. Soldering the exposed paddle to the PCB
increases the reliability of the solder joints, maximizing the
thermal capability of the package.
Table 7. Thermal Resistance
Package Type
θJA
θJB
θJC
Unit
48-Lead LFCSP (CP-48-1)
27.7
11.8
1.1
°C/W
Typical θJA and θJC are specified for a 4-layer board in still air.
Airflow increases heat dissipation, effectively reducing θJA. In
addition, metal in direct contact with the package leads from
metal traces, through holes, ground, and power planes reduces
the θJA.
ESD CAUTION


Similar Part No. - AD9261-10EBZ

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD9260 AD-AD9260 Datasheet
572Kb / 36P
   High-Speed Oversampling CMOS ADC with 16-Bit Resolution at a 2.5 MHz Output Word Rate
REV. B
AD9260 AD-AD9260 Datasheet
1Mb / 45P
   High Speed Oversampling CMOS ADC
AD9260-EB AD-AD9260-EB Datasheet
902Kb / 28P
   High Speed ADC USB FIFO Evaluation Kit
REV. 0
AD9260-EB AD-AD9260-EB Datasheet
1Mb / 45P
   High Speed Oversampling CMOS ADC
AD9260AS AD-AD9260AS Datasheet
572Kb / 36P
   High-Speed Oversampling CMOS ADC with 16-Bit Resolution at a 2.5 MHz Output Word Rate
REV. B
More results

Similar Description - AD9261-10EBZ

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD9262 AD-AD9262_17 Datasheet
1Mb / 33P
   30 MSPS to 160 MSPS Dual Continuous Time Sigma-Delta ADC
AD9262 AD-AD9262 Datasheet
1Mb / 32P
   16-Bit, 2.5 MHz/5 MHz/10 MHz, 30 MSPS to 160 MSPS Dual Continuous Time Sigma-Delta ADC
AD9267 AD-AD9267 Datasheet
531Kb / 24P
   10 MHz Bandwidth, 640 MSPS Dual Continuous Time Sigma-Delta Modulator
REV. 0
AD7723 AD-AD7723_15 Datasheet
751Kb / 32P
   16-Bit, 1.2 MSPS CMOS, Sigma-Delta ADC
REV. C
AD7723 AD-AD7723_17 Datasheet
548Kb / 33P
   16-Bit, 1.2 MSPS CMOS, Sigma-Delta ADC
AD7723 AD-AD7723 Datasheet
435Kb / 23P
   16-Bit, 1.2 MSPS CMOS, Sigma-Delta ADC
REV. 0
AD7723BSZ AD-AD7723BSZ Datasheet
751Kb / 32P
   16-Bit, 1.2 MSPS CMOS, Sigma-Delta ADC
REV. C
AD7715 AD-AD7715_15 Datasheet
495Kb / 40P
   16-Bit, Sigma-Delta ADC
REV. D
AD7715 AD-AD7715_17 Datasheet
897Kb / 41P
   16-Bit, Sigma-Delta ADC
AD9460 AD-AD9460 Datasheet
1Mb / 32P
   16-Bit, 80 MSPS/105 MSPS ADC
REV. 0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com