Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

5082-3080 Datasheet(PDF) 1 Page - Advanced Semiconductor

Part # 5082-3080
Description  SILICON PIN DIODE
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ASI [Advanced Semiconductor]
Direct Link  http://www.advancedsemiconductor.com
Logo ASI - Advanced Semiconductor

5082-3080 Datasheet(HTML) 1 Page - Advanced Semiconductor

  5082-3080 Datasheet HTML 1Page - Advanced Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
A D V A N C E D S E M I C O N D U C T O R, I N C.
REV. A
7525 ETHEL AVENUE
• NORTH HOLLYWOOD, CA 91605 • (818) 982-1200 • FAX (818) 765-3004
1/1
Specifications are subject to change without notice.
CHARACTERISTICS TC = 25 °C
SYMBOL
TEST CONDITIONS
MINIMUM TYPICAL MAXIMUM
UNITS
VR
IR = 10
µA
100
V
VF
IF = 100 mA
1.0
V
ττττ
IF = 50 mA
IR = 250 mA
1300
µµµµS
RS
IF = 100 mA
f = 100 MHz
2.5
Ct
VR = 50 V
f = 1.0 MHz
0.4
pF
RH
IF = 10 µA
f =100 MHz
1000
RL
IF = 20 mA
f = 100 MHz
8.0
SILICON PIN DIODE
5082-3080
DESCRIPTION:
The
ASI 5082-3080 PIN Diode is
Designed for Low Power RF Switching
and Attenuating Applications.
MAXIMUM RATINGS
I
250 mA
V
100 V
PDISS
250 mW @ TC = 25 °C
TJ
-65 °C to +150 °C
TSTG
-65 °C to +150 °C
TSOLD
260 °C for 5 sec.
PACKAGE STYLE 15


Similar Part No. - 5082-3080

ManufacturerPart #DatasheetDescription
logo
Agilent(Hewlett-Packard...
5082-3080 HP-5082-3080 Datasheet
41Kb / 4P
   PIN Diodes for RF Switching and Attenuating
logo
New Jersey Semi-Conduct...
5082-3080 NJSEMI-5082-3080 Datasheet
286Kb / 1P
   SILICON PIN DIODE
More results

Similar Description - 5082-3080

ManufacturerPart #DatasheetDescription
logo
Leshan Radio Company
MMBV3700LT1 LRC-MMBV3700LT1 Datasheet
57Kb / 2P
   Silicon Pin Diode
logo
NXP Semiconductors
BAP70-02 PHILIPS-BAP70-02 Datasheet
53Kb / 8P
   Silicon PIN diode
2002 Aug 06
BAP1321-01 PHILIPS-BAP1321-01 Datasheet
75Kb / 7P
   Silicon PIN diode
2001 Nov 01
logo
Siemens Semiconductor G...
BA886 SIEMENS-BA886 Datasheet
26Kb / 2P
   Silicon PIN Diode
logo
NXP Semiconductors
BAP1321-03 PHILIPS-BAP1321-03 Datasheet
66Kb / 7P
   Silicon PIN diode
2004 Feb 17
logo
Vishay Siliconix
S391D VISHAY-S391D Datasheet
45Kb / 3P
   Silicon PIN Diode
Rev. 2, 09-Apr-99
S392D VISHAY-S392D Datasheet
46Kb / 3P
   Silicon PIN Diode
Rev. 2, 09-Apr-99
logo
Leshan Radio Company
BAP65-02 LRC-BAP65-02 Datasheet
108Kb / 2P
   Silicon PIN diode
logo
NXP Semiconductors
BAP64-02 PHILIPS-BAP64-02 Datasheet
53Kb / 8P
   Silicon PIN diode
1999 Sep 21
logo
Quanzhou Jinmei Electro...
BAP70-05_2015 JMNIC-BAP70-05_2015 Datasheet
55Kb / 7P
   Silicon PIN diode
BAP1321-02_2015 JMNIC-BAP1321-02_2015 Datasheet
73Kb / 8P
   Silicon PIN diode
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com