Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

73K324L Datasheet(PDF) 11 Page - List of Unclassifed Manufacturers

Part # 73K324L
Description  CCITT V.22bis, V.22, V.21, V.23, Bell 212A Single-Chip Modem
Download  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

73K324L Datasheet(HTML) 11 Page - List of Unclassifed Manufacturers

Back Button 73K324L Datasheet HTML 7Page - List of Unclassifed Manufacturers 73K324L Datasheet HTML 8Page - List of Unclassifed Manufacturers 73K324L Datasheet HTML 9Page - List of Unclassifed Manufacturers 73K324L Datasheet HTML 10Page - List of Unclassifed Manufacturers 73K324L Datasheet HTML 11Page - List of Unclassifed Manufacturers 73K324L Datasheet HTML 12Page - List of Unclassifed Manufacturers 73K324L Datasheet HTML 13Page - List of Unclassifed Manufacturers 73K324L Datasheet HTML 14Page - List of Unclassifed Manufacturers 73K324L Datasheet HTML 15Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 31 page
background image
73K324L
CCITT V.22bis, V.22, V.21, V.23, Bell 212A
Single-Chip Modem
11
DETECT REGISTER
D7
D6
D5
D4
D3
D2
D1
D0
DR
010
RECEIVE
LEVEL
INDICATOR
S1
PATTERN
DETECT
RECEIVE
DATA
UNSCR.
MARK
DETECT
CARRIER
DETECT
SPECIAL
TONE
DETECT
CALL
PROG.
DETECT
SIGNAL
QUALITY
INDICATOR
BIT NO.
NAME
CONDITION
DESCRIPTION
0
Indicates normal received signal.
D0
Signal
Quality
Indicator
1
Indicates low received signal quality (above average error
rate). Interacts with Special Register SQ bits D2, D1.
0
No call progress tone detected.
D1
Call Progress
Detect
1
Indicates presence of call progress tones. The call
progress detection circuitry is activated by energy in the
normal 350 to 620 Hz call progress band.
0
Condition not detected
1
Condition detected
CR0
D0
TR
D0 CR2
D5
1
0
1
2225 Hz ±10 Hz answer tone detected in V.22bis, V.22
modes.
1
1
1
2100 Hz ±21 Hz answer tone detected in V.22bis, V.22
modes.
0
X
0
900 Hz SCT tone detected in V.23 mode.
D2
Special Tone
Detect
1
X
0
2100 Hz or 2225 Hz answer tone detected in QAM,
DPSK mode.
0
No carrier detected in the receive channel.
D3
Carrier
Detect
1
Indicated carrier has been detected in the received
channel. Should be time qualified by software.
0
No unscrambled mark being received.
D4
Unscr.
Mark
Detect
1
Indicates detection of unscrambled marks in the received
data. Should be time qualified by software.
Continuously outputs the received data stream.
D5
Receive Data
This data is the same as that output on the RXD pin, but
it is not disabled when RXD is tri-stated.
0
No S1 pattern being received.
D6
S1
Pattern
Detect
1
S1
pattern
detected.
Should
be
time
qualified
by
software.
S1
is
an
unscrambled
double
dibit
(11001100...) sent in DPSK 1200 bit/s mode. Generated
pattern must be properly aligned to transmitter baud clock
to be detected.
D7
Receive
Level
Indicator
0
Received signal level below threshold, (
≈ -25 dBm0);can
use receive gain boost (+18 dB)
1
Received signal above threshold.


Similar Part No. - 73K324L

ManufacturerPart #DatasheetDescription
logo
TDK Electronics
73K324L TDK-73K324L Datasheet
273Kb / 26P
   V.22, V.21, Bell 212A, Bell 103 Single-Chip Modem with Integrated Hybrid
logo
Teridian Semiconductor ...
73K324L TERIDIAN-73K324L Datasheet
244Kb / 30P
   Single-Chip Modem
73K324L-28IH/F TERIDIAN-73K324L-28IH/F Datasheet
244Kb / 30P
   Single-Chip Modem
73K324L-28IHR/F TERIDIAN-73K324L-28IHR/F Datasheet
244Kb / 30P
   Single-Chip Modem
More results

Similar Description - 73K324L

ManufacturerPart #DatasheetDescription
logo
TDK Electronics
73K224L TDK-73K224L Datasheet
206Kb / 32P
   V.22bis/V.22/V.21/ Bell 212A/Bell 103 Single-Chip Modem
logo
Mitel Networks Corporat...
MT35212A MITEL-MT35212A Datasheet
200Kb / 5P
   BELL 212A/CCITT V.22 Modem Filter
logo
TDK Electronics
73K222AL TDK-73K222AL Datasheet
160Kb / 28P
   V.22, V.21, Bell 212A, 103 Single-Chip Modem
73K322L TDK-73K322L Datasheet
288Kb / 30P
   CCITT V.23, V.22, V.21 Single-Chip Modem
73K321L TDK-73K321L Datasheet
140Kb / 24P
   CCITT V.23, V.21 Single-Chip Modem
73K222BL TDK-73K222BL Datasheet
273Kb / 26P
   V.22, V.21, Bell 212A, Bell 103 Single-Chip Modem with Integrated Hybrid
logo
CML Microcircuits
CMX644A CMLMICRO-CMX644A Datasheet
1Mb / 34P
   V.22 and Bell 212A Modem
logo
Zarlink Semiconductor I...
MT3530 ZARLINK-MT3530 Datasheet
584Kb / 13P
   BELL 103/V.21 SINGLE CHIP MODEM
logo
Teridian Semiconductor ...
73M2901CE TERIDIAN-73M2901CE_V01 Datasheet
525Kb / 27P
   V.22bis Single Chip Modem
January 2010
logo
CML Microcircuits
CMX624 CMLMICRO-CMX624 Datasheet
707Kb / 26P
   V.23 / Bell 202 Modem
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com