Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SA58643 Datasheet(PDF) 9 Page - NXP Semiconductors

Part # SA58643
Description  Excellent overload capability
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

SA58643 Datasheet(HTML) 9 Page - NXP Semiconductors

Back Button SA58643 Datasheet HTML 5Page - NXP Semiconductors SA58643 Datasheet HTML 6Page - NXP Semiconductors SA58643 Datasheet HTML 7Page - NXP Semiconductors SA58643 Datasheet HTML 8Page - NXP Semiconductors SA58643 Datasheet HTML 9Page - NXP Semiconductors SA58643 Datasheet HTML 10Page - NXP Semiconductors SA58643 Datasheet HTML 11Page - NXP Semiconductors SA58643 Datasheet HTML 12Page - NXP Semiconductors SA58643 Datasheet HTML 13Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 16 page
background image
SA58643_1
© NXP B.V. 2006. All rights reserved.
Product data sheet
Rev. 01 — 20 November 2006
9 of 16
NXP Semiconductors
SA58643
Single-Pole Double-Throw (SPDT) switch
The SA58643DP evaluation demo board (see Figure 19b. SA58643 board layout)
provides a stable RF layout. The demo circuit (see Figure 19a. Evaluation board
schematic) is constructed on 2-layer, 1-ounce copper, FR4 PCB material. The overall
thickness is 0.062 inches and has a dielectric constant,
εr of 4.6. The transmission lines
are modeled for coplanar waveguide with both top and bottom ground. The 50
transmission line width is 1.388 mm, the gap from transmission line to top ground plane is
0.254 mm, and the dielectric thickness is 1.499 mm. To facilitate grounding, and support
low inductance ground returns, the top and bottom grounds are connected by
through-hole vias that are equal in diameter to the thickness of the PCB.
The top view in Figure 19b shows the placement of the circuit components. The RF input
(pin 4) is connected via a 50
Ω transmission line to a SMA connector. Symmetrical 50 Ω
transmission lines connect OUT1 and OUT2 (pins 5 and 8) to SMA connectors at
Outputs 1 and 2. A 50
Ω through-transmission line is provided as a calibration standard.
The outputs are selected via the DC logic level on ENCH1 (pin 2). Logic 1 level enables
Output1 (that is, connects it to the common RF input); Logic 0 enables Output2. The
positive supply, VDD (pin 1) and AC_GND (pin 7) are decoupled using 100 nF,
0805 ceramic chip capacitors to ground.
13.2 Application examples
The SA58643 is a very versatile part and can be used in many applications. Figure 20
shows a block diagram of a typical digital RF transceiver front-end. In this application the
SA58643 replaces the duplexer which is typically very bulky and lossy. Due to the low
power consumption of the device, it is ideally suited for handheld applications such as in
CT2 cordless telephones. The SA58643 can also be used to generate Amplitude Shift
Keying (ASK) or On-Off Keying (OOK), and Frequency Shift Keying (FSK) signals for
digital RF communications systems. Block diagrams for these applications are shown in
Figure 21 and Figure 22, respectively.
For applications that require a higher isolation at 1 GHz than obtained from a single
SA58643, several SA58643s can be cascaded as shown in Figure 23. The cascaded
configuration will have a higher loss, but greater than 35 dB of isolation at 1 GHz and
greater than 65 dB at 500 MHz can be obtained from this configuration. The isolation and
matching of the two channels over frequency is shown in Figure 9 and Figure 10,
respectively. By modifying the enable control, an RF multiplexer/demultiplexer or antenna
selector can be constructed. The simplicity of the SA58643 coupled with its ease of use
and high performance lends itself to many innovative applications.
The SA58643 switch terminates the OFF channel in 50
Ω. The 50 Ω resistor is internal
and is in series with the external AC bypass capacitor. Matching to impedances other than
50
Ω can be achieved by adding a resistor in series with the AC bypass capacitor (that is,
25
Ω additional to match to a 75 Ω environment).


Similar Part No. - SA58643

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
SA58640 PHILIPS-SA58640 Datasheet
396Kb / 16P
   Low-voltage mixer FM IF system
Rev. 01-1 November 2004
SA58640DK PHILIPS-SA58640DK Datasheet
396Kb / 16P
   Low-voltage mixer FM IF system
Rev. 01-1 November 2004
SA58641 PHILIPS-SA58641 Datasheet
179Kb / 17P
   High performance mixer FM IF system with high-speed RSSI
2004 Dec 16
SA58641DK PHILIPS-SA58641DK Datasheet
179Kb / 17P
   High performance mixer FM IF system with high-speed RSSI
2004 Dec 16
SA58646 NXP-SA58646 Datasheet
215Kb / 42P
   UHF 900 MHz transceiver IC
Rev. 01-8 February 2007
More results

Similar Description - SA58643

ManufacturerPart #DatasheetDescription
logo
TT Electronics.
SQP TTELEC-SQP Datasheet
330Kb / 3P
   High overload capability
logo
Shanghai Semitech Semic...
SM8SXXA SEMITECH-SM8SXXA Datasheet
434Kb / 4P
   Excellent clamping capability
3KP SEMITECH-3KP Datasheet
500Kb / 4P
   Excellent clamping capability
logo
Micro Commercial Compon...
ESDLC5V0D9-TP MCC-ESDLC5V0D9-TP Datasheet
413Kb / 3P
   Excellent clamping capability
logo
Shanghai Leiditech Elec...
SM5K58CC LEIDITECH-SM5K58CC Datasheet
501Kb / 4P
   Excellent clamping capability
logo
Sangdest Microelectroni...
SMAJ SMC-SMAJ Datasheet
426Kb / 7P
   Excellent Clamping Capability
logo
Shanghai Semitech Semic...
AK10 SEMITECH-AK10 Datasheet
101Kb / 2P
   Excellent clamping capability
P6SMB440CA SEMITECH-P6SMB440CA Datasheet
195Kb / 6P
   Excellent clamping capability
logo
Sangdest Microelectroni...
SMCJ SMC-SMCJ Datasheet
416Kb / 6P
   Excellent Clamping Capability
logo
Unisonic Technologies
SMDJXXAL-SMC-R UTC-SMDJXXAL-SMC-R Datasheet
202Kb / 4P
   Excellent clamping capability
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com