Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PACVGA201QR Datasheet(PDF) 5 Page - ON Semiconductor

Part # PACVGA201QR
Description  VGA Port Companion Circuit
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

PACVGA201QR Datasheet(HTML) 5 Page - ON Semiconductor

  PACVGA201QR Datasheet HTML 1Page - ON Semiconductor PACVGA201QR Datasheet HTML 2Page - ON Semiconductor PACVGA201QR Datasheet HTML 3Page - ON Semiconductor PACVGA201QR Datasheet HTML 4Page - ON Semiconductor PACVGA201QR Datasheet HTML 5Page - ON Semiconductor PACVGA201QR Datasheet HTML 6Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
PACVGA201
http://onsemi.com
5
APPLICATION INFORMATION
Figure 1. Typical Connection Diagram
11
GND
H−Sync
V−Sync
DDC_Data
DDC_Clk
Red
Green
Blue
H−Sync
V−Sync
DDC_Data
DDC_Clk
Red
Green
Blue
SYNC_IN1
SYNC_IN2
DDC_OUT2
DDC_OUT1
VIDEO_1
VIDEO_2
VIDEO_3
SYNC_OUT1
SYNC_OUT2
GND
PWR_UP
PACVGA201
13
10
9
3
4
5
28
1
6
7
12
14
To Video
DAC VCC
5 V
0.2 mF 0.2 mF
VF** − VIDEO EMI Filter
SF** − SYNC EMI Filter
VCC1
VCC2
VCC3
15
16
0.2 mF
SD1
SD2
A resistor may be necessary between the VCC2 pin and ground if protection against a stream of ESD pulses is required while
the PACVGA201 is in the power−down state. The value of this resistor should be chosen such that the extra charge deposited
into the VCC2 bypass capacitor by each ESD pulse will be discharged before the next ESD pulse occurs. The maximum ESD
repetition rate specified by the IEC−61000−4−2 standard is one pulse per second. When the PACVGA201 is in the power−up
state, an internal discharge resistor is connected to ground via a FET switch for this purpose.
For the same reason, VCC1 and VCC3 may also require bypass capacitor discharging resistors to ground if there are no other
components in the system to provide a discharge path to ground.


Similar Part No. - PACVGA201QR

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
PACVGA201QR ONSEMI-PACVGA201QR Datasheet
99Kb / 8P
   VGA Port Companion Circuit
May 2010 Rev. 3
More results

Similar Description - PACVGA201QR

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
PACVGA201 ONSEMI-PACVGA201 Datasheet
99Kb / 8P
   VGA Port Companion Circuit
May 2010 Rev. 3
logo
Unisonic Technologies
CCVGA7C5 UTC-CCVGA7C5 Datasheet
181Kb / 6P
   VGA PORT COMPANION CIRCUIT
logo
California Micro Device...
PACVGA203 CALMIRCO-PACVGA203 Datasheet
177Kb / 8P
   VGA Port Companion Circuit
PACVGA200 CALMIRCO-PACVGA200 Datasheet
131Kb / 3P
   VGA PORT COMPANION CIRCUIT
CM2009 CALMIRCO-CM2009 Datasheet
116Kb / 6P
   VGA Port Companion Circuit
logo
ON Semiconductor
PACVGA200 ONSEMI-PACVGA200_11 Datasheet
167Kb / 8P
   VGA Port Companion Circuit
October, 2011 ??Rev. 3
logo
California Micro Device...
PACVGA201 CALMIRCO-PACVGA201 Datasheet
129Kb / 3P
   VGA PORT COMPANION CIRCUIT
PACVGA105 CALMIRCO-PACVGA105 Datasheet
91Kb / 6P
   VGA Port Companion Circuit
logo
ON Semiconductor
PACVGA200 ONSEMI-PACVGA200 Datasheet
129Kb / 10P
   VGA Port Companion Circuit
May 2010 Rev. 2
CM2009 ONSEMI-CM2009 Datasheet
140Kb / 6P
   VGA Port Companion Circuit
May, 2012 ??Rev. 5
PACVGA105 ONSEMI-PACVGA105_11 Datasheet
120Kb / 6P
   VGA Port Companion Circuit
October, 2011 ??Rev. 3
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com