Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

2SK3342 Datasheet(PDF) 2 Page - Toshiba Semiconductor

Part # 2SK3342
Description  TOSHIBA Field Effect Transistor Silicon N Channel MOS Type (MOSV)
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

2SK3342 Datasheet(HTML) 2 Page - Toshiba Semiconductor

  2SK3342 Datasheet HTML 1Page - Toshiba Semiconductor 2SK3342 Datasheet HTML 2Page - Toshiba Semiconductor 2SK3342 Datasheet HTML 3Page - Toshiba Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
2SK3342
2002-01-25
2
Electrical Characteristics (Ta = 25°C)
Characteristics
Symbol
Test Condition
Min
Typ.
Max
Unit
Gate leakage current
IGSS
VGS = ±16 V, VDS = 0 V
±10
µA
Drain cut−off current
IDSS
VDS = 250 V, VGS = 0 V
100
µA
Drain−source breakdown voltage
V (BR) DSS
ID = 10 mA, VGS = 0 V
250
V
Gate threshold voltage
Vth
VDS = 10 V, ID = 1 mA
1.5
3.5
V
Drain−source ON resistance
RDS (ON)
VGS = 10 V, ID = 2.5 A
0.8
1.0
Forward transfer admittance
|Yfs|
VDS = 10 V, ID = 2.5 A
2.0
4.5
S
Input capacitance
Ciss
440
Reverse transfer capacitance
Crss
35
Output capacitance
Coss
VDS = 10 V, VGS = 0 V, f = 1 MHz
120
pF
Rise time
tr
15
Turn−on time
ton
20
Fall time
tf
15
Switching time
Turn−off time
toff
60
ns
Total gate charge (Gate−source
plus gate−drain)
Qg
10
Gate−source charge
Qgs
6
Gate−drain (“miller”) charge
Qgd
VDD ≈ 100 V, VGS = 10 V, ID = 4.5 A
4
nC
Source−Drain Ratings and Characteristics (Ta = 25°C)
Characteristics
Symbol
Test Condition
Min
Typ.
Max
Unit
Continuous drain reverse current
(Note 1)
IDR
4.5
A
Pulse drain reverse current
(Note 1)
IDRP
18
A
Forward voltage (diode)
VDSF
IDR = 4.5 A, VGS = 0 V
−2.0
V
Reverse recovery time
trr
110
ns
Reverse recovery charge
Qrr
IDR = 4.5 A, VGS = 0 V
dIDR / dt = 100 A / µs
0.47
µC
Marking


Similar Part No. - 2SK3342

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
2SK3342 TOSHIBA-2SK3342 Datasheet
249Kb / 6P
   Silicon N Channel MOS Type Switching Regulator and DC-DC Converter Applications Motor Drive Applications
2SK3342 TOSHIBA-2SK3342 Datasheet
238Kb / 6P
   Switching Regulator and DC-DC Converter Applications Motor Drive Applications
2SK3342 TOSHIBA-2SK3342 Datasheet
1Mb / 73P
   Bipolar Small-Signal Transistors
2SK3342 TOSHIBA-2SK3342_07 Datasheet
249Kb / 6P
   Silicon N Channel MOS Type Switching Regulator and DC-DC Converter Applications Motor Drive Applications
2SK3342 TOSHIBA-2SK3342_10 Datasheet
238Kb / 6P
   Switching Regulator and DC-DC Converter Applications Motor Drive Applications
More results

Similar Description - 2SK3342

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
2SK3130 TOSHIBA-2SK3130 Datasheet
203Kb / 6P
   TOSHIBA Field Effect Transistor Silicon N Channel MOS Type (?-MOSV)
2SK3310 TOSHIBA-2SK3310 Datasheet
234Kb / 6P
   TOSHIBA Field Effect Transistor Silicon N Channel MOS Type (PI-MOSV)
2SK3471 TOSHIBA-2SK3471 Datasheet
104Kb / 3P
   TOSHIBA Field Effect Transistor Silicon N Channel MOS Type (PIE-MOSV)
2SK3314 TOSHIBA-2SK3314 Datasheet
263Kb / 6P
   TOSHIBA Field Effect Transistor Silicon N Channel MOS Type (PI-MOSV)
2SK3407 TOSHIBA-2SK3407 Datasheet
230Kb / 6P
   TOSHIBA Field Effect Transistor Silicon N Channel MOS Type (PIE-MOSV)
2SK3543 TOSHIBA-2SK3543 Datasheet
234Kb / 6P
   TOSHIBA Field Effect Transistor Silicon N Channel MOS Type (PIE-MOSV)
2SK3374 TOSHIBA-2SK3374 Datasheet
227Kb / 6P
   TOSHIBA Field Effect Transistor Silicon N Channel MOS Type (pi-MOSV)
2SJ567(TE16L1,NQ) TOSHIBA-2SJ567(TE16L1,NQ) Datasheet
182Kb / 6P
   TOSHIBA Field Effect Transistor Silicon P-Channel MOS Type (-MOSV)
2SJ567 TOSHIBA-2SJ567_09 Datasheet
184Kb / 6P
   TOSHIBA Field Effect Transistor Silicon P-Channel MOS Type (MOSV)
2SK2312 TOSHIBA-2SK2312_06 Datasheet
715Kb / 6P
   TOSHIBA Field Effect Transistor Silicon N Channel MOS Type (L2−??MOSV)
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com