Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AA60S1500A Datasheet(PDF) 6 Page - Delta Electronics, Inc.

Part # AA60S1500A
Description  60W Single AC/DC Power Module
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DELTA [Delta Electronics, Inc.]
Direct Link  http://www.deltaww.com
Logo DELTA - Delta Electronics, Inc.

AA60S1500A Datasheet(HTML) 6 Page - Delta Electronics, Inc.

  AA60S1500A Datasheet HTML 1Page - Delta Electronics, Inc. AA60S1500A Datasheet HTML 2Page - Delta Electronics, Inc. AA60S1500A Datasheet HTML 3Page - Delta Electronics, Inc. AA60S1500A Datasheet HTML 4Page - Delta Electronics, Inc. AA60S1500A Datasheet HTML 5Page - Delta Electronics, Inc. AA60S1500A Datasheet HTML 6Page - Delta Electronics, Inc.  
Zoom Inzoom in Zoom Outzoom out
 6 / 6 page
background image
DS_AA60S_06172014
E-mail: DCDC@delta.com.tw
http://www.deltaww.com/dcdc
P6
Part Numbering System
A
A
60
S
15
00
A
Product typ
Family series
Watt
Number of
Outputs
Output
Voltage I
Output
Voltage II
Option Code
AC/DC Power
Module
Industrial
application
60 - 60W
S - Single
05 - 5.1V
00 - not
applicable
A - PCB Mount
12 - 12V
C - Chassis Mount
15 - 15V
D - Din Rail Mount
24 - 24V
36 - 36V
48 - 48V
CONTACT: www.deltaww.com/dcdc
USA:
Telephone:
East Coast: 978-656-3993
West Coast: 510-668-5100
Fax: (978) 656 3964
Email: DCDC@delta-corp.com
Europe:
Phone: +31-20-655-0967
Fax: +31-20-655-0999
Email: DCDC@delta-es.com
Asia & the rest of world:
Telephone: +886 3 4526107
ext 6220~6224
Fax: +886 3 4513485
Email: DCDC@delta.com.tw
WARRANTY
Delta offers a three(3) years limited warranty. Complete warranty information is listed on our web site or is available upon request
from Delta.
Information furnished by Delta is believed to be accurate and reliable. However, no responsibility is assumed by Delta for its use, nor
for any infringements of patents or other rights of third parties, which may result from its use. No license is granted by implication or
otherwise under any patent or patent rights of Delta. Delta reserves the right to revise these specifications at any time, without notice


Similar Part No. - AA60S1500A

ManufacturerPart #DatasheetDescription
logo
Delta Electronics, Inc.
AA60S1500A DELTA-AA60S1500A Datasheet
381Kb / 7P
   60W Single AC/DC Power Module
More results

Similar Description - AA60S1500A

ManufacturerPart #DatasheetDescription
logo
Delta Electronics, Inc.
AA60S0500A DELTA-AA60S0500A Datasheet
381Kb / 7P
   60W Single AC/DC Power Module
logo
Minmax Technology Co., ...
AZF-60 MINMAX-AZF-60_16 Datasheet
369Kb / 4P
   AC/DC Power Module 60W
AYM-60 MINMAX-AYM-60_16 Datasheet
565Kb / 5P
   AC/DC Power Module 60W, Industrial & Medical Safety
MRWI60C MINMAX-MRWI60C_15 Datasheet
720Kb / 6P
   DC/DC Power Module 60W
logo
Delta Electronics, Inc.
AB60S DELTA-AB60S Datasheet
393Kb / 5P
   AC/DC Power Module 60W, Industrial & Medical Safety
logo
Minmax Technology Co., ...
AZF-60 MINMAX-AZF-60_13 Datasheet
2Mb / 4P
   AC/DC Power Module 60W Fully encapsulated Plastic Case
logo
MicroPower Direct, LLC
MPE-60S MPD-MPE-60S Datasheet
229Kb / 2P
   Single Output, 60W Compact, Enclosed AC/DC Power Supplies
logo
Total Power Internation...
T-60 TOTAL-POWER-T-60 Datasheet
34Kb / 1P
   T60 AC-DC 60W POWER SUPPLY
logo
Mean Well Enterprises C...
GSM60 MEANWELL-GSM60 Datasheet
249Kb / 2P
   60W AC-DC Single Output Medical Type
logo
MORNSUN Science& Techno...
LH60-20B05 MORNSUN-LH60-20B05 Datasheet
615Kb / 5P
   60W,AC-DC CONVERTER
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com